Part Number Hot Search : 
50397 CD4748A O55CC 980908 SB320H WS075200 MTN1136 AN6454SH
Product Description
Full Text Search
 

To Download FBR745 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
7.5 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
2 Case
FBR735 . . . 745 Series
Description
JEDEC T0-220AC
1 3
Features
n HIGH CURRENT CAPABILITY WITH LOW VF n SUPERIOR METAL PROCESS n HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION n MEETS UL SPECIFICATION 94V-0
FBR735 . . . 745 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IF(av) @ TC = 110C Repetitive Peak Forward Surge Current...IFM Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 1/2 Wave, Single Phase, 60Hz Voltage Rate of Change at Rated VR...DV /DT Operating Temperature Range...TJ Storage Temperature Range...TSTRG Electrical Characteristics Maximum Forward Voltage...VF @ IF = 15 Amps, 25C @ IF = 15 Amps, 125C @ IF = 7.5 Amps, 125C Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage TL = 25C TL = 125C FBR735 35 35 35 24 FBR740 40 40 40 28 FBR745 45 45 45 31
Units
Volts Volts Volts Volts Amps Amps Amps
............................................. 7.5 ............................................... ............................................. 1 5 ............................................... ............................................. 150 ............................................... ......................................... 1000
.......................................... Volts/s C C
......................................... -65 to 150 .......................................... ......................................... -65 to 175 ..........................................
......................................... ......................................... .........................................
.84 .72 .57
.......................................... .......................................... ..........................................
Volts Volts Volts
............................................. 2.0 ............................................... mAmps ............................................. 1 5 ............................................... mAmps
Page 7-10
Data Sheet
7.5 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Reverse Characteristics
TJ = 150oC
Forward Current Derating Curve Average Forward Current (A) Reverse Current (mA)
TJ = 125oC TJ = 100oC TJ = 75oC
TJ = 25oC
Case Temperature ( oC) Forward Power Dissipation
Reverse Voltage (V) Typical Forward Characteristics
Average Forward Current (A) Electrical Description Case Cathode, No Suffix Required 1 2 Case 1
Forward Current (A)
Power (W)
Forward Voltage (V)
Case Anode, Use Suffix "R" 2 Case
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
3
3
Page 7-11
FBR735. . . 745 Series


▲Up To Search▲   

 
Price & Availability of FBR745

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X