Part Number Hot Search : 
MAX9326 BTA26 BZT52C5 LM393 LM18X12 MC100B 2405E2 TSCDA22L
Product Description
Full Text Search
 

To Download FBR2560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
25 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
2 CASE
FBR2530 . . . 2560 Series
Description
Case 1 3 1 1 2 3 3 2 CASE
Common Anode Suffix A
JEDEC T0-220AB
Common Cathode Suffix C
Features
n HIGH CURRENT CAPABILITY WITH LOW VF n HIGH EFFICIENCY w/LOW POWER LOSS n HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION n MEETS UL SPECIFICATION 94V-0
FBR2530 . . . 2560 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...Io Tc = 110C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, Sinosoidal Wave, 60Hz, 1 Cycle, TJ = 125C Operating Temperature Range...TJ Storage Temperature Range...TSTRG Electrical Characteristics Maximum Forward Voltage @ 12.5 A...VF Maximum DC Reverse Current (@ VR = VRM)...IR @ Rated DC Blocking Voltage Thermal Resistance, Junction to Case...RJC Page 7-32 < .................................. .55 ................................. >< .... .65 ... > FBR2530 30 30 30 FBR2535 35 35 35 FBR2540 40 40 40 FBR2545 45 45 45 FBR2560 60 60 60
Units
Volts Volts Volts Amps Amps
............................................. 2 5 ............................................... ............................................. 250 ...............................................
......................................... -40 to 125 .......................................... ......................................... + 125 ..........................................
C C
Volts
............................................. 3.0 ............................................... mAmps ............................................. 1.5 ............................................... C / W
Data Sheet
25 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Reverse Characteristics
TJ = 125oC
Forward Current Derating Curve Average Forward Current (A) Reverse Current (mA)
Square Wave Duty Cycle 50 % Sine Wave
TJ = 100oC TJ = 75oC
Case Temperature (oC) Forward Power Dissipation Average Forward Power (W)
Sine Wave
Reverse Voltage (V) Typical Forward Characteristics
Square Wave Duty Cycle 50 %
Average Forward Current (A)
Forward Current (A)
Forward Voltage (V)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Page 7-33
FBR2530. . . 2560 Series


▲Up To Search▲   

 
Price & Availability of FBR2560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X