Part Number Hot Search : 
BA103 7C126 BDR2G PT2300 HCF4068 X16245 C5022 2SC3354
Product Description
Full Text Search
 

To Download FBR2510W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBR2500W - FBR2510W
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
FAST RECOVERY BRIDGE RECTIFIERS BR50W
0.732 (18.6) 0.692 (17.5)
1.130 (28.7) 1.120 (28.4)
0.470 (11.9) 0.430 (10.9)
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency * Weight : 15.95 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.042 (1.06) 0.038 (0.96)
0.21 (5.3) 0.20 (5.1)
1.2 (30.5) MIN. 0.310 (7.87) 0.280(7.11)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage drop per Diode at IF = 12.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) Trr RJC TJ TSTG
2
FBR FBR FBR FBR FBR FBR FBR 2500W 2501W 2502W 2504W 2506W 2508W 2510W
UNIT
V V V A A AS V A A
2
50 35 50
100 70 100
200 140 200
400 280 400 25 300 375 1.3 10 200
600 420 600
800 560 800
1000 700 1000
Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance per diode (Note 2) Operating Junction Temperature Range Storage Temperature Range
150 1.45
250 - 50 to + 150 - 50 to + 150
500
ns C/W C C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal Resistance from junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm.x 15.2cm.x 12.4cm.) Al.-Finned Plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( FBR2500W - FBR2510W )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A
SET TIME BASE FOR 50/200 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
25
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
Tc = 55 C 240
20
15
180
10
120
5 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
60
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
100
NUMBER OF CYCLES AT 60Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10 TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1 TJ = 25 C
Pulse W idth = 300 s 2% Duty Cycle 0.1 TJ = 25 C
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of FBR2510W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X