Part Number Hot Search : 
36150 KAL25 39000 TSH22I 90110 D6025 2SC397 PSUH95
Product Description
Full Text Search
 

To Download FBR2090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
20 Amp HV SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
JEDEC T0-220AB
.14 .10 .39 .42 .100 .50 .25 .620 .225 Min
FBR2090 . . . 20100 Series
Description
Features
n HIGH CURRENT CAPABILITY WITH LOW VF n HIGH EFFICIENCY w/LOW POWER LOSS n HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Pulse Test 0.5 mS, Duty Cycle 1/40 Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...Io TC = 110C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, Sinosoidal Wave, 60HZ, 1 Cycle, TJ = 125C Forward Voltage...VF @ IF = 10 Amps @ IF = 20 Amps DC Reverse Current (@ VR = VRM)...IR @ Rated DC Blocking Voltage Thermal Resistance, Junction to Case...RJC Operating Temperature Range...TJ Storage Temperature Range...TSTRG
FBR2090 . . . 20100 Series FBR2090 90 90 90 FBR20100 100 100 100
Units
Volts Volts Volts Amps Amps
............................................. 2 0 ............................................... ............................................. 1 2 0 ...............................................
............................................. .85 ............................................... ............................................. .95 ...............................................
Volts Volts
............................................. .15 ............................................... mAmps ............................................. 1.5 ............................................... ......................................... -40 to 125 .......................................... ......................................... + 125 .......................................... C / W C C
Page 7-30
Data Sheet
20 Amp HV SCHOTTKY BARRIER RECTIFIERS
Common Cathode, Suffix "C" 1 2 Case
3
Forward Current Derating Curve Reverse Current (mA)
Typical Reverse Characteristics
Amps
Case Temperature (oC) Maximum Surge Capacity Forward Current (Amps)
Reverse Voltage (Volts) Forward Characteristics
IFSM (Amps)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Number of cycles @ 60 Hz NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Case, Jedec Method. 3. When Mounted to heat sink, from body.
Forward Voltage (Volts)
For Capacitive Load, Derate Current by 20%.
Page 7-31
FBR2090. . . 20100 Series


▲Up To Search▲   

 
Price & Availability of FBR2090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X