Part Number Hot Search : 
R34XX SMC10 00M63X 20UG5051 29C02 ZL3V3B DP2110 20EIB
Product Description
Full Text Search
 

To Download FBR2045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
20 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
2 CASE
FBR2030 . . . 2045 Series
Description
Case 1 3 1 1 2 3 3 2 CASE
Common Anode Suffix A Common Cathode Suffix C
JEDEC T0-220AB
Features
n HIGH CURRENT CAPABILITY WITH LOW VF n HIGH EFFICIENCY w/LOW POWER LOSS n HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION n MEETS UL SPECIFICATION 94V-0
FBR2030 . . . 2045 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Pulse Test 0.5 ms, Duty Cycle 1/40 Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...Io @ Tc = 110C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, Sinosoidal Wave, 60Hz, 1 Cycle, TJ = 125C Operating Temperature Range...TJ Storage Temperature Range...TSTRG Electrical Characteristics Maximum Forward Voltage @ 10 A...VF Maximum DC Reverse Current (@ VR = VRM)...IR @ Rated DC Blocking Voltage Thermal Resistance, Junction to Case...RJC Page 7-28 ............................................. .55 ............................................... FBR2030 30 30 30 FBR2035 35 35 35 FBR2040 40 40 40 FBR2045 45 45 45
Units
Volts Volts Volts Amps Amps
............................................. 2 0 ............................................... ............................................. 250 ...............................................
......................................... -40 to 125 .......................................... ......................................... + 125 ..........................................
C C
Volts
............................................. 3.0 ............................................... mAmps ............................................. 1.5 ............................................... C / W
Data Sheet
20 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Reverse Characteristics
Forward Current Derating Curve Average Forward Current (A) Reverse Current (mA)
Case Temperature ( oC) Maximum Surge Capacity Peak Forward Surge Current (A)
Reverse Voltage (V) Typical Forward Characteristics
Forward Current (A)
Number of cycles @ 60 Hz
Forward Voltage (V)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Page 7-29
FBR2030. . . 2045 Series


▲Up To Search▲   

 
Price & Availability of FBR2045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X