Part Number Hot Search : 
AD7399 RLPBF PCM1740E 80T05 SC140 UGN314 11N60 05M03
Product Description
Full Text Search
 

To Download FBR1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
16 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
JEDEC T0-220AC
.200 .107 .150 .350 .240
FBR1650&1660
Description
.390
Features
n HIGH CURRENT CAPABILITY WITH LOW VF n HIGH EFFICIENCY w/LOW POWER LOSS n HIGH SURGE VOLTAGE AND TRANSIENT PROTECTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) @ TC = 125C Repetitive Peak Forward Surge Current...IFM TC = 125C (Rated VR, Square Wave, 20KHZ)
FBR1650 & 1660 FBR1650 50 50 50 FBR1660 60 60 60
Units Volts Volts Volts Amps Amps Amps Amps
............................................. 1 6 ............................................... ............................................. 3 2 ...............................................
............................................. 1 5 0 ............................................... Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 8.3mS, 1/2 Sine Wave, Jedec Method ............................................. 0.5 ............................................... Repetitive Peak Reverse Surge Current...IRSM @ 2uS PW, F = 1.0 KHZ Forward Voltage...VF Per Leg @ IF = 16 Amps, 25C Per Leg, 300uS, 2% Duty Cycle @ IF = 16 Amps, 125C DC Reverse Current (@ VR = VRM)...IR @ Rated DC Blocking Voltage TC = 25C TC =125C Thermal Resistance, Junction to Case...RJC Voltage Rate of Change (Rated VR) Operating Temperature Range...TJ Storage Temperature Range...TSTRG ............................................. .75 ............................................... ............................................. .65 ...............................................
Volts Volts
............................................. 1.0 ............................................... mAmps ............................................. 5 0 ............................................... mAmps ............................................. 3.0 ............................................... C / W ......................................... 1000 .......................................... V / S C C ......................................... -65 to 150 .......................................... ......................................... -55 to 150 ..........................................
Page 7-24
Data Sheet
16 Amp SCHOTTKY BARRIER RECTIFIERS
Typical Reverse Characteristics Reverse Current (mA)
Forward Current Derating Curve
Case Temperature ( oC) Typical Junction Capacitance Forward Current (Amps)
Reverse Voltage (Volts) Forward Characteristics
pF
Reverse Voltage (Volts) Maximum Non-Repetitive Peak Forward Surge Current Forward Current (Amps) 1
Forward Voltage (Volts)
Case Positive, No Suffix Required 2 Case
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
3
Forward Voltage (Volts) NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Case, Jedec Method. 3. When Mounted to heat sink, from body.
Page 7-25
FBR1650&1660
Amps


▲Up To Search▲   

 
Price & Availability of FBR1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X