Part Number Hot Search : 
M200V35X 2SB1631 SM280A CS937 DG304A 93C56A 74CBT TEPT4400
Product Description
Full Text Search
 

To Download FBI2M5S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBI2B5S2.......FBI2M5S2
2. Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
20
Plastic Case
3.5
Voltage 100 to 1000 V.
Current 2.0 A.
(R)
+
1.5 1 + 0.05 1.5
_
L
5 5 5
suffix -4
1 0.5
* Glass Passivated Junction Chips.
* UL recognized under component index file number E130180. * Lead and polarity identifications. * Case: Molded Plastic. * Ideal for printed circuit board (P.C.B.). * The plastic material carries U/L recognition 94 V-O.
13.5 7
* Mounting Instructions
* High temperature soldering guaranteed: 260 C - 10 sc. * Recommended mounting torque: 8 Kg.cm.
Maximum Ratings, according to IEC publication No. 134
FBI2B 5S2 FBI2D 5S2 200 140 80 FBI2F 5S2 300 210 125 FBI2J 5S2 600 420 250 FBI2L 5S2 900 630 380 FBI2M 5S2 1000 700 500
VRRM VRMS VR IF(AV) IFRM IFSM It VDIS Tj Tstg
2
Peak Recurrent Reverse Voltage (V) Maximum RMS Voltage (V) Recommended Input Voltage (V) Max. Average forward current with heatsink without heatsink Recurrent peak forward current 10 ms. peak forward surge current I t value for fusing (t = 10 ms) Dielectric strength (terminals to case, AC 1 min.) Operating temperature range Storage temperature range
2
100 70 40
4.5 A at 65 C 2.0 A at 25 C 15 A 100 A 50 A2 sec 1500 V - 40 to + 150 C - 40 to +150 C
Electrical Characteristics at Tamb = 25C
VF IR Max. forward voltage drop per element at IF =3 A Max. reverse current per element at VRRM 1.1 V 5A 12 C/W 40 C/W Jan - 00
MAXIMUM THERMAL RESISTANCE Rth (j-c) Junction-Case. With Heatsink. Rth (j-a) Junction-Ambient. Without Heatsink.
FBI2 - 5S2 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC FORWARD CURRENT DERATING CURVE
4.5
Tamb = 25 C
10
4
heatsink Tc
Tc
_
+
3 1.0
on glass-epoxi substrate
sine wave R-load on heatsink
_
+
2 0.1 1
P.C.B. soldering land 5 mm o sine wave R-load free in air
0 0.6 1.0 1.4
VF , instantaneous forward voltage (V)
0 0 25 50 75 100 125 150 175
Tamb, ambient temperature (C)
MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100
75
50
25
0 1 10
Number of cycles at 50 Hz.
100
Jan - 00


▲Up To Search▲   

 
Price & Availability of FBI2M5S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X