Part Number Hot Search : 
MC1907 AV1DO 1N4436 HE83146 ON2830 25AA01 CRCC1206 T4110
Product Description
Full Text Search
 

To Download FBAS70BRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diode
FBAS70BRW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
WBFBP-06C
DESCRIPTION Silicon epitaxial planar PN Junction Guard Ring for Schottky Diode FEATURES Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package APPLICATION For General Purpose Switching Applications, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.)
(2x2x0.5) unit: mm
1
BAS70BRW Marking:K75 Maximum Ratings @TA=25
Symbol VRRM VRWM VR IF IFSM Pd RJA TJ TSTG Limits Unit
Parameter Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Peak forward surge current @<1.0s Power Dissipation Thermal Resistance Junction to Ambient Junction temperature Storage temperature range
70 70 100 150 625 125 -55 to +125
V mA mA mW /W
Electrical Ratings @TA=25
Parameter Forward voltage Reverse current Capacitance between terminals Reverse Recovery Time Symbol VF1 VF2 IR CT trr Min. Typ. Max. 0.41 1 100 2 5 Unit V V nA pF ns Conditions IF=1mA IF=15mA VR=50V VR=0V,f=1MHz IF=IR=10mA Irr=0.1XIR,RL=100
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.420 REF. 0.650 TYP. 0.400 REF. 0.300 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.017 REF. 0.026 TYP. 0.016 REF. 0.012 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FBAS70BRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X