Part Number Hot Search : 
GRM188R7 00WZ2 1N5221B B4154 PEB2445 BAT43WS B4154 MMBZ5225
Product Description
Full Text Search
 

To Download FBAS40DW-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diode
FBAS40DW-05
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS DESCRIPTION Silicon epitaxial planar PN Junction Guard Ring for Schottky Diode FEATURES Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package APPLICATION For General Purpose Switching Applications, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) FBAS40DW-05 Marking:K45
Symbol VRM VR IO Pd RJA TJ TSTG Limits 40 40 150 625 125 -65-125 Unit V mA mW /W
WBFBP-06C
(2x2x0.5) unit: mm
1
Maximum Ratings @TA=25
Parameter Peak Repetitive reverse voltage DC Blocking Voltage Average Rectified Output Current Power Dissipation Thermal Resistance. Junction to Ambient Air Junction temperature Storage temperature range
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse voltage Forward Total voltage leakage current Symbol IR VF CT t rr
unless
Test VR=30V IF=1mA IF=40mA VR=0,f=1MHz
otherwise
specified)
MIN MAX 200 380 1000 5 5 UNIT nA mV
conditions
capacitance
pF nS
Reverse recovery time
IF= IR=10mA,Irr=0.1xIR, RL=100
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.800 REF. 0.650 TYP. 0.400 REF. 0.350 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.032 REF. 0.026 TYP. 0.016 REF. 0.014 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FBAS40DW-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X