Part Number Hot Search : 
1N100 2SB942 CM200 CTCDR MR836 12XN1X CM4312A2 ANTXV1N
Product Description
Full Text Search
 

To Download FBAS40DW-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Diode
FBAS40DW-04
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
WBFBP-06C
DESCRIPTION Silicon epitaxial planar PN Junction Guard Ring for Schottky Diode FEATURES Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package APPLICATION For General Purpose Switching Applications, rectifiers For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.)
(2x2x0.5) unit: mm
1
Maximum Ratings @TA=25
Parameter Peak Repetitive reverse voltage DC Blocking Voltage Average Rectified Output Current Power Dissipation Thermal Resistance. Junction to Ambient Air Junction temperature Storage temperature range Symbol VRM VR IO Pd RJA TJ TSTG Limits 40 40 150 625 125 -65-125
FBAS40DW-04 Marking:K44
Unit V mA mW /W
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse voltage Forward Total voltage leakage current Symbol IR VF CT t rr
unless
Test VR=30V IF=1mA IF=40mA VR=0,f=1MHz
otherwise
specified)
MIN MAX 200 380 1000 5 5 UNIT nA mV
conditions
capacitance
pF nS
Reverse recovery time
IF= IR=10mA,Irr=0.1xIR, RL=100
Typical Characteristics
Symbol A A1 b D E D1 E1 e L k z
Dimensions In Millimeters Min. Max. 0.450 0.550 0.000 0.100 0.150 0.250 1.900 2.100 1.900 2.100 0.420 REF. 0.420 REF. 0.650 TYP. 0.600 REF. 0.300 REF. 0.500 REF.
Dimensions In Inches Min. Max. 0.018 0.022 0.000 0.004 0.006 0.010 0.075 0.083 0.075 0.083 0.017 REF. 0.017 REF. 0.026 TYP. 0.024 REF. 0.012 REF. 0.020 REF.
APPLICATION CIRCUITS
Bridge rectifiers


▲Up To Search▲   

 
Price & Availability of FBAS40DW-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X