Part Number Hot Search : 
1N746 FR2504 00GB1 748BT1 UN9115J 22R225 LD2985 PMBT3946
Product Description
Full Text Search
 

To Download FB3510L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FB3500........ FB3510 FB3500L........ FB3510L
35 Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
Voltage 50 to 1000 V
O 1 0.05
Current 35 A
(R)
0.8 0.05
6.35 0.05
O 2.5
Metal heat sink Epoxy case Metal heat sink Epoxy case
* Glass Passivated Junction
18.1 0.5
18.1
* UL recognized under component index file number E130180 * Terminals: FASTON * Terminals: WIRE LEADS * Max. Mounting Torque: 25 Kg x cm Lead and polarity identifications High surge current capability
O 5.21 + 0.1 -
0
16.6
11.4 0.5
Maximum Ratings, according to IEC publication No. 134
FB3500 FB3500L FB3501 FB3501L 100 70 40 FB3502 FB3502L 200 140 80 FB3504 FB3504L 400 280 125 FB3506 FB3506L 600 420 250 FB3508 FB3508L 800 560 380 FB3510 FB3510L 1000 700 500
VRRM V RMS VR IF(AV)
Peak Recurrent Reverse Voltage (V) Maximum RMS Voltage (V) Recommended Input Voltage (V) Max. forward current R-load: At T case = 55 C Max. forward current R-load: At T case = 90 oC With Al Square Chassis (200 cm2 x 3 mm.) Tamb = 45 oC Recurrent peak forward current 10 ms. peak forward current I t value for fusing (t = 10 ms) Operating temperature range Storage temperature range
2 o
50 35 20
35 A 20 A 12 A 75 A 400 A 800 A2sec - 55 to + 150 C - 55 to + 150 C
IFRM IFSM It Tj Tstg
2
Electrical Characteristics at Tamb = 25 C
VF IR Rthj-c Max. forward voltage drop per element at IF = 17.5 A Max. reverse current per element at VRRM d.c. Typical thermal resistance junction to case Isolation voltage from case to leads 1.1 V 5A 1.3 oC/W 2500 Vac Jan - 00
FB35 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1000 500 500 100 50 400
10 5
300
200 1 0.5 0 0 0.4 0.8 1.2 1.6 Tj = 25C 100 0
1 2 4 6 10 20 40 60 100 VF ' instantaneous forward voltage (V) Number of cycles at 50Hz
60 50 60 40 30 100 20 10 120
0
10
20
30
40
50
20
40
60
8 0 100 120 140 150
IF (AV) average forward current (A)
Tamb, ambient temperature (C)
Interrelation between power dissipation and the max. allowable ambient temperature.
Jan - 00


▲Up To Search▲   

 
Price & Availability of FB3510L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X