Part Number Hot Search : 
BUX41N EMG4T2R A2403 168T319 00390 1N414 HA13165 BC337
Product Description
Full Text Search
 

To Download F2M03GLA-S04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Features
* * * * * * * * * * * * * * * Fully qualified end product with BluetoothTM v2.0+EDR, CE and FCC Low power consumption Integrated high output antenna Transmit power up to +8dBm Range up to 350m (line of sight) Piconet and Scatternet capability, support for up to 7 slaves Require only few external components Industrial temperature range -40C to +85C USB v2.0 compliant Extensive digital and analog I/O interface PCM interface for up to 3 simultaneous voice channels Large external memory for custom applications Support for 802.11b/g Co-Existence RoHS compliant
Applications
* * * * * * * * * * Industrial and domestic appliances Cable replacement Medical systems Automotive applications Stand-alone sensors Embedded systems Cordless headsets Computer peripherals (Mice, Keyboard, USB dongles, etc.) Handheld, laptop and desktop computers Mobile phones
General Description
F2M03GLA is a Low power embedded BluetoothTM v2.0+EDR module with built-in high output antenna. The module is a fully BluetoothTM compliant device for data and voice communication. With a transmit power of up to +8dBm and receiver sensibility of down to -83dBm combined with low power consumption the F2M03GLA is suitable for the most demanding applications. Developers can easily implement a wireless solution into their product even with limited knowledge in BluetoothTM and RF. The module is fully BluetoothTM v2.0+EDR qualified and it is certified according to CE and FCC, which give fast and easy Plug-and-Go implementation and short time to market. The F2M03GLA comes with an on board highly efficient omni-directional antenna that simplifies the integration for a developers BluetoothTM solution. The high output power combined with the low power consumption makes this module ideal for handheld applications and other battery powered devices. F2M03GLA can be delivered with the exceedingly reliable and powerful easy-to-use Wireless UART firmware implementing the BluetoothTM Serial Port Profile (SPP).
RoHS
COMPLIANT 2002/96/EC
BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed to Free2move
www.free2move.net
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Table of contents
1 2 3 4 5 Device pinout .........................................................................................................................3 Device terminal functions .....................................................................................................4 Electrical Characteristics ......................................................................................................5 Radio Characteristics ............................................................................................................7 Firmware versions .................................................................................................................8
5.1 5.2 Wireless UART ............................................................................................................................. 10 HCI ................................................................................................................................................ 15 UART Interface ............................................................................................................................. 18 USB Interface................................................................................................................................ 20 Serial Peripheral Interface ............................................................................................................ 24 I2C Interface .................................................................................................................................. 24 PCM .............................................................................................................................................. 25 PIOs .............................................................................................................................................. 32 Power supply ................................................................................................................................ 33 Recommended land pattern.......................................................................................................... 34 Layout guidelines .......................................................................................................................... 35 Typical application schematic ....................................................................................................... 36
6
Device terminal description ................................................................................................18
6.1 6.2 6.3 6.4 6.5 6.6 6.7
7
Application information.......................................................................................................34
7.1 7.2 7.3
8 9
Package information............................................................................................................37 Certifications ........................................................................................................................38
9.1 9.2 9.3 Bluetooth ....................................................................................................................................... 38 CE ................................................................................................................................................. 38 FCC............................................................................................................................................... 38
10 11
RoHS Statement...................................................................................................................39 Tape and Reel information ..................................................................................................40
Package Tape dimensions............................................................................................................ 40 Reel dimensions ........................................................................................................................... 40
11.1 11.2
12 13
Ordering information ...........................................................................................................41 Document history ................................................................................................................42
Acronyms and definitions...........................................................................................................43
(c) 2006 Free2move AB
Page 2(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
1 Device pinout
Pinout for F2M03GLA [TOP VIEW]
(c) 2006 Free2move AB
Page 3(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
2 Device terminal functions
Ground
GND
Pin
1,16,17,32 VSS
Pin type Pin type
VDD
Description
Ground connections
Power supplies
+VCC
Pin
31
Description
Positive voltage supply (3.0-3.6)
Analog I/O
AIO(0) AIO(1)
Pin
18 19 Bi-directional Bi-directional
Pin type
Description
Programmable input/output possible to use as digital I/O Programmable input/output possible to use as digital I/O line line also also
Reset
RESET
Pin
30
Pin type
CMOS input with internal pull-up (10k)
Description
Reset if low. Input debounced so must be low for >5ms to cause a reset
Test and debug
SPI MISO SPI CSB SPI CLK SPI MOSI
Pin
3 5 2 4
Pin type
Description
CMOS output, tristatable with weak internal Serial Peripheral Interface data output pull-down CMOS input with weak internal pull-up Chip select for Synchronous Serial Interface, active low CMOS input with weak internal pull-down Serial Peripheral Interface clock CMOS input with weak internal pull-down Serial Peripheral Interface data input
UART
UART CTS UART TX UART RTS UART RX
Pin
27 29 26 28
Pin type
CMOS input with weak internal pull-down CMOS output CMOS output, tristatable with internal pull-up CMOS input with weak internal pull-down
Description
UART clear to send active low UART data output active high UART request to send active low UART data input active high
PCM
PCM_OUT PCM_SYNC PCM_IN PCM_CLK
Pin
7 8 9 6
Pin type
CMOS output, tristatable with internal weak pull down Bi-directional with weak internal pull-down CMOS input, with weak internal pull-down Bi-directional with weak internal pull-down
Description
Synchronous data output Synchronous data SYNC Synchronous data input Synchronous data clock
USB
USB + USB -
Pin
24 25 Bi-directional Bi-directional
Pin type Pin type
Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Bi-directional with internal pull-up/down Not connected programmable programmable programmable programmable programmable programmable programmable programmable programmable programmable
Description
USB data plus USB data minus
PIO
PIO(11) PIO(10) PIO(9) PIO(8) PIO(7) PIO(6)/WLAN_Active/ Ch_Data PIO(5)/BT_Active PIO(4)/ BT_Priority/Ch_Clk PIO(3) PIO(2)
Pin
15 14 13 12 11 10 23 22 21 20
Description
weak Programmable input/output line weak Programmable input/output line weak Programmable input/output line weak Programmable input/output line weak Programmable input/output line weak Programmable input/output line or Optionally WLAN_Active/Ch_Data input for co-existence signalling weak Programmable input/output line or Optionally BT_Active output for coexistence signalling weak Programmable input/output line or Optionally BT_Priority/Ch_Clk output for co-existence signalling weak Programmable input/output line weak Programmable input/output line
Not connected
NC
Pin
Pin type
Description
Soldering pads for stability
(c) 2006 Free2move AB
Page 4(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
3 Electrical Characteristics
Absolute Maximum Ratings Rating
Storage Temperature Breakdown supply voltage
Min
-40C -0.4V
Max
+150C 5.60V
Recommended Operating Conditions Rating Min
Operating temperature range Supply voltage -40C 3.1V
Max
+85C 3.6V
Input/Output Terminal Characteristics Digital Terminals
Input Voltage
VIL input logic level low, 2.7V VDD 3.0V VIH input logic level high
Min
-0.4 0.7VDD
Typ
-
Max
+0.8 VDD+0.4
Unit
V V
Output Voltage
VOL output logic level low, (lO = 4.0mA), 2.7V VDD 3.0V VOH output logic level high, (lO = 4.0mA), 2.7V VDD 3.0V VDD-0.2 0.2 V V
Input and tristate current
Strong pull-up Strong pull-down Weak pull-up Weak pull-down I/O pad leakage current CI Input Capacitance -100 +10 -5.0 +0.2 -1 1.0 -40 +40 -1.0 +1.0 0 -10 +100 -0.2 +5.0 +1 5.0 A A A A A pF
USB Terminals
USB Terminals
VDD for correct USB operation
Min
3.1
Typ
-
Max
3.6
Unit
V
Input threshold
VIL input logic level low VIH input logic level high 0.7VDD 0.3VDD V V
Input leakage current
CI Input capacitance 2.5 10.0 pF
Output levels to correctly terminated USB Cable
VOL output logic level low VOH output logic level high Notes: 0 2.8 0.2 VDD V V
Current drawn into a pin is defined as positive; current supplied out of a pin is defined as negative.
(c) 2006 Free2move AB
Page 5(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Input/Output Terminal Characteristics (Continued) Auxiliary ADC, 8-bit resolution Min
Resolution
Input voltage range (LSB size = 1.8/255= 7.1mV) Accuracy (Guaranteed monotonic) Offset Gain Error Input Bandwidth Conversion time Sample rate* INL DNL 0 -1 0 -1 -0.8 -
Typ
100 2.5 -
Max
8 1.8 1 1 1 0.8 700
Unit
Bits V LSB LSB LSB % KHz S Sample/s
*The ADC is accessed through the VM function. The sample rate given is achieved as a part of this function
Average current consumption VDD = 3.3V Temperature = 20 oC Measured using Wireless UART firmware v4. Slave: Mode
No connection (default settings) No connection (inquiry scan disabled) Connected (Short range), no data transfer Connected (Short range), no data transfer Sniff mode 200 ms interval Connected (Short range), no data transfer Park mode 200 ms interval Connected, (Short range) 115.2 kbit/s master to slave Connected, (Short range) 115.2 kbit/s slave to master Connected, (Short range) 115.2 kbit/s full duplex Connected, (Short range) 115.2 kbit/s slave to master Sniff mode 125 ms interval
Average (mA)
TBD -
Master: Mode
No connection (default settings) Connected (Short range), no data transfer Connected (Short range), no data transfer Sniff mode 200 ms interval Connected (Short range), no data transfer Park mode 200 ms interval Connected, (Short range) 115.2 kbit/s master to slave Connected, (Short range) 115.2 kbit/s full duplex Connected, (Long range) 115.2 kbit/s full duplex Connected, (Short range) 115.2 kbit/s slave to master Sniff mode 125 ms interval Connected, (Short range) 115.2 kbit/s slave to master Sniff mode 125 ms interval Connected, (Short range) 115.2 kbit/s full duplex Sniff mode 125 ms interval
Average (mA)
TBD -
Peak current consumption VDD = 3.3V Temperature = 20 oC Mode
Peak consumption during RF peaks
Typ
75
Unit
mA
Deep sleep leakage current VDD = 3.3V Temperature = 20 oC Mode
Deep sleep
Typ
275
Unit
A
(c) 2006 Free2move AB
Page 6(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
4 Radio Characteristics
VDD = 3.3V Temperature = 25 oC Frequency = 2.441GHz All measurements are based on the Bluetooth test specification. Device Under Test (Radio characteristics will be presented here)
(c) 2006 Free2move AB
Page 7(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5 Firmware versions
F2M03 is supplied with Bluetooth stack firmware, which runs on the internal RISC micro controller of the Bluetooth module. This chapter includes an overview of the different options for more in depth information please use separate firmware datasheets provided by Free2move. All firmware versions are compliant with the Bluetooth specification v2.0. The F2M03 software architecture allows Bluetooth processing to be shared between the internal micro controller and a host processor. Depending on application the upper layers of the Bluetooth stack (above HCI) can execute on-chip or on the host processor. Running the upper stack on F2M03 module reduces (or eliminates, in the case of a on module application) the need for host-side software and processing time. The integration approach depends on the type of product being developed. For example, performance will depend on the integration approach adopted. In general Free2move offers four categories of Bluetooth stack firmware: * * * * Wireless UART; offers a transparent interface to the Bluetooth channel. There is no need for additional drivers or Bluetooth software on the host. Embedded module solutions offer an application to run on the module. There is no need for an external host (E.g. a Bluetooth headset). Two-processor solution involving a host and host controller, where the higher layers of the Bluetooth stack has to be implemented on the host. Two-processor embedded solution offers a host with limited resources to gain access to a Bluetooth stack, with the higher layers on-chip, via a special API.
The protocol layer models for the different Bluetooth stack firmware categories can be represented as shown in the figures below.
Application Host Host F2M03
F2M03
Wireless UART application (SPP) APPLICATION INTERFACE RFCOMM L2CAP HCI LINK MANAGER Hardware BASEBAND and RF SDP Device Manager
Application APPLICATION INTERFACE RFCOMM L2CAP HCI LINK MANAGER Hardware BASEBAND and RF SDP Device Manager
Wireless UART
Embedded singleprocessor architecture
(c) 2006 Free2move AB
Page 8(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Application Application Host Bluetooth stack HCI F2M03 RFCOMM L2CAP F2M03 HCI LINK MANAGER BASEBAND and RF HCI LINK MANAGER BASEBAND and RF SDP Device Manager Port Entity
Host
HCI, (Two-Processor Architecture)
RFCOMM, (Embedded Two-Processor Architecture)
Wireless UART Free2move's Wireless UART (WU) firmware is intended to replace the serial cable(s) connecting portable and/or fixed electronic devices. Key features are robustness, high configurability, high security, low complexity and low power. The WU firmware is compliant with the Bluetooth Serial Port Profile (SPP) for setting up emulated serial cable connections between connected devices. There is no additional need for drivers or an external host with Bluetooth software when using the WU firmware. When a successful Bluetooth connection is established the data channel and the voice channel can be used simultaneously or separately. All information sent/received at the data/voice interface of the WU unit is exchanged transparently via Bluetooth with the connected remote device. HCI (Standard Two-Processor Solution) For the standard two-processor solution, where the split between higher and lower layers of the stack takes place at the HCI, a complete Bluetooth stack is needed in the external host. It is often preferable to use this solution when the host is a personal computer of some description. However, in general this category can include any computing platform with communications capability that is not resource limited. Free2move can offer a host stack solution on request. Embedded Solution This version of the stack firmware requires no host processor. All software layers, including application software, run on the internal RISC processor in a protected user software execution environment. The embedded solution can be used for a single chip Bluetooth product. One example is a cordless headset. However this solution is equally applicable to any small wireless device that would benefit from a single processor solution. Free2move can offers among others the following single chip solutions upon a custom request*: * Headset / Hands Free * Human Interface Device; Mouse, keyboard etc (HID) * Dial Up Network (DUN) * Audio Gateway Profile (AGP) * OBEX * Onboard application (development of customer specific applications) *Please consult your reseller for more information about custom firmwares.
(c) 2006 Free2move AB
Page 9(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.1
Wireless UART
Free2move's Wireless UART (WU) firmware is intended to replace the serial cable(s) connecting portable and/or fixed electronic devices. Key features are robustness, high configurability, high security, low complexity and low power. The WU firmware is compliant with the Bluetooth Serial Port Profile (SPP) for setting up emulated serial cable connections between connected devices. There is no additional need for drivers or an external host with Bluetooth software when using the WU firmware.
Application Host
F2M03
Wireless UART application (SPP) APPLICATION INTERFACE RFCOMM L2CAP HCI LINK MANAGER Hardware BASEBAND and RF SDP Device Manager
Wireless UART architecture The WU application runs on top of an embedded Bluetooth v2.0 + EDR compliant stack, including protocols up to the RFCOMM layer. Point-to-point connections are supported. This means that a unit running WU can be either a master or slave unit. The WU firmware offers one asynchronous data channel and one synchronous voice channel, both channels capable of full duplex transmissions. When a successful Bluetooth connection is established the data channel and the voice channel can be used simultaneously or separately. All information sent/received at the data/voice interface of the WU unit is exchanged transparently via Bluetooth with the connected remote device. The WU unit is set to operate in a default mode that allows the user to communicate via the asynchronous data channel over Bluetooth, as soon as a successful connection has been established. This can be achieved without sending any configuration commands to the WU firmware. However, as long as there is no Bluetooth connection established, it is possible to configure the WU firmware via hex commands (described in the document Wireless_UART_protocol) or using a Windows configuration software.
(c) 2006 Free2move AB
Page 10(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.1.1 General I/O
General I/O interfaces are used for different purposes between the WU firmware and the Host: * Asynchronous data interface - configuration of the WU firmware or exchange transparent digital information between the connected Bluetooth devices. * Synchronous voice interface - exchange transparent voice information between the connected Bluetooth devices. * Bluetooth connectivity PIO interfaces - indication and disconnection of the established Bluetooth connection. * Emulate serial handshaking PIO lines interface - DTE or DCE serial handshake emulation between the connected Bluetooth devices. UART interface (Asynchronous data and configuration):
UART TX RX RTS CTS Signal Direction Output Input Output Input Active (TTL) High High Low Low UART transmit data UART receive data UART request to send UART clear to send Description
Voice interface:
CODEC I/O MIC_P MIC_N AUX_DAC SPKR_P SPKR_N Signal Direction Input (analogue) Input (analogue) Output (analogue) Output (analogue) Output (analogue) Description Microphone input positive Microphone input negative Microphone input bias Speaker output positive Speaker output negative
PIOs are used to control/monitor the Bluetooth connectivity of the WU firmware.
PIO 2 3 Signal Direction Input Output Active (TTL) High High Description Request to close the current Bluetooth connection to the remote device. Indicates that a successful Bluetooth connection is established with a remote device.
To prevent connections or to close the current Bluetooth connection PIO[2] can be set high. PIO[3] is held low as long as there is no Bluetooth connection. As soon as a successful Bluetooth connection has been established with a remote device, PIO[3] goes high. PIOs can also be used to emulate serial handshaking lines between the connected Bluetooth devices. Emulation can either be DTE or DCE.
Emulated Signal RI DTR DCD DSR PIO 4 5 6 7 Signal Direction Emulate DTE Input Output Input Input Signal Direction Emulate DCE Output Input Output Output Active (TTL) High High High High
While the handshaking lines are transparent to the data channel these I/O may also be used to transfer digital signals between two Free2move devices running WU
(c) 2006 Free2move AB
Page 11(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.1.2 Settings
The default settings allow the user to communicate via Bluetooth, without sending any configuration commands, as soon as a successful connection has been established. Information sent and received on the serial interface of the WU unit at 38400 bps is transmitted transparently between the two connected devices. The default settings are valid as long as the user has made no configuration. When there is no Bluetooth connection established it is possible to configure the WU firmware via commands sent on the serial interface. All settings changed by the user are stored in persistent memory. The following serial settings are used for configuration mode and are not configurable:
Parameter Baud rate Data bits Parity Stop bits Hardware flow control Default Value 38400 8 None 1 On
To be able to send commands to the Wireless UART firmware, it must be set in Host Controlled Mode (HCM). As previously described the Wireless UART firmware can only enter HCM when no Bluetooth connection is established. Once entered HCM there are several commands that can be issued: * Configuration commands * Software / Hardware reboot * Inquiry (search for Bluetooth devices in the neighborhood) * Pairing (device security - authentication and encryption) * Advanced configuration commands * SCO commands * Information commands * Control commands
Configuration Commands
There are several settings stored in the Wireless UART firmware that can be read and modified by using the configuration commands. Examples of these settings are: * Local Bluetooth name * Local SDP-service name * Operating mode * Serial port settings * Bluetooth security settings (authentication, encryption) There are two normal operating modes: * Connecting mode - Bluetooth master * Endpoint mode - Bluetooth slave In Connecting mode the Wireless UART firmware will continuously try to establish a Bluetooth connection to a specified remote Bluetooth device in the neighborhood (Bluetooth master). In Endpoint mode the Wireless UART firmware may accept connections from remote Bluetooth devices. A connection request will be accepted when the specified rules are fulfilled (Bluetooth slave).
(c) 2006 Free2move AB
Page 12(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Software / Hardware Reboot
This option gives the ability to be able to reboot the module via software commands.
Inquiry
Search for other Bluetooth devices in the neighborhood. There are three configuration parameters: * How many seconds the search should be active * A filter, used when searching for devices of as certain class * The possibility to include the Bluetooth name of the discovered devices
Pairing
When authentication is enabled, the devices must be paired before a successful connection can be established. The Wireless UART firmware can either initiate pairing with a remote device or accept pairing requests. During a pairing PIN codes are exchanged between the local and remote device. A successful pairing requires identical PIN codes. The result of the pairing attempt will be returned to the Host. If pairing was successful, a unique link key has been generated and saved in non-volatile memory. The link key is used in the connection establishment procedure for secure verification of the relationship between the paired devices. The Wireless UART firmware allows the user to be paired with one device at a time. The last pin code entered and link key generated are saved.
Advanced configuration
Includes among others commands for enabling power save modes, fine tune performance, enabling modem emulation and changing transmit power.
SCO commands
Makes it possible to establish full duplex audio connections between two WU units.
(c) 2006 Free2move AB
Page 13(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.1.3 Performance
The WU firmware is a complete on-chip application; limited resources restrict the maximum throughput. The table below shows the maximum achieved throughput when streaming data between two connected WU v4.00 devices at close range.
Direction Master to Slave Slave to Master Full duplex Master to Slave Slave to Master Full duplex Master to Slave Slave to Master Full duplex Master to Slave Slave to Master Full duplex Master to Slave Slave to Master Full duplex Baud Rate 57600 57600 57600 115200 115200 115200 230400 230400 230400 460800 460800 460800 921600 921600 921600 Maximum Throughput (kbit/s (throughput mode)) ~57.6 ~57.6 ~57.6 ~115.1 ~115.1 ~114.5 ~223.1 ~221.4 ~172.7 ~228.6 ~222.7 ~173.3 ~240.1 ~235.4 ~174.7 Maximum Throughput (kbit/s) (latency mode) ~57.6 ~57.6 ~50.5 ~93.9 ~79.6 ~42.0 ~158.0 ~117.7 ~86.2 ~206.7 ~154.1 ~109.8 ~235.7 ~186.0 ~150.5
5.1.4 Configuration
The F2M03 can either be configured using hex commands described in the document "Wireless_UART_protocol.pdf" or using the Windows configuration software. The configuration software can be downloaded from www.free2move.net
(c) 2006 Free2move AB
Page 14(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.2
HCI
In this implementation the internal processor of the module runs the Bluetooth stack up to the Host Controller Interface (HCI) as specified in the Bluetooth specification V1.1. The external host processor must provide all upper Bluetooth stack layers.
Application Bluetooth stack HCI
Host
HCI F2M03 LINK MANAGER BASEBAND and RF
Standard Two-Processor Architecture
5.2.1 Standard Bluetooth Functionality
Bluetooth v2.0 + EDR mandatory functionality: * Adaptive frequency hopping (AFH), including classifier * Faster connection - enhanced inquiry scan (immediate FHS response) * LMP improvements * Parameter ranges Optional Bluetooth v2.0 + EDR functionality supported: * Adaptive Frequency Hopping (AFH) as Master and Automatic Channel Classification * Fast Connect - Interlaced Inquiry and Page Scan plus RSSI during Inquiry * Extended SCO (eSCO), eV3 +CRC, eV4, eV5 * SCO handle * Synchronisation The firmware has been written against the Bluetooth v2.0 + EDR specification. * Bluetooth components: Baseband (including LC), LM and HCI * Standard USB (v1.1) and UART (H4) HCI Transport Layers * All standard radio packet types * Full Bluetooth data rate, enhanced data rates of 2 and 3Mbps(1) * Operation with up to seven active slaves(1) * Operation with up to three SCO links, routed to one or more slaves * Scatternet v2.5 operation * Maximum number of simultaneous active ACL connections: 7(2) * Maximum number of simultaneous active SCO connections: 3(2) * Role switch: can reverse Master/Slave relationship * All standard SCO voice coding, plus "transparent SCO" * Standard operating modes: Page, Inquiry, Page-Scan and Inquiry-Scan * All standard pairing, authentication, link key and encryption operations
(c) 2006 Free2move AB
Page 15(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
* * * * * * *
Note:
(1) (2)
Standard Bluetooth power saving mechanisms: Hold, Sniff and Park modes, including "Forced Hold" Dynamic control of peers' transmit power via LMP Master/Slave switch Broadcast Channel quality driven data rate (CQDDR) All standard Bluetooth Test Modes Standard firmware upgrade via USB (DFU)
Maximum allowed by Bluetooth v2.0 + EDR specification. F2M03 supports all combinations of active ACL and SCO channels for both Master and Slave operation, as specified by the Bluetooth v2.0 + EDR specification.
(c) 2006 Free2move AB
Page 16(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
5.2.2 Extra Functionality
The firmware extends the standard Bluetooth functionality with the following features: * Supports BlueCore Serial Protocol (BCSP) - a proprietary, reliable alternative to the standard Bluetooth (H4) UART Host Transport. * Provides a set of approximately 50 manufacturer-specific HCI extension commands. This command set (called BCCMD - "BlueCore Command") provides: o Access to the module's general-purpose PIO port o The negotiated effective encryption key length on established Bluetooth links o Access to the firmware's random number generator o Controls to set the default and maximum transmit powers - these can help to reduce interference between overlapping, fixed-location piconets o Dynamic UART configuration o Radio transmitter enable/disable - a simple command connects to a dedicated hardware switch that determines whether the radio can transmit. * The firmware can read the voltage on a pair of the module's external pins (normally used to build a battery monitor, using either VM or host code). * A block of BCCMD commands provides access to the module's Persistent Store (PS) configuration database. The database sets the device's Bluetooth address, Class of Device, radio (transmit class) configuration, SCO routing, LM, USB and DFU constants, etc. * A UART "break" condition can be used in three ways: o Presenting a UART break condition to the module can force the module to perform a hardware reboot. o Presenting a break condition at boot time can hold the module in a low power state, preventing normal initialisation while the condition exists. o With BCSP, the firmware can be configured to send a break to the host before sending data - normally used to wake the host from a Deep Sleep state. * The DFU standard has been extended with public/private key authentication, allowing manufacturers to control the firmware that can be loaded onto their Bluetooth modules. * A modified version of the DFU protocol allows firmware upgrade via the module's UART. * A block of "radio test" or Built-In Self-Test (BIST) commands allows direct control of the module's radio. This aids the development of modules' radio designs and can be used to support Bluetooth qualification. * Virtual Machine (VM). The VM allow development of customer applications on the module. Although the VM is mainly used with "RFCOMM builds" (alternative firmware builds providing L2CAP, SDP and RFCOMM), the VM can be used with this build to perform simple tasks such as flashing LEDs via the module's PIO port. * Hardware low power modes: Shallow Sleep and Deep Sleep. The module drops into modes that significantly reduce power consumption when the software goes idle. SCO channels are normally routed over HCI (over BCSP). However, up to three SCO channels can be routed over the module's single PCM port (at the same time as routing any other SCO channels over HCI).
(c) 2006 Free2move AB
Page 17(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6 Device terminal description
6.1 UART Interface
The F2M03 Bluetooth module's Universal Asynchronous Receiver Transmitter (UART) interface provides a simple mechanism for communicating with other serial devices using the RS232 standard(1).
Universal Asynchronous Receiver
Four signals are used to implement the UART function, as shown in the figure above. When F2M03 is connected to another digital device, UART_RX and UART_TX transfer data between the two devices. The remaining two signals, UART_CTS and UART_RTS, can be used to implement RS232 hardware flow control where both are active low indicators. All UART connections are implemented using CMOS technology and have signalling levels of 0V and VDD. UART configuration parameters, such as Baud rate and packet format, are set by Free2move firmware. Note: In order to communicate with the UART at its maximum data rate using a standard PC, an accelerated serial port adapter card is required for the PC.
(1)
Uses RS232 protocol but voltage levels are 0V to VDD, (requires external RS232 transceiver IC)
Parameter Minimum Maximum Flow Control Parity Number of Stop Bits Bits per channel Possible UART Settings Possible Values 1200 Baud (2%Error) 9600 Baud (1%Error) 3MBaud (1%Error) RTS/CTS or None None, Odd or Even 1 or 2 8
Baud Rate
(c) 2006 Free2move AB
Page 18(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
The UART interface is capable of resetting the Free2move module upon reception of a break signal. A Break is identified by a continuous logic low on the UART_RX terminal, as shown in figure below. If tBRK is longer than a special value, defined by the Free2move firmware a reset will occur. This feature allows a host to initialise the system to a known state. Also, the F2M03 can emit a Break character that may be used to wake the Host. The above capabilities are not supported in the standard firmware, please contact Free2move for more information.
Break signal
(c) 2006 Free2move AB
Page 19(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.2
USB Interface
F2M03 contain a full-speed (12Mbits/s) USB interface, capable of driving a USB cable directly. No external USB transceiver is required. The device operates as a USB peripheral, responding to requests from a master host controller such as a PC. Both the OHCI and the UHCI standards are supported. The set of USB endpoints implemented behave as specified in the USB section of the Bluetooth specification v2.0+EDR. As USB is a master-slave orientated system, F2M03 only supports USB slave operation.
Note: The USB interface can only be used with the HCI firmware
6.2.1 USB Data Connections
The USB data lines emerge as pins USB_DP (USB +) and USB_DN (USB -) on the package. These terminals are connected to the internal USB I/O buffers of F2M03 and therefore have low output impedance. To match the connection to the characteristic impedance of the USB cable, series resistors must be connected to both USB + and USB -.
6.2.2 USB Pull-up Resistor
F2M03 features an internal USB pull-up resistor. This pulls the USB_DP pin weakly high when F2M03 is ready to enumerate. It signals to the PC that it is a full-speed (12Mbit/s) USB device. The USB internal pull-up is implemented as a current source, and is compliant with 7.1.5 of the USB specification v1.1. The internal pull-up pulls USB DP high to at least 2.8V when loaded with a 15k-5% pull-down resistor (in the hub/host) (when VDD=3.1V). This presents a the venin resistance to the host of at least 900. Alternatively, an external 1.5k pull-up resistor can be placed between a PIO line and D+ on the USB cable. The firmware must be alerted to which mode is used (contact Free2move). The default setting uses the internal pull-up resistor.
6.2.3 Power Supply
The minimum output high voltage for USB data lines is 2.8V. To safely meet the USB specification, the voltage on terminals must be an absolute minimum of 3.1V. Free2move recommends 3.3V for optimal USB signal quality.
6.2.4 Self-Powered Mode
In self-powered mode, the circuit is powered from its own power supply and not from the VBUS (5V) line of the USB cable. It draws only a small leakage current (below 0.5mA) from VBUS on the USB cable. This is the easier mode for which to design for, as the design is not limited by the power that can be drawn from the USB hub or root port. However, it requires that VBUS be connected to F2M03 via a resistor network (Rvb1 and Rvb2), so F2M03 can detect when VBUS is powered up. F2M03 will not pull USB + high when VBUS is off.
PIO USB + USB - USB ON
Connections to F2M03 for Self-Powered Mode
The terminal marked USB ON can be any free PIO pin. The PIO pin selected must be registered by settings in firmware (contact Free2move) to the corresponding pin number
(c) 2006 Free2move AB
Page 20(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.2.5 Bus-Powered Mode
In bus-powered mode the application circuit draws its current from the 5V VBUS supply on the USB cable. F2M03 negotiates with the PC during the USB enumeration stage about power consumption. When selecting a regulator, be aware that VBUS may go as low as 4.4V. The inrush current (when charging reservoir and supply decoupling capacitors) is limited by the USB specification (see USB 1.1 specification, section 7.2.4.1). Some applications may require soft-start circuitry to limit inrush current if more than 10F is present between VBUS and GND. The 5V VBUS line emerging from a PC is often electrically noisy. Regulation down to e.g. VDD=3.3V should include careful filtering of the 5V line to attenuate noise that is above the voltage regulator's bandwidth. Excessive noise on the VDD supply pins of F2M03 may result in reduced receive sensitivity and a distorted transmit signal. Recommended voltage regulator for the F2M03 is presented in section 6.7.
USB + USB - USB ON
Connections to F2M03 for Bus-Powered Mode Identifier Rs Rvb1 Rvb2 Value 27 nominal 22k -5% 47k - 5% Function Impedance matching to USB cable VBUS ON sense divider VBUS ON sense divider USB Interface Component Values Note:
USB ON is shared with F2M03's PIO terminals.
(c) 2006 Free2move AB
Page 21(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.2.6 Suspend Current
USB devices that run off VBUS must be able to enter a suspended state, whereby they consume less that 0.5mA from VBUS. The voltage regulator circuit itself should draw only a small quiescent current (typically less than 100A) to ensure adherence to the suspend-current requirement of the USB specification. This is not normally a problem with modern regulators. The entire circuit must be able to enter the suspend mode.
6.2.7 Detach and Wake_Up Signalling
F2M03 can provide out-of-band signalling to a host controller by using the dedicated control lines called USB_DETACH and USB_WAKE_UP. These are outside the USB specification (no wires exist for them inside the USB cable), but can be useful when embedding F2M03 into a circuit where no external USB is visible to the user. Both control lines are shared with PIO pins and can be assigned to any PIO pin by firmware settings (contact Free2move) USB_DETACH, is an input which, when asserted high, causes F2M03 to put USB- and USB+ in a highimpedance state and turns off the pull-up resistor on USB+. This detaches the device from the bus and is logically equivalent to unplugging the device. When USB_DETACH is taken low, F2M03 will connect back to USB and await enumeration by the USB host. USB_WAKE_UP, is an active high output (used only when USB_DETACH is active) to wake up the host and allow USB communication to recommence. It replaces the function of the software USB WAKE_UP message (which runs over the USB cable proper), and cannot be sent while F2M03 is effectively disconnected from the bus.
USB_DETACH and USB_WAKE_UP Signal
6.2.8 USB Driver
A USB Bluetooth device driver is required to provide a software interface between F2M03 and Bluetooth applications running on the host.
(c) 2006 Free2move AB
Page 22(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.2.9 USB 1.1 Compliance
The Bluetooth chip on the F2M03 is qualified to the USB specification v1.1, details of which are available from http://www.usb.org. The specification contains valuable information on aspects such as PCB track impedance, supply inrush current and product labeling. Although F2M03's Bluetooth module meets the USB specification, Free2move cannot guarantee that an application circuit designed around the chip is USB compliant. The choice of application circuit, component choice and PCB layout all affect USB signal quality and electrical characteristics. The information in this document is intended as a guide and should be read in association with the USB specification. Independent USB qualification must be sought before an application is deemed USB compliant and can bear the USB logo. Such qualification can be obtained from a USB plugfest or from an independent USB test house. Terminals USB+ and USB- adhere to the USB specification v2.0 (Chapter 7) electrical requirements. For ac and dc specifications for terminals USB_DETACH, USB_WAKE_UP, USB_PULL_UP and USB_ON, refer to section PIO specification.
6.2.10 2.0 Compatibility
F2M03 is compatible with USB specification v2.0 host controllers; under these circumstances the two ends agree the mutually acceptable rate of 12Mbits/s according to the USB v2.0 specification.
(c) 2006 Free2move AB
Page 23(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.3
Serial Peripheral Interface
F2M03 is a slave device that uses terminals SPI_MOSI, SPI_MISO, SPI_CLK and SPI_CSB. This interface is used for program emulation/debug and IC test. It is also the means by which the F2M03 flash may be programmed, before any 'boot' program is loaded. The SPI signals should be routed out from the module if you need to upgrade the firmware on the module in the future when the module is already soldered (This is most applicable when using custom firmwares, please consult Free2move)
Note:
The designer should be aware that no security protection is built into the hardware or firmware associated with this port, so the terminals should not be permanently connected in a PC application. This interface is not a user interface and only used for initial download and configuration of the firmware for the module.
6.4
I2C Interface
PIO[8:6] can be used to form a master I2C interface. The interface is formed using software to drive these lines. Therefore, it is suited only to relatively slow functions such as driving a dot matrix liquid crystal display (LCD), keyboard scanner or EEPROM.
Notes: 2 The I C interface is controlled by firmware specific settings. Please see specific firmware datasheet for information PIO lines need to be pulled-up through 2.2k: resistors. PIO[7:6] dual functions, UART bypass and EEPROM support, therefore, devices using an EEPROM cannot support UART bypass mode. For connection to EEPROMs, contact Free2move for information about devices that are currently supported.
Example EEPROM Connection
(c) 2006 Free2move AB
Page 24(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5
PCM
Pulse Code Modulation (PCM) is the standard method used to digitise audio (particulary voice) for transmission over digital communication channels. Through its PCM interface, F2M03 has hardware support for continual transmission and reception of PCM data, thus reducing processor overhead for wireless headset and other audio applications. F2M03 offers a bi-directional digital audio interface that routes directly into the baseband layer of the on-chip firmware. It does not pass through the HCI protocol layer. Hardware on F2M03 allows the data to be sent to and received from a SCO connection. Up to three SCO connections can be supported by the PCM interface at any one time(1) F2M03 can operate as the PCM interface Master generating an output clock of 128, 256 or 512kHz. When configured as PCM interface slave it can operate with an input clock up to 2048kHz. F2M03 is compatible with a variety of clock formats, including Long Frame Sync, Short Frame Sync and GCI timing environments. It supports 13 or 16-bit linear, 8-bit -law or A-law companded sample formats at 8ksamples/s and can receive and transmit on any selection of three of the first four slots following PCM_SYNC. The PCM configuration options are enabled by firmware settings (contact Free2move). F2M03 interfaces directly to PCM audio devices includes the following: Qualcomm MSM 3000 series and MSM 5000 series CDMA baseband devices * OKI MSM7705 four channel A-law and -law CODEC * Motorola MC145481 8-bit A-law and -law CODEC * Motorola MC145483 13-bit linear CODEC * Winbond W681360R 13-bit linear CODEC * STW 5093 and 5094 14-bit linear CODECs * F2M03 is also compatible with the Motorola SSITM interface
Note:
(1)
Subject to firmware support, contact Free2move for current status.
(c) 2006 Free2move AB
Page 25(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5.1 PCM Interface Master/Slave
When configured as the Master of the PCM interface, F2M03 generates PCM_CLK and PCM_SYNC.
F2M03 as PCM Interface Master
When configured as the Slave of the PCM interface, F2M03 accepts PCM_CLK rates up to 2048kHz
F2M03 as PCM Interface Master
(c) 2006 Free2move AB
Page 26(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5.2 Long Frame Sync
Long Frame Sync is the name given to a clocking format that controls the transfer of PCM data words or samples. In Long Frame Sync, the rising edge of PCM_SYNC indicates the start of the PCM word. When F2M03 is configured as PCM Master, generating PCM_SYNC and PCM_CLK, then PCM_SYNC is 8-bits long. When F2M03 is configured as PCM Slave, PCM_SYNC may be from two consecutive falling edges of PCM_CLK to half the PCM_SYNC rate (i.e., 62.5s) long.
Long Frame Sync (Shown with 8-bit Companded Sample)
F2M03 samples PCM_IN on the falling edge of PCM_CLK and transmits PCM_OUT on the rising edge. PCM_OUT may be configured to be high impedance on the falling edge of PCM_CLK in the LSB position or on the rising edge.
6.5.3 Short Frame Sync
In Short Frame Sync the falling edge of PCM_SYNC indicates the start of the PCM word. PCM_SYNC is always one clock cycle long.
Short Frame Sync (Shown with 16-bit Sample)
As with Long Frame Sync, F2M03 samples PCM_IN on the falling edge of PCM_CLK and transmits PCM_OUT on the rising edge. PCM_OUT may be configured to be high impedance on the falling edge of PCM_CLK in the LSB position or on the rising edge
(c) 2006 Free2move AB
Page 27(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5.4 Multi-Slot Operation
More than one SCO connection over the PCM interface is supported using multiple slots. Up to three SCO connections can be carried over any of the first four slots.
Multi-slot Operation with Two Slots and 8-bit Companded Samples
6.5.5 GCI Interface
F2M03 is compatible with the General Circuit Interface, a standard synchronous 2B+D ISDN timing interface. The two 64Kbps B channels can be accessed when this mode is configured. In the GCI interface two clock cycles are required for each bit of the voice sample. The voice sample format is 8-bit companded. As for the standard PCM interface up to 3 SCO connections can be carried over the first four slots.
GCI Interface
The start of frame is indicated by PCM SYNC and runs at 8kHz. With F2M03 in Slave mode, the frequency of PCMCLK can be up to PCM_SYNC In order to configure the PCM interface to work in GCI mode it is necessary to have the correct firmware support (contact Free2move)
(c) 2006 Free2move AB
Page 28(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5.6 Slots and Sample Formats
F2M03 can receive and transmit on any selection of the first four slots following each sync pulse. Slot durations can be either 8 or 16 clock cycles. Durations of 8 clock cycles may only be used with 8-bit sample formats. Durations of 16 clocks may be used with 8, 13 or 16-bit sample formats. F2M03 supports 13-bit linear, 16-bit linear and 8-bit -law or A-law sample formats. The sample rate is 8ksamples/s. The bit order may be little or big endian. When 16-bit slots are used, the 3 or 8 unused bits in each slot may be filled with sign extension, padded with zeros or a programmable 3-bit audio attenuation compatible with some Motorola CODECs.
6.5.7 Additional Features
F2M03 has a mute facility that forces PCM_OUT to be 0. In Master mode, PCM_SYNC may also be forced to 0 while keeping PCM_CLK running (which some CODECS use to control power-down)
(c) 2006 Free2move AB
Page 29(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.5.8 PCM Timing Information
PCM Master Timing
Symbol
fmclk -
Parameter
PCMCLK frequency PCM_SYNC frequency PCM_CLK high PCM_CLK low Delay time from PCM_CLK high to PCM_SYNC high Delay time from PCM_CLK high to valid PCM_OUT Delay time from PCM_CLK low to PCM_SYNC low (Long Frame Sync only) Delay time from PCM_CLK high to PCM_SYNC low Delay time from PCM_CLK low to PCMOUT high impedance Delay time from PCM_CLK high to PCMOUT high impedance Set-up time for PCM_IN valid to PCM_CLK low Hold time for PCM_CLK low to PCM_IN invalid Edge rise time (Cl = 50 pf, 10-90 %) Edge fall time (Cl = 50 pf, 10-90 %)
Min(1)
980 730 -
Typ
128 256 512 8 -
M a x (2)
-
Unit
kHz kHz ns ns ns ns ns ns ns ns ns ns ns ns
tmclkh (1) tmclkl
(1)
20 20 20 20 20 20 15 15
tdmclksynch tdmclkpout tdmclklsyncl tdmclkhsyncl tdmclklpoutz tdmclkhpoutz tsupinclkl thpinclkl
tr
30 30 -
-
tf
Note: (1) Assumes normal system clock operation. Figures will vary during low power modes, when system clock speeds are reduced. (2) Valid for temperatures between -40C and +85C
PCM Master Timing
(c) 2006 Free2move AB
Page 30(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
PCM Slave Timing
Symbol
fsclk fsclk tsclkl tsclkh thsclksynch tsusclksynch tdpout tdsclkhpout tdpoutz tsupinsclkl thpinsclkl tr Tf
Parameter
PCM clock frequency (Slave mode: input) PCM clock frequency (GCI mode) PCM_CLK low time PCM_CLK high time Hold time from PCM_CLK low to PCM_SYNC high Set-up time for PCM_SYNC high to PCM_CLK low Delay time from PCM_SYNC or PCM_CLK whichever is later, to valid PCM_OUT data (Long Frame Sync only) Delay time from CLK high to PCM_OUT valid data Delay time from PCM_SYNC or PCM_CLK low, whichever is later, to PCM_OUT data line high impedance Set-up time for PCM_IN valid to CLK low Hold time for PCM_CLK low to PCM_IN invalid Edge rise time (Cl = 50 pF, 10-90 %) Edge fall time (Cl = 50 pF, 10-90 %)
Min
64 128 200 200 30 30 30 30 -
(1)
Typ
-
Max ( 1 )
2048 4096 20 20 20 -
Unit
kHz kHz ns ns ns ns ns ns ns ns ns
15 15
ns ns
Note: (1) Valid for temperatures between -40C and +105C
PCM slave timing
(c) 2006 Free2move AB
Page 31(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.6
PIOs
The F2M03GLA have 10 programmable general-purpose I/O ports PIO[11:2] and two analog I/O ports AIO[1:0]. PIO lines can be configured through software to have either weak or strong pull-ups or pulldowns. All PIO lines are configured as inputs with weak pull-downs at reset. AIO[1:0] functions available via these pins include an 8-bit ADC but can also be used as general-purpose I/O lines. Typically the AIO[0] is used for battery voltage measurement. The voltage range for AIO[1:0] is constrained by the internal analogue supply voltage which is 1.8V.
Note: The PIO and AIO lines are controlled by firmware specific settings. Please see specific firmware datasheet for information about the PIOs used!
6.6.1
General-purpose I/O lines
PIO[2] Programmable I/O terminal. PIO[3] Programmable I/O terminal. PIO[4]/ BT_Priority/Ch_Clk Programmable input/output line or Optionally BT_Priority/Ch_Clk output for co-existence signaling PIO[5]/BT_Active Programmable input/output line or Optionally BT_Active output for co-existence signalling PIO[6]/WLAN_Active/Ch_Data Programmable input/output line or Optionally WLAN_Active/Ch_Data input for co-existence signalling PIO[7] Programmable I/O terminal. PIO[8] Programmable I/O terminal. PIO[9] Programmable I/O terminal. PIO[10] Programmable I/O terminal. PIO[11] Programmable I/O terminal.
6.6.2
Analog I/O lines
AIO[0] Programmable input/output line also possible to use as digital I/O AIO[1] Programmable input/output line also possible to use as digital I/O
(c) 2006 Free2move AB
Page 32(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
6.7
Power supply
The power supply for the F2M03GLA should be chosen carefully. Bad power supply can reduce the performance and may damage the module. Please use the recommended voltage regulator or consult Free2move if using another regulator. It is also essential to use a proper reset circuit to the module for correct operation.
6.7.1
Voltage regulator
The F2M03GLA has one power supply, +VCC. The voltage supplied should have low noise, less than 10mV rms between 0 and 10MHz. The transient response of the regulator is also important. At the start of a Bluetooth packet, power consumption will jump to high levels. The regulator should have a response time of 20s or less; it is essential that the power rail recovers quickly. The recommended voltage regulator is: TPS73633DBVTG4 from Texas Instrument
6.7.2
Reset
The F2M03GLA has an active low reset (pin nr: 30).The reset pin MUST be connected to either a resetcircuit such as the TC1270SERCTR, TCM811SERCTR, DS1818 or using an I/O from a microcontroller. Reset cannot be done with a R-C network. It is recommended to used one of the reset circuits mentioned above. Special considerations must be taken when using an I/O from a microcontroller; a pull-down resistor (1.8k) must be placed on the I/O-line. It is recommended that RESET is applied for a period greater than 5ms. At reset the digital I/O pins are set to inputs for bi-directional pins and outputs are tristated. The PIOs have weak pull-downs.
(c) 2006 Free2move AB
Page 33(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
7 Application information
7.1 Recommended land pattern
F2M03GLA
All dimensions are in [mm]
No ground planes, or placed outside the PCB
17
16
[TOP VIEW] 28.5
0.8 0.8 1.2
15.2
Solder pad Recommended extended pad for manual soldering Restricted area for ground planes or other components * * * Pad size: 0.8x1.2mm, Solder mask opening 0.9x1.3mm Pitch: 1.27mm (50mil)
(c) 2006 Free2move AB
Page 34(44)
1.37
32
1
1.27
20.42
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
7.2
Layout guidelines
The module uses bottom pads for soldering optimized for an automatic solder line. It is also possible to solder the module manually by using hot air soldering. For manual soldering solder pads may in some situation be made slightly larger to allow easier heating process. To achieve good RF performance it is recommended to place ground plane(s) beneath the module but not under the antenna. The ground planes should be connected with vias surrounding the module. Except from the ground plane it is preferable that there are as few components and other material as possible nearby the antenna. Free air is the best surrounding for the antenna. All GND pads must be connected directly to a flooded ground-plane. If more then one ground layer is used then make a good connection between them using many via holes. +VCC should be connected to the voltage regulator using a wide trace.
Antenna Vias
Ground layers
F2M03GLA
(c) 2006 Free2move AB
Page 35(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
7.3
Typical application schematic
Typical application schematic for F2M03GLA when using the Wireless UART firmware
(c) 2006 Free2move AB
Page 36(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
8 Package information
F2M03GLA
Physical size [mm]: Length: 28.5 Width: 15.2 Height: 2.1 Weight: 1.2g
(c) 2006 Free2move AB
Page 37(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
9 Certifications
9.1 Bluetooth
Devise under test
9.2
CE
Device under test
9.3
FCC
Device under test
(c) 2006 Free2move AB
Page 38(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
10 RoHS Statement
F2M03GLA meet the requirements of Directive 2002/95/EC of the European Parliament and of the Council on the Restriction of Hazardous Substance (RoHS). The module is assembled solely using RoHS compliant components.
(c) 2006 Free2move AB
Page 39(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
11 Tape and Reel information
11.1
TBD
Package Tape dimensions
11.2
TBD
Reel dimensions
(c) 2006 Free2move AB
Page 40(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
12 Ordering information
The F2M03GLA is available for delivery in volumes. Part nr:
F2M03GLA-S01 F2M03GLA-S04
Description
Low power Bluetooth module with antenna and Wireless UART firmware v4. (SPP) Low power Bluetooth module with antenna and HCI firmware (USB-interface)
Please use our website: www.free2move.net for more information about local distributors and dealers.
(c) 2006 Free2move AB
Page 41(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
13 Document history
Date
JAN 2007 NOV 2006
Revision
b a
Reason for Change
Small technical changes of the document. Original Publication of this document.
F2M03GLA Datasheet
Datasheet_F2M03GLA_rev_b.pdf
Last revision change January 2007
(c) 2006 Free2move AB
Page 42(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Acronyms and definitions
Term:
Bluetooth ACL AC A-law API BCSP BER C/I CMOS CODEC CPU CQDDR CTS CVSD DAC dBm DC DFU GCI HCI Host Host Controller HV ISDN ISM ksamples/s L2CAP LC LSB p-law MISO OHCI PA PCB PCM PIO RAM RF RFCOMM RISC RSSI RTS RX SCO SDP SIG SPI SPP TBD TX UART USB VM www
Definition:
A set of technologies providing audio and data transfer over short-range radio Asynchronous Connection-Less. A Bluetooth data packet. Alternating Current Audio encoding standard Application Programming Interface BlueCoreTM Serial Protocol Bit Error Rate. Used to measure the quality of a link Carrier Over Interferer Complementary Metal Oxide Semiconductor Coder Decoder Central Processing Unit Channel Quality Driven Data Rate Clear to Send Continuous Variable Slope Delta Modulation Digital to Analogue Converter Decibels relative to 1mW Direct Current Device Firmware Upgrade General Circuit Interface. Standard synchronous 2B+D ISDN timing interface Host Controller Interface Application's microcontroller Bluetooth integrated chip Header Value Integrated Services Digital Network Industrial, Scientific and Medical kilosamples per second Logical Link Control and Adaptation Protocol (protocol layer) Link Controller Least-Significant Bit Encoding standard Master In Serial Out Open Host Controller Interface Power Amplifier Printed Circuit Board Pulse Code Modulation. Refers to digital voice data Parallel Input Output Random Access Memory Radio Frequency Protocol layer providing serial port emulation over L2CAP Reduced Instruction Set Computer Receive Signal Strength Indication Ready To Send Receive or Receiver Synchronous Connection-Oriented. Voice oriented Bluetooth packet Service Discovery Protocol Special Interest Group Serial Peripheral Interface Serial Port Profile To Be Defined Transmit or Transmitter Universal Asynchronous Receiver Transmitter Universal Serial Bus or Upper Side Band (depending on context) Virtual Machine world wide web
(c) 2006 Free2move AB
Page 43(44)
Rev: b
Low power BluetoothTM Module with antenna- F2M03GLA
Datasheet
Contact information
For support questions please contact your local dealer For other purposes use: info@free2move.net Website: www.free2move.net Local dealer/distributor
The information given herein includes text, drawings, illustrations and schematics that are believed to be reliable. However, Free2move makes no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. Free2move will in no case be liable for any incidental, indirect or consequential damages arising out of sale, resale, use or misuse of the product. Users of Free2move products should make their own evaluation to determine the suitability of each such product for the specific application.
(c) 2006 Free2move AB
Page 44(44)


▲Up To Search▲   

 
Price & Availability of F2M03GLA-S04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X