Part Number Hot Search : 
03002 722R243 BA6303 40611 MBRS320 SK3756 AM79C901 AZ703000
Product Description
Full Text Search
 

To Download F20C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Switchmode Dual Fast Recovery Power Rectifiers
Designed for use in switching power supplies. inverters and as free wheeling diodes. These state-of-the-art devices have the following features: Glass Passivated chip junctions Low Reverse Leakage Current Fast Switching for High Efficiency 150J Operating Junction Temperature Low Stored Charge Majority Carrier Conduction Low Forward Voltage , High Current Capability Plastic Material used Carries Underwriters Laboratory
F20C05 Thru F20C20
FAST RECOVERY RECTIFIERS 20 AMPERES 50-200 VOLTS
Flammability Classification 94V-O
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Per Leg TC=125J Per Total Device Peak Repetitive Forward Current (Rate VR, Square Wave, 20kHz) Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol 05 VRRM VRWM VR VR(RMS) 50 10 100 F20C 15 150 20 200 V Unit
TO-220AB
35
70
105
140
V
IF(AV)
10 20 20
A
IFM
A
DIM A B C D E F G H I J K L M O
IFSM
175
A
TJ , Tstg
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =10 Amp TC = 25J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) Symbol 05 VF 10 1.30 F20C 15 20 V Unit
MILLIMETERS MIN MAX 14.68 15.32 9.78 10.42 5.02 6.52 13.06 14.62 3.57 4.07 2.42 2.66 1.12 1.36 0.72 0.96 4.22 4.98 1.14 1.38 2.20 2.98 0.33 0.55 2.48 2.98 3.70 3.90
IR
10 200 150
uA
Trr CP
ns
55
PF
F20C05 Thru F20C20
FIG-1 TYPICAL FORWARD CHARACTERISITICS
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
FIG-3 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (J )
FIG-4TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (uA.)
JUNCTION CAPACITANCE (PF)
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT (Amp.)
PERCENT OF PEAK REVERSE VOLTAGE (M )
NUMBER OF CYCLES AT 60 Hz
Set time base for 20/50 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


▲Up To Search▲   

 
Price & Availability of F20C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X