Part Number Hot Search : 
MKP9V160 224001 OMT603 CS439 KE180 OBC1527A V7043 LTC1483I
Product Description
Full Text Search
 

To Download F2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
F2004
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 8 Watts Gemini Package Style AK HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 60 Watts Junction to Case Thermal Resistance 3 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
o
-65 o C to 150o C
3.2 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 10 45 TYP
8WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.8 A, Vds = 28.0 V, F = 1000 MHz Idq = 0.8 A, Vds = 28.0 V, F = 1000 MHz Idq = 0.8 A, Vds = 28.0 V, F = 1000 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 0.4 2.1 2.4 18 2 12 MIN 65 0.4 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.02 A, Vds = 28.0 V, Vds = 0 V, Ids = 0.04 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 2 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F2004
POUT VS PIN GRAPH
F2004 POUT VS PIN FREQ=1000 MHZ; IDQ=.4A; VDS=28V
18 16 14 11 12 10 8 6 8 4 Efficiency = 35% 2 0 0 0.5 1 1.5 2 2.5 3 3.5 1 0
POUT GAIN
CAPACITANCE VS VOLTAGE
F2A 2 DIE CAPACITANCE
13 12
100
10 9 10
Coss
Ciss
7 6
Crss
PIN IN WATTS
5
10
15
VDS IN VOLTS
20
25
30
IV CURVE
F2A 2 DIE IV CURVE
3
ID AND GM VS VGS
F2A 2 DIE GM & ID vs VGS
10
2.5
Id
2 1 1.5
Gm
1 0.1 0.5
0 0 2 4 6 8 10
VDS IN VOLTS
VGS = 2V VGS = 4V VGS = 6V VGS = 8V VGS = 10V VGS 12V
12
14
16
18
20 0.01 0 2 4 6 8 10 12 14 16 18
Vgs in Volts
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X