Part Number Hot Search : 
630704P MJE13005 630704P Z5243B CPD32X 54ACS AD5439 1N4002
Product Description
Full Text Search
 

To Download F1T7G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F1T1G THRU F1T7G
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
TS-1
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Mounting position: Any Weight: 0.20 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol F1T F1T Type Number 1G 2G Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Operating Temperature Range Storage Temperature Range
F1T 3G 200 140 200
F1T 4G 400 280 400 1.0 30 1.3 5.0 100
F1T 5G 600 420 600
F1T F1T Units 6G 7G 800 1000 V 560 700 V 800 1000 V A A V uA uA nS
I(AV) IFSM VF IR Trr Cj
RJA TJ TSTG
150
250
500
O
15 90 -65 to +150 -65 to +150
pF
C/W

Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
- 378 -
RATINGS AND CHARACTERISTIC CURVES (F1T1G THRU F1T7G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
1.50
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
AVERAGE FORWARD CURRENT. (A)
1.25
PEAK FORWARD SURGE CURRENT. (A)
40
1.00
30
0.75
Tj=25 0C
20
0.50
10
8.3ms Single Half Sine Wave JEDEC Method
0.25 0
0
25
50
75
100
o
125
150
175
0
1
2
4
6
8 10
20
40
60 80 100
AMBIENT TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
FIG.5- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
JUNCTION CAPACITANCE.(pF)
1.0
10
Tj=25 0C
0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
1 1 10 REVERSE VOLTAGE. (V) 100 .01 .4 .6 .8 1.0 1.2 1.4 1.6
FORWARD VOLTAGE. (V)
- 379 -


▲Up To Search▲   

 
Price & Availability of F1T7G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X