Part Number Hot Search : 
512K8 MHW92 DL213 HA17824 512K8 GL317 DG202C 15111
Product Description
Full Text Search
 

To Download F16M40CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROVISIONAL
SemiWell Semiconductor
F16M40CT
Symbol
16A Schottky Barrier Rectifier
Features
1!
Plastic material meets UL94V-0 Metal silicon junction Very low forward voltage drop High current / High surge capability Guarding for over voltage protection Lead solderable per MIL-STD202,method 208 guaranteed Lead temperature for soldering purpose 250C Max for 10 second Weight : 2.2 gram (approximately)
b :
!
2
3!
b :
TO-220F
General Description
The F16M40CT schottky Rectifier has been designed for applcations requiring low forward voltage drop and switching power supply, dc-dc converter, free-wheeling diode, battery charging, polarity protection application.
1
2
3
Absolute Maximum Ratings
Symbol
VRRM VR IF(AV) IFSM Eas TJ TSTG
Parameter
Repetitive Peak Reverse Voltage Maximum DC Reverse Voltage Average Forward Current @ TC = 97C Per Diode Total Device
Value
40 40 8 16 250 4.5 - 65 ~ 125 - 65 ~ 150
Units
V V A A A mJ C C
Non-Repetitive Peak Surge Current (Surge applied at rated load conditions half sinewave,single phase, 60Hz) Non-Repetitive Avalanche Energy @ TC=25C , Vdd = 15V , L=18uH Maximum Junction Temperature Storage Temperature Range
Thermal Characteristics
Symbol
RJC
Parameter
Maximum Thermal Resistance, Junction-to-Case ( per diode )
Value
3.5
Units
C/W
Nov, 2002. Rev. 0 copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/3
F16M40CT
Electrical Characteristics
Symbol
Reverse Leakage Current IR VR = VRRM TC = 25 C TC = 125 C
-
Parameter
Min
Typ
-
Max
1 50
Units
mA
Forward Voltage Drop IF = IF = IF = IF = 8A 8A 16 A 16 A TC = 25 C TC = 125 C TC = 25 C TC = 125 C 0.55 0.50 0.70 0.62
VF
-
-
V
CT
Typical Junction Capacitance @ fT=1MHZ , VR=4V , Tj =25
700
PF
2/3
F16M40CT
Fig 1. VF-IF Characteristic
10
Fig 2. VR-IR Characteristic
Forward Current, IF[A]
10 TJ=125-
Reverse Current, IR[mA]
TJ=1251
TJ=75-
TJ=250.1
1 TJ=25-
0.1 0.2 0.4 0.6 0.8 1.0
0.01 0 8 16 24 32 40 48 56
Forward Voltage Drop, VF[V]
Reverse Voltage, VR[V]
Fig 3. Typical junctiion capacitance
Fig 4. Forward current derating curve
12
6 . Notes 1. TJ = 252. F = 1MHz 3. Vsig = 50mVP-P
Average forward Current, IF(AV)[A]
100
Junction capacitance, CJ[pF]
10
8
1000
6
4
2
100 0.1
0
1 10
0
25
50
75
100
125
150
Reverse Voltage, VR[V]
Case Temperature, TC[-]
Fig 5. Maximum non-repetitive forward surge current per diode
300
Peak Forward Surge Current, IFSM[A]
250
200
150
100
50
0 1 10 100
Reverse Voltage, VR[V]
3/3


▲Up To Search▲   

 
Price & Availability of F16M40CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X