Part Number Hot Search : 
SR745 CY2302 ROV05 KSB1116S UC3845D 30203 IRFB3 764306
Product Description
Full Text Search
 

To Download F1280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
F1280
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 80 Watts Single Ended Package Style AT HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 190 Watts Junction to Case Thermal Resistance 0.9 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 50 V Drain to Source Voltage 50 V Gate to Source Voltage 30V
o
-65 o C to 150o C
12 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 10 60 TYP
80WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 2.4 A, Vds = 12.5 V, F = 175 MHz Idq = 2.4 A, Vds = 12.5 V, F = 175 MHz Idq = 2.4 A, Vds = 12.5 V, F = 175 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 4.8 0.15 45 240 36 180 MIN 40 6 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.3 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 12.5 V, Vds = 0 V, Ids = 0.6 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 48 A Vgs = 20V, Vds = 10V Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1280
POUT VS PIN GRAPH
F1280 POUT VS PIN F=175 MHZ; IDQ=2.4A; VDS=12.5V
90 80 70 60 50 40 30 20 10 0 0 2 4 6 8 10
POUT
CAPACITANCE VS VOLTAGE
F1C 6DIE CAPACITANCE
17.00 16.00 15.00 14.00 13.00
1000
Coss
100
Ciss
12.00
Crss
Efficiency = 65%
11.00 10.00 9.00 8.00 12
GAIN
10 0 5 10 15
VDS IN VOLTS
20
25
30
PIN IN WATTS
IV CURVE
F1C 6 DIE IV CURVE
60 100
ID AND GM VS VGS
F1C 6 DICE ID & GM VS VG
Id
50
40
10
30
20
1
Gm
10
0 0 2 4 6 8 10
Vds in Volts
Vg = 2V Vg = 4V Vg = 6V Vg = 8V Vg = 10V Vg = 12V
0.1 12 14 16 18 20 0 2 4 6 8 10
Vgs in Volts
GM ID
12
14
16
18
20
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X