|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
polyfet rf devices General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance TM F1210 PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 10 Watts Single Ended Package Style AA HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE ABSOLUTE MAXIMUM RATINGS (TC = 25 C) Total Device Dissipation 60 Watts Junction to Case Thermal Resistance 3.12 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 50 V Drain to Source Voltage 50 V Gate to Source Voltage 30V o -65 o C to 150o C 2A RF CHARACTERISTICS ( SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 10 60 TYP 10WATTS OUTPUT ) MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.4 A, Vds = 12.5 V, F = 175 MHz Idq = 0.4 A, Vds = 12.5 V, F = 175 MHz Idq = 0.4 A, Vds = 12.5 V, F = 175 MHz VSWR ELECTRICAL CHARACTERISTICS (EACH SIDE) SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 0.8 0.7 7.5 40 6 30 MIN 40 1 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.05 A, Vds = 12.5 V, Vds = 0 V, Ids = 0.1 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 8 A Vgs = 20V, Vds = 10V Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz POLYFET RF DEVICES REVISION 8/1/97 1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com F1210 POUT VS PIN GRAPH F1210 POUT VS PIN 20 18 16 14 12 10 8 6 4 Efficiency = 65% 2 0 0 1 2 3 PIN IN WATTS POUT GAIN CAPACITANCE VS VOLTAGE F1C 1DIE CAPACITANCE 16 F=250 MHZ; IDQ=0.4A; VDS=12.5V 100 14 GAIN 12 Coss Ciss POUT 10 10 8 Crss 6 4 4 5 6 1 0 5 10 15 VDS IN VOLTS 20 25 30 IV CURVE F1C 1DIE IV CURVE 8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 Vds in Volts ID AND GM VS VGS F1C 1DIE GM & ID vs VGS 10 Id 1 Gm 12 14 16 18 20 0.1 0 2 4 6 Vgs in Volts 8 10 12 14 Vg = 2V Vg = 4V Vg = 6V Vg = 8V Vg = 10V Vg = 12V S11 AND S22 SMITH CHART PACKAGE DIMENSIONS IN INCHES POLYFET RF DEVICES REVISION 8/1/97 1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com |
Price & Availability of F1210 |