Part Number Hot Search : 
00101 DM1602A 3386W201 SLD9630 H2227 PA1800 SDR998N A3131
Product Description
Full Text Search
 

To Download F1063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
F1063
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 20 Watts Single Ended Package Style AT HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 80 Watts Junction to Case Thermal Resistance 1.95 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
o
-65 o C to 150o C
4A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 10 60 TYP
20WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz Idq = 0.4 A, Vds = 28.0 V, F = 400 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 1.6 0.7 11 66 8 40 MIN 65 2 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.1 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 28.0 V, Vds = 0 V, Ids = 0.2 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 8 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1063
POUT VS PIN GRAPH CAPACITANCE VS VOLTAGE
F1B 2 DICE CAPACITANCE
1000
100
Coss
Ciss
10
Crss
1 0 5 10 15
VDS IN VOLTS
20
25
30
IV CURVE
F1B 2 DICE IV CURVE
12
ID AND GM VS VGS
F1B 2 DIE GM & ID vs VGS
100
10
8 10 6
Id
4 1 2
0 0 2 4 6 8 10
Vds in Volts
Gm
12 14 16 18 20 0.1 0 Vg = 2V Vg = 4V Vg = 6V Vg = 8V Vg = 10V Vg = 12V 2 4 6 8 10 12 14
Vgs in Volts
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X