Part Number Hot Search : 
CZRW5223 MT48LC8M 23212 MUN5311 HMBT6520 SQ2222AF LBS35003 V674ME12
Product Description
Full Text Search
 

To Download F1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. TM "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
Total Device Dissipation 390 Watts Junction to Case Thermal Resistance 0.45 o C/W Maximum Junction Temperature 200 o C Storage Temperature
F1020
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 130 Watts Gemini Package Style AR HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
-65 o C to 150o C
20 A
RF CHARACTERISTICS ( 130 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficienc Load Mismatch Toleranc MIN 10 60 20:1 TYP MAX UNITS dB % Relative TEST CONDITIONS Idq = Idq = Idq = 2 A, Vds = 28.0 V, F = 400 MHz 2 A, Vds = 28.0 V, F = 400 MHz 2 A, Vds = 28.0 V, F = 400 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 4 0.25 27.5 165 20 100 MIN 65 5 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.25 A, Vds = 28.0 V, Vds = 0 V, Ids = 0.5 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 20 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1020
POUT VS PIN GRAPH
F1020 POUT vs PIN F=400 MHZ; IDQ=2.0A; VDS=28V
250 12
CAPACITANCE VS VOLTAGE
F1B 5 DIE Capacitance vs Vds
1000
200 GAIN
11
10 150 9 100 100 POUT 8
Ciss Coss
50 Efficiency = 55% 0 0 5 10 15 20
PIN IN WATTS
POUT GAIN
7
Crss
6 25 30 35 40 10 0 5 10 15
VDS IN VOLTS
20
25
30
IV CURVE
F1B 5 DIE IV CURVE
35 30 25 10 20 15 1 10 5 0 0 2 4 6 8 10
Vds in Volts
Vg = 2V Vg = 4V Vg = 6V Vg = 8V Vg = 10V Vg = 12V
ID AND GM VS VGS
F1B_5 DICE ID & GM VS VG
100
Id
Gm
0.1 12 14 16 18 20 0 2 4 6 8 10
Vgs in Volts
GM ID
12
14
16
18
20
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X