Part Number Hot Search : 
EXC400 BD242 LC015B ZTX656 45984 44MTD HT7L2102 MBR2060
Product Description
Full Text Search
 

To Download F1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
F1005
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 80 Watts Single Ended Package Style AM HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 150 Watts Junction to Case Thermal Resistance 1.2 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
o
-65 o C to 150o C
8A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 13 60 TYP
80WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.8 A, Vds = 28.0 V, F = 175 MHz Idq = 0.8 A, Vds = 28.0 V, F = 175 MHz Idq = 0.8 A, Vds = 28.0 V, F = 175 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 3.2 0.35 22 132 16 80 MIN 65 4 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.2 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 28.0 V, Vds = 0 V, Ids = 0.4 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 16 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1005
POUT VS PIN GRAPH
F-1005 F=175MHZ; IDQ=0.8A; VDS=28.0V
CAPACITANCE VS VOLTAGE
F1B 4DIE CAPACITANCE
120 GAIN 100
16 15 14
1000
80 13 60 12 11 40 10 20
POUT
Coss
100
Ciss
Crss
9 0 0 2 4 6
PIN IN WATTS
8 8 10 12
10 0 5 10 15
VDS IN VOLTS
20
25
30
IV CURVE
F1B 4DIE IV CURVE
30
ID AND GM VS VGS
F1B 4 DIE GM & ID vs VGS
100
25
Id
20 10 15
10 1 5
Gm
0 0 2 4 6 8 10
Vds in Volts
12
14
16
18
20 0.1 0 2 4 6
Vgs in Volts
8
10
12
14
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X