Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
 

To Download F0100604B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 02.03.04
Features * Low voltage of +5.0 /-3.5V power supply * 400 high transimpedance * Typical 9.0 GHz broad bandwidth * 17.0 dB high gain * Over 18 dB wide dynamic range * Excellent equivalent input noise current of 10 pA/Hz1/2
F0100604B
10 Gb/s Receiver
Transimpedance Amplifier
Applications * Preamplifier of an optical receiver circuit for STM-64/OC-192 (10 Gb/s)
Functional Description The F0100604B is a stable GaAs integrated transimpedance amplifier capable of 17.0 dB gain at a typical 9.0 GHz 3 dB-cutoff-frequency, making it ideally suited for a 10 Gb/s optical receiver circuit, for example, OC-192/STM-64, instrumentation, and measurement applications. The integrated feedback loop design provides broad bandwidth and stable operation. Only chip-shipment is available for all product lineups of GaAs transimpedance amplifiers, because the packaged preamplifier can not operate with the maximum performance owing to parasitic capacitance of the package.
10 Gb/s Transimpedance Amplifier
Absolute Maximum Ratings
F0100604B
Ta=25 C, unless specified
Parameter Supply Voltage Supply Voltage Supply Current Supply Current Ambient Operating Temperature Storage Temperature Symbol VDD VSS IDD ISS Ta Tstg Value -0.5 to 7.0 -4.0 to +0.5 160 -60 -40 to +90 -50 to +125 Units V V mA mA C C
Recommended Operating Conditions Ta=25 C, VDD=+5.0 V, VSS=-3.5 V, unless specified
Value Parameter Supply Voltage Supply Voltage Ambient Operating Temperature Symbol Min. VDD VSS Ta 4.75 -3.68 0 Max. 5.25 -3.32 70 V V C Units
Electrical Characteristics Ta=25 C, VDD=+5.0 V, VSS=-3.5 V, unless specified
Value Parameter Symbol IDD ISS Gain -3dB High Frequency Cut-off Input Impedance Trans-Impedance Output Voltage Input Voltage
RI +50 x10 2
S21 20
Test Conditions Min. Typ. 100 30 17.0 9.0 55 400 1.6 0.2 Max. PIN=-20dBm f=1GHz, RL=50 PIN=-20dBm RL=50 f=1GHz *1 f=1GHz DC DC -
Units
Supply Current
DC
mA
S21 FC RI ZT VO VI
dB GHz V V
*1 ZT=
10 Gb/s Transimpedance Amplifier
Block Diagram
F0100604B
VDD
Level Shift IN GND VSS
Buffer
OUT
Die Pad Description
VDD VSS GND IN OUT
Supply Voltage Supply Voltage Ground Input Output
10 Gb/s Transimpedance Amplifier
Die Pad Assignments
F0100604B
A (10) (9) (8) (7)
(11)
(6)
(12)
(5)
(4) (13)
(1) O
(2)
(3)
No. (1) (2) (3) (4) (5) (6) (7) (8) (9)
Symbol GND VSS GND GND OUT GND GND VDD VDD
Center Coordinates(m) (375,100) (600,100) (970,100) (1280,470) (1280,690) (1280,960) (1265,1280) (1000,1280) (500,1280)
No. (10) (11) (12) (13)
Symbol VDD GND IN GND
Center Coordinates(m) (200,1280) (100,960) (100,690) (100,320)
O A
(0,0) (1380,1380)
10 Gb/s Transimpedance Amplifier
Test Circuits 1) AC Characteristics
F0100604B
50
Network Analyzer
50
Pin=-20 dBm f=130 MHz ~20GHz IN
VDD
VSS
OUT DUT
Prober
2) Sensitivity Characteristics
VPD
5V 0.022F
E/O Converter
Optical Attenuater
VDD PD DUT VSS
5V 0.022F -3.5V 0.022F
Pulse Pattern Generator
CLK 0.022F
Post Amp.
Bit Error Rate Tester
10 Gb/s Transimpedance Amplifier
Examples of AC Characteristics (1) Gain (S21)
F0100604B
(2) Input Noise Current Density & Transimpedance
G G OW PR NT N OW PRIINTIIN N N
10 Gb/s Transimpedance Amplifier
Typical Bit Error Rate
F0100604B
10
-3
VDD=VPD=4.75V VDD=VPD=5.00V VDD=VPD=5.25V
10
-4
Bit Error Rate (1/s)
10Gbps, PRBS223-1
10-5
10-6
10
-7
10-8 10
-9
10-10 10
-11
10-12 -24 -23 -22 -21 -20 -19 -18 -17 -16
Optical Input Power (dBm)
CP D=0.25pF
10 Gb/s Transimpedance Amplifier
General Description
F0100604B
A transimpedance amplifier is applied as a pre-amplifier which is an amplifier for a faint photo-current from a PIN photo diode (PD). The performance in tems of sensitivity, bandwidth, and so on, obtained by this transimpedance amplifier strongly depend on the capacitance brought at the input terminal; therefore, "typical", "minimum", or "maximum" parameter descriptions can not always be achieved according to the employed PD and package, the assembling design, and other technical experts. This is the major reason that there is no product lineup of packaged transimpedance amplifiers. Thus, for optimum performance of the transimpedance amplifier, it is essential for customers to design the input capacitance carefully . Hardness to electro-magnetic interference and fluctuation of a power supply voltage is also an important point of the design, because very faint photo-current flows into the transimpedance amplifier. Therefore, in the assembly design of the interconnection between a PD and a transimpedance, noise should be taken into consideration.
Die-Chip Description The F0100604B is shipped like the die-chip described above. The die thickness is typically 600 m 20 m with the available pad size uncovered by a passivation film of 95 m square. The material of pads is TiW/Pt/Au and the backside is metalized by Ti/Au.
Assembling Condition SEI recommends the assembling process as shown below and affirms sufficient wirepull and die-shear strength. The heating time of one minute at the temperature of 310 C gave satisfactory results for die-bonding with AuSn performs. The heating and ultrasonic wire-bonding at the temperature of 150 C by a ball-bonding machine is effective.
10 Gb/s Transimpedance Amplifier
Quality Assurance
F0100604B
For the F01 series products, there is only one technically inevitable drawback in terms of quality assurance which is to be impossible of the burn-in test for screening owing to dieshipment. SEI will not ship them if customers do not agree on this point. On the other hand, the lot assurance test is performed completely without in any problems according to SEI's authorized rule. A microscope inspection is conducted in conformance with the MIL-STD883C Method 2010.7.
Precautions Owing to their small dimensions, the GaAs FET's from which the F0100604B is designed are easily damaged or destroyed if subjected to large transient voltages. Such transients can be generated by power supplies when switched on if not properly decoupled. It is also possible to induce spikes from static-electricity-charged operations or ungrounded equipment.
Electron Device Department


▲Up To Search▲   

 
Price & Availability of F0100604B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X