Part Number Hot Search : 
74479027 JTX210 XGH24N60 MCZ33 A5801035 8252ELF BC847 PLCC6MWC
Product Description
Full Text Search
 

To Download EVAL-AD5398EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 120 mA, Current Sinking, 10-Bit, I2C DAC AD5398
FEATURES
120 mA current sink Available in 8-lead LFCSP package 2-wire (I2C(R)-compatible) serial interface 10-bit resolution Integrated current sense resistor 2.7 V to 5.5 V power supply Guaranteed monotonic over all codes Power-down to 0.5 A typical Internal reference Ultralow noise preamplifier Power-down function Power-on reset
FUNCTIONAL BLOCK DIAGRAM
VDD
6
AD5398
REFERENCE
POWER-ON RESET
SDA 3 SCL 4
I2C SERIAL INTERFACE
10-BIT CURRENT OUTPUT DAC
8
ISINK
R PD 1
5 2
7
DGND
DGND
AGND
Figure 1.
CONSUMER APPLICATIONS
Lens autofocus Image stabilization Optical zoom Shutters Iris/exposure Neutral density filter NDFs Lens covers Camera phones Digital still cameras Camera modules Digital video cameras (DVCs)/camcorders Camera-enabled devices Security cameras Web/PC cameras
GENERAL DESCRIPTION
The AD5398 is a single 10-bit DAC with 120 mA output current sink capability. It features an internal reference and operates from a single 2.7 V to 5.5 V supply. The DAC is controlled via a 2-wire (I2C-compatible) serial interface that operates at clock rates up to 400 kHz. The AD5398 incorporates a power-on reset circuit, which ensures that the DAC output powers up to 0 V and remains there until a valid write takes place. It has a power-down feature that reduces the current consumption of the device to 1 A max. The AD5398 is designed for autofocus, image stabilization, and optical zoom applications in camera phones, digital still cameras, and camcorders. The AD5398 also has many industrial applications, such as controlling temperature, light, and movement, over the range -40C to +85C without derating. The I2C address range for the AD5398 is 0x18 to 0x1F inclusive.
INDUSTRIAL APPLICATIONS
Heater control Fan control Cooler (Peltier) control Solenoid control Valve control Linear actuator control Light control Current loop control
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c) 2005 Analog Devices, Inc. All rights reserved.
05034-001
RSENSE 3.3
AD5398 TABLE OF CONTENTS
Specifications..................................................................................... 3 AC Specifications.......................................................................... 4 Timing Specifications .................................................................. 4 Absolute Maximum Ratings............................................................ 5 ESD Caution.................................................................................. 5 Pin Configuration and Function Descriptions............................. 6 Typical Performance Characteristics ............................................. 7 Terminology ...................................................................................... 9 Theory of Operation ...................................................................... 10 Serial Interface ............................................................................ 10 I2C Bus Operation ...................................................................... 10 Data Format ................................................................................ 10 Power Supply Bypassing and Grounding................................ 11 Applications..................................................................................... 13 Outline Dimensions ....................................................................... 14 Ordering Guide .......................................................................... 14
REVISION HISTORY
7/05--Rev. 0 to Rev. A Changes to Table 4............................................................................ 5 Deleted Figure 21............................................................................ 13 Updated Outline Dimensions ....................................................... 14 Changes to Ordering Guide .......................................................... 14 12/04--Revision 0: Initial Version
Rev. A | Page 2 of 16
AD5398 SPECIFICATIONS
VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, load resistance RL = 25 connected to VDD; all specifications TMIN to TMAX, unless otherwise noted. Table 1.
Parameter DC PERFORMANCE Resolution Relative Accuracy 2 Differential Nonlinearity2, 3 Zero Code Error2, 4 Offset Error @ Code 162 Gain Error2 Offset Error Drift4, 5 Gain Error Drift2, 5 OUTPUT CHARACTERISTICS Minimum Sink Current4 Maximum Sink Current Output Current During PD Output Compliance5 Power-Up Time LOGIC INPUTS (PD) 5 Input Current Input Low Voltage, VINL Input High Voltage, VINH Pin Capacitance LOGIC INPUTS (SCL, SDA)5 Input Low Voltage, VINL Input High Voltage, VINH Input Leakage Current IIN Input Hysteresis, VHYST Digital Input Capacitance, CIN Glitch Rejection 6 POWER REQUIREMENTS VDD IDD (Normal Mode) VDD = 2.7 V to 5.5 V VDD = 2.7 V to 4.5 V IDD (Power-Down Mode)
1 2
Min
B Version 1 Typ Max
Unit
10 1.5 0 1 0.5 10 0.2 3 120 80 0.6 20
4 1 5 0.6 0.5
Bits LSB LSB mA mA % of FSR A/C LSB/C mA mA nA V s
Test Conditions/Comments VDD = 3.6 V to 4.5 V; device operates over 2.7 V to 5.5 V with reduced performance 117 A/LSB Guaranteed monotonic over all codes All 0s loaded to DAC @ 25C
VDD
VDD = 3.6 V to 4.5 V; device operates over 2.7 V to 5.5 V but specified maximum sink current might not be achieved PD = 1 Output voltage range over which max sink current is available To 10% of FS, coming out of power-down mode; VDD = 5 V
1 0.8 0.7 VDD 3 -0.3 0.7 VDD 0.05 VDD 6 50 2.7 2.5 2.3 0.5 5.5 4 3 1 0.3 VDD
VDD + 0.3
A V V pF V V A V pF ns V mA mA A
VDD = 2.7 V to 5.5 V VDD = 2.7 V to 5.5 V
1
VIN = 0 V to VDD
Pulse width of spike suppressed
IDD specification is valid for all DAC codes. VIH = VDD, VIL = GND, VDD = 5.5 V VIH = VDD, VIL = GND, VDD = 4.5 V VIH = VDD, VIL = GND
Temperature range is as follows: B Version: -40C to +85C. See the Terminology section. 3 Linearity is tested using a reduced code range: Codes 32 to 1023. 4 To achieve near zero output current, use the power-down feature. 5 Guaranteed by design and characterization; not production tested. 6 Input filtering on both the SCL and SDA inputs suppresses noise spikes that are less than 50 ns.
Rev. A | Page 3 of 16
AD5398
AC SPECIFICATIONS
VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, load resistance RL = 25 connected to VDD, unless otherwise noted. Table 2.
Parameter Output Current Settling Time Slew Rate Major Code Change Glitch Impulse Digital Feedthrough 3
1 2
Min
B Version 1, 2 Typ Max 250 0.3 0.15 0.06
Unit s mA/s nA-s nA-s
Test Conditions/Comments VDD = 5 V, RL = 25 , LL = 680 H 1/4 scale to 3/4 scale change (0x100 to 0x300) 1 LSB change around major carry
Temperature range is as follows: B Version: -40C to +85C. Guaranteed by design and characterization; not production tested. 3 See the Terminology section.
TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted. Table 3.
Parameter 1 fSCL t1 t2 t3 t4 t5 t6 2 t7 t8 t9 t10 t11 B Version Limit at TMIN, TMAX 400 2.5 0.6 1.3 0.6 100 0.9 0 0.6 0.6 1.3 300 0 250 300 20 + 0.1 Cb 3 400 Unit kHz max s min s min s min s min ns min s max s min s min s min s min ns max ns min ns max ns max ns min pF max Description SCL clock frequency SCL cycle time tHIGH, SCL high time tLOW, SCL low time tHD,STA, start/repeated start condition hold time tSU,DAT, data setup time tHD,DAT, data hold time tSU,STA, setup time for repeated start tSU,STO, stop condition setup time tBUF, bus free time between a stop condition and a start condition tR, rise time of both SCL and SDA when receiving May be CMOS driven tF, fall time of SDA when receiving tF, fall time of both SCL and SDA when transmitting Capacitive load for each bus line
Cb
1 2
Guaranteed by design and characterization; not production tested. A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH MIN of the SCL signal) in order to bridge the undefined region of SCL's falling edge. 3 Cb is the total capacitance of one bus line in pF. tR and tF are measured between 0.3 VDD and 0.7 VDD.
SDA
t9
t3
t10
t11
t4
SCL
START CONDITION
REPEATED START CONDITION
STOP CONDITION
Figure 2. 2-Wire Serial Interface Timing Diagram
Rev. A | Page 4 of 16
05034-002
t4
t6
t2
t5
t7
t1
t8
AD5398 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted.1 Table 4.
Parameter VDD to AGND VDD to DGND AGND to DGND SCL, SDA to DGND PD to DGND ISINK to AGND Operating Temperature Range Industrial (B Version) Storage Temperature Range Junction Temperature (TJ max) LFCSP Power Dissipation JA Thermal Impedance2 Mounted on 2-Layer Board Mounted on 4-Layer Board Lead Temperature, Soldering Max Peak Reflow Temperature3
1 2
Rating -0.3 V to +7 V -0.3 V to VDD + 0.3 V -0.3 V to +0.3 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -40C to +85C -65C to +150C 150C (TJ max - TA)/JA 84C/W 48C/W 260C (5C)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time.
Transient currents of up to 100 mA do not cause SCR latch-up. To achieve the optimum JA, it is recommended that the AD5398 is soldered on a 4-layer board. The AD5398 comes in an 8-lead LFCSP package with an exposed paddle that should be connected to the same potential as the AD5398 DGND pin. 3 As per Jedec J-STD-020C.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. A | Page 5 of 16
AD5398 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PD 1 DGND 2 SDA 3
8
ISINK
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 Mnemonic PD DGND SDA SCL DGND VDD AGND ISINK Description Power Down. Asynchronous power-down signal. Digital Ground Pin. I2C Interface Signal. I2C Interface Signal. Digital Ground Pin. Digital Supply Voltage. Analog Ground Pin. Output Current Sink.
Rev. A | Page 6 of 16
05034-003
AGND TOP VIEW 6 VDD (Not to Scale) SCL 4 5 DGND
7
AD5398
AD5398 TYPICAL PERFORMANCE CHARACTERISTICS
2.0 INL VDD = 3.8V TEMP = 25C 1.5
VERT = 50s/DIV
INL (LSB)
1.0
0.5
3
0
05034-004
HORIZ = 468A/DIV CH3 M50.0s
56
112
168
224
280
336
392
448
504
560
616
672
728
784
840
896
952
CODE
1008 1023
0
-0.5
Figure 4. Typical INL Plot
Figure 7. Settling Time for a 4-LSB Step (VDD = 3.6 V)
0.6 0.5 0.4 0.3
DNL VDD = 3.8V TEMP = 25C
VERT = 2A/DIV
4.8A p-p
DNL (LSB)
0.2
1
0.1 0 -0.1 -0.2 -0.3
05034-005
05034-008
HORIZ = 2s/DIV CH1 M2.0s
CODE
1008 1023
0
56
112
168
224
280
336
392
448
504
560
616
672
728
784
840
896
952
Figure 5. Typical DNL Plot
Figure 8. 0.1 Hz to 10 Hz Noise Plot (VDD = 3.6 V)
92.0 91.5 91.0 90.5 90.0 89.5 89.0
05034-006
0.14 IOUT @ +25C 0.12 IOUT @ -40C 0.10 0.08 IOUT @ +85C
OUTPUT CURRENT (mA)
IOUT (A)
0.06 0.04 0.02
112
168
224
280
336
392
448
504
560
616
672
728
784
840
896
952
100.0-6
150.0-6
200.0-6 TIME
250.0-6
300.0-6 333.1-6
CODE
Figure 6. 1/4 to 3/4 Scale Settling Time (VDD = 3.6 V)
Figure 9. Sink Current vs. Code vs. Temperature (VDD = 3.6 V)
Rev. A | Page 7 of 16
1008 1023
56
88.0 53.5-6
0
0
05034-009
88.5
05034-007
AD5398
2000 1800 1600 1400 1200
0.45 VDD = 3.6V 0.40 0.35
ZERO CODE ERROR (mA)
0.30 0.25 0.20 0.15 0.10 0.05 0
VDD = 4.5V
VDD = 3.8V
A/V
1000 800 600 400 200 0 10
05034-010
100
1k FREQUENCY
10k
100k
-40 -30 -20 -10
0 15 25 35 45 TEMPERATURE (C)
55
65
75
85
Figure 10. AC Power Supply Rejection (VDD = 3.6 V)
Figure 13. Zero Code Error vs. Supply Voltage vs. Temperature
3.5 3.0 POSITIVE INL (VDD = 3.8V) 2.5 POSITIVE INL (VDD = 4.5V)
1.5 VDD = 4.5V 1.0 0.5
FS ERROR (mA)
2.0
VDD = 3.8V 0 -0.5 -1.0 -1.5 VDD = 3.6V -2.0 -40 -30 -20 -10 0 15 25 35 45 TEMPERATURE (C) 55 65 75 85
INL (LSB)
1.5 1.0 0.5 0 -0.5 -1.0 NEGATIVE INL (VDD = 4.5V) -40 -30 -20 -10 0 15 25 35 45 TEMPERATURE (C) 55 65 75 85 POSITIVE INL (VDD = 3.6V)
NEGATIVE INL (VDD = 3.6V) NEGATIVE INL (VDD = 3.8V)
05034-011
Figure 11. INL vs. Temperature vs. Supply
Figure 14. Full-Scale Error vs. Temperature vs. Supply
1.0 0.8 0.6 0.4 POSITIVE DNL (VDD = 3.6V) POSITIVE DNL (VDD = 4.5V)
DNL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 NEGATIVE DNL (VDD = 4.5V) NEGATIVE DNL (VDD = 3.6V) NEGATIVE DNL (VDD = 3.8V) POSITIVE DNL (VDD = 3.8V)
-40 -30 -20 -10
0 15 25 35 45 TEMPERATURE (C)
55
65
75
85
Figure 12. DNL vs. Temperature vs. Supply
05034-012
Rev. A | Page 8 of 16
05034-096
05034-013
AD5398 TERMINOLOGY
Relative Accuracy For the DAC, relative accuracy or integral nonlinearity is a measurement of the maximum deviation, in LSB, from a straight line passing through the endpoints of the DAC transfer function. A typical INL vs. code plot is shown in Figure 4. Differential Nonlinearity (DNL) Differential nonlinearity is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. This DAC is guaranteed monotonic by design. A typical DNL vs. code plot is shown in Figure 5. Zero-Code Error Zero-code error is a measurement of the output error when zero code (0x0000) is loaded to the DAC register. Ideally the output is 0 mA. The zero-code error is always positive in the AD5398 because the output of the DAC cannot go below 0 mA. This is due to a combination of the offset errors in the DAC and output amplifier. Zero-code error is expressed in mA. Gain Error This is a measurement of the span error of the DAC. It is the deviation in slope of the DAC transfer characteristic from the ideal, expressed as a percent of the full-scale range. Gain Error Drift This is a measurement of the change in gain error with changes in temperature. It is expressed in LSB/C. Digital-to-Analog Glitch Impulse Digital-to-analog glitch impulse is the impulse injected into the analog output when the input code in the DAC register changes state. It is normally specified as the area of the glitch in nA-s and is measured when the digital input code is changed by 1 LSB at the major carry transition. Digital Feedthrough Digital feedthrough is a measurement of the impulse injected into the analog output of the DAC from the digital inputs of the DAC, but is measured when the DAC output is not updated. It is specified in nA-s and measured with a full-scale code change on the data bus, that is, from all 0s to all 1s and vice versa. Offset Error Offset error is a measurement of the difference between ISINK (actual) and IOUT (ideal) in the linear region of the transfer function, expressed in mA. Offset error is measured on the AD5398 with Code 16 loaded into the DAC register. Offset Error Drift This is a measurement of the change in offset error with a change in temperature. It is expressed in V/C.
Rev. A | Page 9 of 16
AD5398 THEORY OF OPERATION
The AD5398 is a fully integrated 10-bit DAC with 120 mA output current sink capability and is intended for driving voice coil actuators in applications such as lens autofocus, image stabilization, and optical zoom. The circuit diagram is shown in Figure 15. A 10-bit current output DAC coupled with Resistor R generates the voltage that drives the noninverting input of the operational amplifier. This voltage also appears across the RSENSE resistor and generates the sink current required to drive the voice coil. Resistors R and RSENSE are interleaved and matched. Therefore, the temperature coefficient and any nonlinearities over temperature are matched and the output drift over temperature is minimized. Diode D1 is an output protection diode.
VBAT VDD
6
AD5398
REFERENCE
POWER-ON RESET
VOICE COIL ACTUATOR
When the bus is idle, SCL and SDA are both high. The master device initiates a serial bus operation by generating a start condition, which is defined as a high-to-low transition on the SDA low while SCL is high. The slave device connected to the bus responds to the start condition and shifts in the next eight data bits under control of the serial clock. These eight data bits consist of a 7-bit address, plus a read/write bit, which is 0 if data is to be written to a device, and 1 if data is to be read from a device. Each slave device on an I2C bus must have a unique address. The address of the AD5398 is 0001100; however, 0001101, 0001110, and 0001111 address the part because the last two bits are unused/don't care (see Figure 17 and Figure 18). Since the address plus R/W bit always equals eight bits of data, another way of looking at it is that the write address of the AD5398 is 0001 1000 (0x18) and the read address is 0001 1001 (0x19). Again, Bit 6 and Bit 7 of the address are unused, and therefore the write addresses can also be 0x1A, 0x1C, and 0x1E, and the read address can be 0x1B, 0x1D, and 0x1F (see Figure 17 and Figure 18). At the end of the address data, after the R/W bit, the slave device that recognizes its own address responds by generating an acknowledge (ACK) condition. This is defined as the slave device pulling SDA low while SCL is low before the ninth clock pulse, and keeping it low during the ninth clock pulse. Upon receiving ACK, the master device can clock data into the AD5398 in a write operation, or it can clock it out in a read operation. Data must change only during the low period of the clock, because SDA transitions during the high period define a start condition as described previously, or a stop condition as described in the Data Format section. I2C data is divided into blocks of eight bits, and the slave generates an ACK at the end of each block. Since the AD5398 requires 10 bits of data, two data-words must be written to it when a write operation, or read back from it when a read operation. At the end of a read or write operation, the AD5398 acknowledges the second data byte. The master generates a stop condition, defined as a low-to-high transition on SDA while SCL is high, to end the transaction.
SDA 3 SCL 4
I2C SERIAL INTERFACE
10-BIT CURRENT OUTPUT DAC
D1
8
ISINK
R PD 1
5 2
RSENSE 3.3
7
05034-015
DGND
DGND
AGND
Figure 15. Block Diagram Showing Connection to Voice Coil
SERIAL INTERFACE
The AD5398 is controlled using the industry-standard I2C 2-wire serial protocol. Data can be written to the DAC, or read back from it, at data rates up to 400 kHz. After a read operation the contents of the input register are reset to all zeros.
I2C BUS OPERATION
An I2C bus operates with one or more master devices that generate the serial clock (SCL), and read/write data on the serial data line (SDA) to/from slave devices such as the AD5398. All devices on an I2C bus have their SCL pin connected to the SDA line and their SCL pin connected to the SCL line. I2C devices can only pull the bus lines low; pulling high is achieved by pullup resistors RP. The value of RP depends on the data rate, bus capacitance, and the maximum load current that the I2C device can sink (3 mA for a standard device).
VDD RP RP SDA SCL
DATA FORMAT
Data is written to the AD5398 high byte first, MSB first, and is shifted into the 16-bit input register. After all data is shifted in, data from the input register is transferred to the DAC register. Because the DAC requires only 10 bits of data, not all bits of the input register data are used. The MSB is reserved for an activehigh, software-controlled, power-down function. Bit 14 is unused; Bit 13 to Bit 4 are DAC data; Bit 9 to Bit 0 and Bit 3 to Bit 0 are unused. During a read operation, data is read back in the same bit order.
I2C MASTER DEVICE
AD5398
I2C SLAVE DEVICE
I2C SLAVE DEVICE
Figure 16. Typical I2C Bus
Rev. A | Page 10 of 16
05034-016
AD5398
1 SCL 9 1 1 9
SDA START BY MASTER
0
0
0
1
1
X
X
R/W ACK BY AD5398
PD
X
D9
D8
D7
D6
D5
D4 ACK BY AD5398
D3
D2
D1
D0
X
X
X
X ACK BY AD5398 STOP BY MASTER
05034-017
FRAME 1 SERIAL BUS ADDRESS BYTE
FRAME 2 MOST SIGNIFICANT DATA BYTE
FRAME 3 LEAST SIGNIFICANT DATA BYTE
Figure 17. Write Operation
1 SCL
9
1
1
9
SDA START BY MASTER
0
0
0
1
1
X
X
R/W ACK BY AD5398
PD
X
D9
D8
D7
D6
D5
D4 ACK BY AD5398
D3
D2
D1
D0
X
X
X
X ACK BY AD5398 STOP BY MASTER
05034-018
FRAME 1 SERIAL BUS ADDRESS BYTE
FRAME 2 MOST SIGNIFICANT DATA BYTE
FRAME 3 LEAST SIGNIFICANT DATA BYTE
Figure 18. Read Operation
Table 6. Data Format
Serial Data-Words Serial Data Bits Input Register Function
1
1
High Byte SD7 SD6 R15 R14 PD X
SD5 R13 D9
SD4 R12 D8
SD3 R11 D7
SD2 R10 D6
SD1 R9 D5
SD0 R8 D4
Low Byte SD7 SD6 R7 R6 D3 D2
SD5 R5 D1
SD4 R4 D0
SD3 R3 X
SD2 R2 X
SD1 R1 X
SD0 R0 X
PD = soft power-down; X = unused/don't care; D9 to D0 = DAC data
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in an application, it is beneficial to consider power supply and ground return layout on the PCB. The PCB for the AD5398 should have separate analog and digital power supply sections. Where shared AGND and DGND is necessary, the connection of grounds should be made at only one point, as close as possible to the AD5398. Special attention should be paid to the layout of the AGND return path and track between the voice coil motor and ISINK to minimize any series resistance. Figure 19 shows the output current sink of the AD5398 and illustrates the importance of reducing the effective series impedance of AGND, and the track resistance between the motor and ISINK. The voice coil is modeled as inductor LC and resistor RC. The current through the voice coil is effectively a dc current that results in a voltage drop, VC, when the AD5398 is sinking current; the effect of any series inductance is minimal. The maximum voltage drop allowed across RSENSE is 400 mV, and the minimum drain to source voltage of Q1 is 200 mV. This means that the AD5398 output has a compliance voltage of 600 mV. If VDROP falls below 600 mV, the output transistor, Q1, can no longer operate properly and ISINK might not be maintained as a constant.
VBAT VOICE COIL ACTUATOR
LC RC RT VC TRACE RESISTANCE
8
VT
Q1
ISINK
RSENSE 3.3
7
VDROP
AGND GROUND RG RESISTANCE VG
05034-019
GROUND LG INDUCTANCE
Figure 19. Effect of PCB Trace Resistance and Inductance
Rev. A | Page 11 of 16
AD5398
As the current increases through the voice coil, VC increases and VDROP decreases and eventually approaches the minimum specified compliance voltage of 600 mV. The ground return path is modeled by the components RG and LG, and the track resistance between the voice coil and the AD5398 is modeled as RT. The inductive effects of LG influence RSENSE and RC equally, and because the current is maintained as a constant, it is not as critical as the purely resistive component of the ground return path. When the maximum sink current is flowing through the motor, the resistive elements, RT and RG, might have an impact on the voltage headroom of Q1 and could, in turn, limit the maximum value of RC because of voltage compliance. For example, VBAT = 3.6 V RG = 0.5 RT = 0.5 ISINK = 120 mA VDROP = 600 mV (the compliance voltage) Then the largest value of resistance of the voice coil, RC, is
RC = VBAT - [VDROP + (I SINK x RT ) + (I SINK x RG )] = I SINK
3.6 V - [600 mV + 2 x (120 mA x 0.5 )] 120 mA = 24
For this reason it is important to minimize any series impedance on both the ground return path and interconnect between the AD5398 and the motor. The power supply of the AD5398 should be decoupled with 0.1 F and 10 F capacitors. These capacitors should be kept as physically close as possible, with the 0.1 F capacitor serving as a local bypass capacitor, and therefore should be located as close as possible to the VDD pin. The 10 F capacitor should be a tantalum bead-type; the 0.1 F capacitor should be a ceramic type with a low effective series resistance and effective series inductance. The 0.1 F capacitor provides a low impedance path to ground for high transient currents. The power supply line itself should have as large a trace as possible to provide a low impedance path and reduce glitch effects on the supply line. Clocks and other fast switching digital signals should be shielded from other parts of the board by digital ground. Avoid crossover of digital and analog signals if possible. When traces cross on opposite sides of the board, ensure that they run at right angles to each other to reduce feedthrough effects through the board. The best board layout technique is to use a multilayer board with ground and power planes, where the component side of the board is dedicated to the ground plane only and the signal traces are placed on the solder side. However, this is not always possible with a 2-layer board. The exposed paddle on the AD5398 should be soldered to ground to ensure the best possible thermal performance. The thermal impedance of the AD5398 LFCSP package is 48C/W when soldered in a 4-layer board. It is defined in the Absolute Maximum Ratings Section.
Rev. A | Page 12 of 16
AD5398 APPLICATIONS
The AD5398 is designed to drive both spring preloaded and nonspring linear motors used in applications such as lens autofocus, image stabilization, or optical zoom. The operation principle of the spring preloaded motor is that the lens position is controlled by the balancing of a voice coil and spring. Figure 20 shows the transfer curve of a typical spring preloaded linear motor for autofocus. The key points of this transfer function are displacement or stroke, which is the actual distance the lens moves in mm, and the current through the motor in mA. A start current is associated with spring preloaded linear motors, which is effectively a threshold current that must be exceeded for any displacement in the lens to occur. The start current is usually 20 mA or greater; the rated stroke or displacement is usually 0.25 mm to 0.4 mm; and the slope of the transfer curve is approximately 10 m/mA or less. The AD5398 is designed to sink up to 120 mA, which is more than adequate for available commercial linear motors or voice coils. Another factor that makes the AD5398 the ideal solution for these applications is the monotonicity of the device, which ensures that lens positioning is repeatable for the application of a given digital word. Figure 21 shows a typical application circuit for the AD5398.
0.5
0.4
STROKE (mm)
0.3
0.2 START CURRENT
0.1
0 0 10 20 30 40 50 60 70 80 90 100 110 120 SINK CURRENT (mA)
Figure 20. Spring Preloaded Voice Coil Stroke vs. Sink Current
0.1F
6
+
VDD 10F
VCC
+
10F
0.1F
POWER-DOWN RESET VDD RP RP SDA SCL
3 4 1
AD5398
REFERENCE
POWER-ON RESET
VOICE COIL ACTUATOR
I2C SERIAL INTERFACE
10-BIT CURRENT OUTPUT DAC
8
I2C MASTER DEVICE
I2C SLAVE DEVICE
I2C SLAVE DEVICE
5 2
R
RSENSE 3.3
7
Figure 21. Typical Application Circuit
Rev. A | Page 13 of 16
05034-022
05034-020
AD5398 OUTLINE DIMENSIONS
3.00 BSC SQ 0.60 MAX 0.50 0.40 0.30 PIN 1 INDICATOR
8
1
PIN 1 INDICATOR
TOP VIEW
2.75 BSC SQ 0.50 BSC
5 4
1.50 REF
1.89 1.74 1.59
0.90 MAX 0.85 NOM
12 MAX
0.70 MAX 0.65 TYP 0.05 MAX 0.01 NOM
1.60 1.45 1.30
SEATING PLANE
0.30 0.23 0.18
0.20 REF
Figure 22. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD] 3 mm x 3 mm Body, Very Thin, Dual Lead (CP-8-2) Dimensions shown in millimeters
ORDERING GUIDE
Model AD5398BCPZ-REEL 1 AD5398BCPZ-REEL71 AD5398BCPZ-WP1 EVAL-AD5398EB
1
Temperature Range -40C to +85C -40C to +85C -40C to +85C
Package Description 8-Lead LFCSP_VD 8-Lead LFCSP_VD 8-Lead LFCSP_VD Evaluation Board
Package Option CP-8-2 CP-8-2 CP-8-2
Z = Pb-free part.
Rev. A | Page 14 of 16
AD5398 NOTES
Rev. A | Page 15 of 16
AD5398 NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
(c) 2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05034-0-7/05(A)
Rev. A | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of EVAL-AD5398EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X