Part Number Hot Search : 
2SA1235A 2SC111 C51CC01U BZX84C36 M28W16 EAIRMBA4 UPS140 TA1370FG
Product Description
Full Text Search
 

To Download EVA9224RS28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWL9224
2.4 GHz 802.11b/g WLAN Power Amplifier
PRELIMINARY DATA SHEET - Rev 1.3
FEATURES
* * * * * * * * * 3% EVM @ POUT = +20 dBm with IEEE 802.11g 64 QAM Modulation at 54 Mbps -38 dBc ACPR 1st Sidelobe at +23 dBm with IEEE 802.11b at 1, 2, 5.5, 11 Mbps -54 dBc ACPR 2nd Sidelobe at +23 dBm with IEEE 802.11b at 1, 2, 5.5, 11 Mbps Single +3.3 V Supply 32 dB of Linear Power Gain Temperature-Compensated Linear Power Detector 3 mm x 3 mm x 0.9 mm LPCC RoHS Compliant 50 - Matched RF Ports
AWL 9
224
APPLICATIONS
* * 802.11b/g WLAN 2.4 GHz ISM Equipment
S28 Package 16 Pin 3 mm x 3 mm x 0.9 mm LPCC
PRODUCT DESCRIPTION
The ANADIGICS AWL9224 power amplifier is a high performance InGaP HBT IC designed for transmit applications in the 2.4-2.5 GHz band. Matched to 50V at the input and output, the part requires no additional RF matching components off-chip. The PA exhibits unparalleled linearity for both IEEE 802.11g and 802.11b WLAN systems under the toughest signal configurations within these standards. The power detector is temperature compensated on the chip, enabling a single-ended output voltage with excellent accuracy over a wide range of operating temperatures. The PA is biased by a single +3.3 V supply and consumes ultra-low current in the OFF mode. The AWL9224 is manufactured using advanced InGaP HBT technology that offers state-of-the-art reliability, temperature stability and ruggedness. The AWL9224 is RoHS (Restrictions on Hazardous Substances) compliant. It is provided in a 3 x 3 x 0.9 mm LPCC package optimized for a 50V system.
VCC2 VCC1 VCC3
13
16
15
GND
14
GND
1 Bias Netw ork
12
GND
RF IN
2 Input Match Output Match
11
RF OUT
GND
3
10
GND
GND
4
Bias Network
P ower Detector
9
GND
5
6
7
8
VBC
VPC
Figure 1: Block Diagram and Pinout
04/2005
DETOUT
DETDC
AWL9224 Table 1: Pin Description PIN 1 2 3 4 5 NAME GND RFIN GND GND V BC DESCRIPTION Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. RF Input. AC coupled input stage internally matched to 50 Ohms. Route as coplanar waveguide using adjacent ground pins. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. Bias Circuit Voltage. Supply voltage and current is applied to this pin to apply power to the bias circuits inside the PA. Power amplifier power control pin. The recommended use is for on/off control of the PA. Nominally, 0 V applied will turn amplifier completely off; +3.3 V should be used to set amplifier to maximum output capability. A series resistor is used to set the current flow into the pin, thereby controlling the overall bias level of the PA. Detector Bias. Supply voltage and current is applied to this pin to apply power to the detector circuits inside the PA. Power Detector Output. DC coupled. An emitter follower BJT supplies the output for this pin. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. RF Output. AC coupled output stage internally matched to 50 Ohms. Route as coplanar waveguide using adjacent ground pins. A shunt inductive matching element included inside the PA after the AC coupling capacitor provides a DC path to ground at this pin. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. Supply Voltage. Bias for power transistor of stage 3. Supply Voltage. Bias for power transistor of stage 2. Ground. Connect directly to PCB ground pattern under Pin 25 using short trace. Supply Voltage. Bias for power transistor of stage 1. Ground slug on the underside of the LPCC package.
6
V PC
7 8 9 10 11 12 13 14 15 16 25
DETDC DETOUT GND GND RFOUT GND VCC3 VCC2 GND VCC1 GND
2
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
AWL9224
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER DC Power Supply (VCC1, VCC2, VCC3) Power Control Level (VPC) Bias Control (VBC) DC Current Consumption RF Input Level (RFIN) Operating Ambient Temperature Storage Temperature MIN -40 -55 MAX +4.5 +4.5 +4.5 700 -5 +85 +150 UNIT V V V mA dB m C C Applied to series resistors external to VPC pin. No RF signal applied. No RF signal applied COMMENTS
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VCC1, VCC2, VCC3) Bias Voltage (VBC) Power Control Voltage (VPC) Case Temperature (TC)
MIN 2400 +3.0 +3.0 +2.8 0 -40
TYP +3.3 +3.3 +3.3 -
MAX 2500 +3.6 +3.6 +3.6 +0.5 +85
UNIT MHz V V V C
COMMENTS
PA "ON" (1) PA "SHUTDOWN"
(1)
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Note: (1) Applied to series resistors external to VPC pin.
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
3
AWL9224 Table 4: Electrical Specifications - Continuous Wave (TC = +25 C, VCC = +3.3 V, VPC = +3.3 V)
PARAMETER P 1dB Shutdown Current Quiescent Current Input Return Loss Output Return Loss Reverse Isolation Stability (Spurious) TON Setting Time TOFF Setting Time
MIN 26.0 67 40 -
TYP 27.0 75 -10 -12 -70 -
MAX 28.0 1 83 -8 -10 -65 1 1
UNIT dB m mA mA dB dB dB dB c mS mS
COMMENTS
V PC = 0 V VPC = +3.3 V, VCC = +3.3 V RF = off
5:1 VSWR at PIN = -10 dBm Settles within 60.5 dB
4
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
AWL9224 Table 5: Electrical Specifications - IEEE 802.11g (TC = +25 C, VCC = +3.3 V, VPC = +3.3 V, 64 QAM OFDM 54Mbps)
PARAMETER Operating Frequency Power Gain Gain Ripple Error Vector Magnitude (EVM) (1) Current Consumption Harmonics 2fo 3fo Power Detector Voltage Power Detector Sensitivity Power Detector Output Load Impedance MIN 2400 29.9 185 0.80 55 1 TYP 32.0 60.5 3.0 -30.5 200 -40 -40 0.85 65 MAX 2500 33.5 4.2 -27.5 215 -35 -35 0.90 75 UNIT MHz dB dB % dB mA Across 100 MHz band 802.11g 54 Mbps data rate POUT = +20 dBm POUT = +20 dBm COMMENTS
dB c V mV/dB kV
POUT = +20 dBm POUT = +20 dBm 10 dBm < POUT < 23 dBm
Note: (1) EVM includes system noise floor of 1% (-40 dB).
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
5
AWL9224 Table 6: Electrical Specifications - IEEE 802.11b (TC = +25 C, VCC = +3.3 V, VPC = +3.3 V, 1 Mbps, Gaussian Baseband Filtering, BT = 0.45)
PARAMETER Operating Frequency Power Gain Gain Ripple Adjacent Channel Power (ACPR) 1st Sidelobe (611 MHz offset) Adjacent Channel Power (ACPR) 2nd Sidelobe (622 MHz offset) Current Consumption Harmonics 2fo 3fo Power Detector Voltage Power Detector Sensitivity Power Detector Output Load Impedance
MIN 2400 31.0 1.00 50 1
TYP 33.0 60.5 -40 -55 190 225 275 -33 -40 1.05 65 -
MAX 2500 34.5 -35 -53 200 240 295 -30 -35 1.10 80 -
UNIT MHz dB dB dB c dB c
COMMENTS
Across 100 MHz band 1 Mbps, Gaussian Baseband Filtering; POUT = +23 dBm 1 Mbps, Gaussian Baseband Filtering; POUT = +23 dBm POUT = +19 dBm POUT = +21 dBm POUT = +23 dBm
mA
dB c V mV/dB kV
POUT = +23 dBm POUT = +23 dBm 10 dBm < POUT < 23 dBm
6
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
AWL9224
PERFORMANCE DATA
Figure 2: Gain vs. Output Power Across Frequency (VCC = +3.3V, TC = +25oC) 802.11g 54 Mbps OFDM
40 39 38 37 36 35 Gain 2.40 GHz Gain 2.45 GHz Gain 2.50 GHz
Figure 3: ICC and EVM vs. Output Power Across Frequency (VCC = +3.3V, TC = 25oC) 802.11g 54 Mbps OFDM
15 14 13 12 11 10 EVM 2.40 GHz EVM 2.45 GHz EVM 2.50 GHz Current 2.40 GHz Current 2.45 GHz Current 2.50 GHz 300 280 260 240 220 200 180 160 Current 140 120 EVM 100 80 60 40 20 0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Gain (dB)
33 32 31 30 29 28 27 26 25 10 11 12 13 14 15 16 17 18 19 20 21 22 23
EVM (%)
34
9 8 7 6 5 4 3 2 1 0
Output Power (dBm)
Output Power (dBm)
Figure 4: Gain vs. Output Power Across Temp. (Frequency = 2.45GHz, VCC = +3.3V) 802.11g 54 Mbps OFDM
40 39 38 37 36 35 Gain -40C Gain +25C Gain +85C
Figure 5: ICC and EVM vs. Output Power Across Temp. (Frequency = 2.45GHz, VCC = +3.3V) 802.11g 54 Mbps OFDM
15 14 13 12 11 10 EVM -40C EVM +25C EVM +85C Current -40C Current +25C Current +85C 300 280 260 240 220 200 180 160 Current 140 120 100 80 60 EVM 40 20 0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Gain (dB)
33 32 31 30 29 28 27 26 25 10 11 12 13 14 15 16 17 18 19 20 21 22 23
EVM (%)
34
9 8 7 6 5 4 3 2 1 0
Output Power (dBm)
Output Power (dBm)
Figure 6: Gain vs. Output Power Across Power Supply Voltage (Frequency = 2.45GHz, TC = 25oC) 802.11g 54 Mbps OFDM
40 39 38 37 36 35 Gain 3.0V Gain 3.3V Gain 3.6V
Figure 7: ICC and EVM vs. Output Power Across Power Supply Voltage (Freq = 2.45GHz, TC = 25oC) 802.11g 54 Mbps OFDM
15 14 13 12 11 10 EVM 3.0V EVM 3.3V EVM 3.6V Current 3.0V Current 3.3V Current 3.6V 300 280 260 240 220 200 180 160 Current 140 120 100 80 60 EVM 40 20 0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Gain (dB)
33 32 31 30 29 28 27 26 25 10 11 12 13 14 15 16 17 18 19 20 21 22 23
EVM (%)
34
9 8 7 6 5 4 3 2 1 0
Output Power (dBm)
Output Power (dBm)
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
Current (mA)
Current (mA)
Current (mA)
7
AWL9224 Figure 8: Detector Voltage vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3V) 802.11g 54 Mbps OFDM
1.2 1.1 1.0 0.9
Figure 9: Detector Voltage vs. Output Power Across Temp. (Freq = 2.45 GHz, VCC = +3.3V) 802.11g 54 Mbps OFDM
1.2 1.1 1.0 0.9 Det. Volt. -40C Det. Volt. +25C Det. Volt. +85C
Det. Volt. 2.40 GHz Det. Volt. 2.45 GHz Det. Volt. 2.50 GHz
Detector Voltage (V)
Detector Voltage (V)
10 11 12 13 14 15 16 17 18 19 20 21 22 23
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Note: Results at 2.50GHz Obscure the Results at 2.45GHz
Output Power (dBm)
Figure 10: Gain and ICC vs. Output Power Across Frequency (VCC = +3.3V, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
40 36 32 28 Gain 2.40 GHz Gain 2.45 GHz Gain 2.50 GHz Current 2.40 GHz Current 2.45 GHz Current 2.50 GHz Gain 400 360 320 280
Figure 11: Gain and ICC vs. Output Power Across Temp. (Frequency = 2.45GHz, VCC = +3.3V) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
40 36 32 28 Gain 400 360 320 280 240 200 160 Gain -40C Gain +25C Gain +85C Current +85C Current +25C Current -40C 18 19 20 21 22 23 120 80 40 0 10 11 12 13 14 15 16 17
Current (mA)
Gain (dB)
20 16 12 8 4 0 10 11
200 160 Current 120 80 40 0
Gain (dB)
24
240
24 20 16 12 Current 8 4 0
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Output Power (dBm)
Figure 12: Gain and ICC vs. Output Power Across Power Supply Voltage (Freq = 2.45GHz, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
40 36 32 28 400 360 320 280 240 200 160 Gain 3.6V Gain 3.3V Gain 3.0V Current 3.6V Current 3.3V Current 3.0V 18 19 20 21 22 23 120 80 40 0 10 11 12 13 14 15 16 17 Gain
Figure 13: ACPR 1st & 2nd Sidelobes vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3V) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
-30 -34 -38
Gain (dB)
24 20 16 12 Current 8 4 0
ACPR Sidelobe (dBr)
-42 -46 -50 -54 -58 -62 -66 -70 10 11 12 13 14 15 16 17 18 19 20 21 22 23 1st Sidelobe 2.40 GHz 1st Sidelobe 2.45 GHz 1st Sidelobe 2.50 GHz 2nd Sidelobe 2.40 GHz 2nd Sidelobe 2.45 GHz 2nd Sidelobe 2.50 GHz
Current (mA)
Output Power (dBm)
Output Power (dBm)
8
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
Current (mA)
AWL9224 Figure 14: ACPR 1st & 2nd Sidelobes vs. Output Power Across Temp. (Freq = 2.45GHz,VCC = +3.3V) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
-30 -34 -38
Figure 15: Detector Voltage vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3V) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
1.2 1.1 1.0 0.9 Det. Volt. 2.40 GHz Det. Volt. 2.45 GHz Det. Volt. 2.50 GHz
ACPR Sidelobe (dBr)
Detector Voltage (V)
-42 -46 -50 -54 -58 -62 -66 -70 10 11 12 13 14 15 16 17 18 19 20 21 22 23 1st Sidelobe -40C 1st Sidelobe +25C 1st Sidelobe +85C 2nd Sidelobe -40C 2nd Sidelobe +25C 2nd Sidelobe +85C
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Note: Results at 2.50GHz Obscure the Results at 2.45GHz
Figure 16: Detector Voltage vs. Output Power Across Temp. (Freq = 2.45 GHz, VCC = +3.3V) 802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
1.2 1.1 1.0 0.9
Figure 17: Input Return Loss vs. Frequency Across Temperature (VCC = +3.3V)
0 -1 -2 -3
Det. Volt. -40C Det. Volt. +25C Det. Volt. +85C
S11 +85C S11 +25C S11 -40C
Detector Voltage (V)
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Input Return Loss (dB)
-4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 2.40 2.42 2.44 2.46 2.48 2.50
Output Power (dBm)
Frequency (GHz)
Figure 18: Output Return Loss vs. Frequency Across Temperature (VCC = +3.3V)
0 -1 -2 -3
S22 +85C S22 +25C S22 -40C
Output Return Loss (dB)
-4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 2.40 2.42 2.44 2.46 2.48 2.50
Frequency (GHz)
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
9
AWL9224
APPLICATION INFORMATION
VCC C1 0.1uF +/-10% C2 0.1uF +/-10%
L2 5.6nH
L1 5.6nH
16
15
14 VCC2
U1
VCC1
GND
1 2 3 4
VCC3
13
GND R IN F GND GND
GND R OU F T
12 11 10 9
J3
J4
AWL 9224
DETOUT DETDC
GND GND
VBC
VPC
GND
25
5
6
7
8
VCC
R6 1K +/-5 % VDET
R1 174 +/-1 %
R5 1K +/-5 %
C7 10pF +/-0 p .5 F
VPC C6 0.47uF +/-10%
R2 910 +/-5 %
**NOTES**
1. RF traces should be 18 mils wide with 20 mils of clearance 2. DC traces should be 8 mils wide with 8 mils of clearance 3. Trace widths and clearances apply to application circuit on 10 mil FR4 4. DNP = Do Not Place 5. Pin 25 is the metallized Ground slug on the LPCC package. 6. Pins 1, 3, 10, and 12 should be tied directly to PCB ground pattern under Pin 25, and should form a coplanar waveguide for the RF In and RF Out.
Figure 19: Application Circuit
10
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
AWL9224
PACKAGE OUTLINE
C 4 A I G 16 1 H B Pin 1
Index Area Top View MILLIMETERS DIMENSION A B C D E F G H I MIN 2.90 2.90 0.80 0.00 1.50 TYP MAX 3.00 3.10 3.00 3.10 0.90 1.00 0.02 0.05 1.65 1.80 1.50 BSC. 0.180 0.250 0.300 0.50 BSC. 0.35 0.40 0.45 Side View
D
F E Bottom View
1. All dimensions are in millimeters, angles in degrees. 2. The terminal #1 identifier and pad numbering convention . shall conform to JESD 95-1 SPP-012 3. Lead coplanarity: 0.05 max. 4. Dimension applies to metalized pad and is measured between 0.25 and 0.30 MM from pad tip.
Figure 20: S28 Package Outline - 16 Pin 3 x 3 x 0.9 mm LPCC
TOP BRAND
NOTES:
1. Line 1 - AK = Part Number Code B = Current key R = RoHS Compliance Designator 2. Line 2 - Date Code - 1st digit is last digit of current year 2nd & 3rd digits are work week YWW 3. Line 3 - ZZZ = Last Three Numbers of Lot Number X = COUNTRY CODE: C for CHINA, H for HONG KONG T for THAILAND, W for TAIWAN P for PHILIPPINES, I for INDONESIA 4. Pin 1 Indicator: MOLD NOTCH -or- INK DOT 5. TYPE: ELITE SIZE: 1.5 Point COLOR: LASER
AKBR YWW ZZZX
Figure 21: Branding Specification
PRELIMINARY DATA SHEET - Rev 1.3 04/2005
11
AWL9224
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE -40 C to +85C PACKAGE DESCRIPTION 16 P i n 3 mm x 3 mmx 0.9 mm LP C C 16 P i n 3 mm x 3 mm x 0.9 mm LP C C 16 P i n 3 mm x 3 mm x 0.9 mm LP C C 16 P i n 3 mm x 3 mm x 0.9 mm LP C C COMPONENT PACKAGING
AWL9224RS28Q1
1,000 piece Tape and Reel
AWL9224RS28P0
-40 C to +85C
1-999 piece Tubes
AWL9224RS28P6
-40 C to +85C
1-999 piece Tray
EVA9224RS28
-40 C to +85C
1 piece Evaluation Board
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
12
PRELIMINARY DATA SHEET - Rev 1.3 04/2005


▲Up To Search▲   

 
Price & Availability of EVA9224RS28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X