Part Number Hot Search : 
D25XB100 3021F GR8837M MCH3144 AO8816L 2N2907A SMA16 MC33349
Product Description
Full Text Search
 

To Download ETC1-1T-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ETC1-1T-13 5.0 - 120 MHz
Case Style : 1000015511
123
5
Features * Surface mount * 1:1 Impedance * CT on Secondary * 75 Ohm * Available on Tape & Reel
4
Description
M/A Com's ETC1-1T-13 is a 1:1 RF flux coupled transformer in a low cost, surface mount package. Ideally suited for high volume cellular & wireless applications.
Electrical Specifications @ 25C
Parameter Frequency (MHz) Units Min. Typ. Max.
Frequency Range. Insertion Loss. Amp Balance. Phase Balance. Input Return Loss.
5 - 120 5 - 120 5 - 120 5 - 65 5 - 75 75 - 120
dB dB dB dB
20.0 15.0
0.5 0.2 1.0 25.0 20.0
0.8 0.4 4.0 -
Note: Specifications subject to change without notice.
1
RF 1:1 Flux Coupled Transformer
Insertion Loss 1
0.0 -0.1 -0.2 -0.3 -0.4
ETC1-1T-13
Insertion Loss 2
0.0 -0.1 -0.2 -0.3 -0.4
dB
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 5 15 25 35 45 55 65 75 85 95 105 115
dB
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 5 15 25 35 45 55 65 75 85 95 105 115
Frequency (MHz)
Frequency (MHz)
Amplitude Unbalance
0.5 0.4 0.3 0.2
Phase Unbalance
185 184 183 182
degrees
5 15 25 35 45 55 65 75 85 95 105 115
0.1
181 180 179 178 177 176 175 5 15 25 35 45 55 65 75 85 95 105 115
dB
0.0 -0.1 -0.2 -0.3 -0.4 -0.5
Frequency (MHz)
Frequency (MHz)
Input Return Loss
-10
-15
-20
dB
-25
-30
-35
-40 5 15 25 35 45 55 65 75 85 95 105 115
Frequency (MHz)
VB
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
RF 1:1 Flux Coupled Transformer
ETC1-1T-13
Schematic
Pin Configuration
Pin No. Function
5
1
3 2
Secondary Secondary CT Secondary Dot Primary Dot Primary
2
1 5
4
3
4
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power DC Current Storage Temperature Operating Temperature
250 mW 30 mA -40C to +85 C -40C to +85 C
VB
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of ETC1-1T-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X