Part Number Hot Search : 
7805T LX5510 P70N0 MP2109DQ 1048505 A78018A AN3311S C5M20
Product Description
Full Text Search
 

To Download ET1820PPAS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoelectrics Through-beam Type ET 1820 DC, Nickel-plated Brass Housing
* * * * * * * * Range: 20 m Adjustable sensitivity Modulated infrared light Make and break switching functions, NPN, PNP (200 mA) LED-indication for power supply ON (emitter) and target detected (receiver) Supply voltage: 10 to 40 VDC Heavy duty M18 metal housing, IP 67 Cable and plug versions
Product Description
The ET1820 is a family of general purpose through-beam sensors in an industrial standard M18 nickel-plated brass housing for heavy duty applications. They are useful for simple applications where a basic sensor provide adequate sensing performance. The sensors are easy to adjust with a 270 single turn potentiometer. The output is a 4-wire complementary (NO and NC) circuit with NPN (current sinking) or PNP (current sourcing) open collector transistor output.
Ordering Key
Type Housing diameter Range Output type Housing material Connection type
ET 18 20 NPA S-1
Type Selection
Housing diameter M18 M18 Rated operating dist. (Sn) 20 m 20 m Connection Ordering no. Receiver/NPN Make & break switching ET 1820 NPAS ET 1820 NPAS-1 Ordering no. Receiver/PNP Make & break switching ET 1820 PPAS ET 1820 PPAS-1 Ordering no. Emitter ET 1820 ET 1820-1
Cable Plug
Note: Please order emitter and receiver separately.
Specifications Emitter
Rated operational volt. (UB) Ripple (Urpp) Supply current (Io) Protection Light source Light type Optical angle Indication Supply ON 10 to 40 VDC (ripple included) 10% 20 mA Reverse polarity, short-circuits, transients GaAIAs LED, 880 nm Infrared, modulated 2 LED, green
Specifications Receiver
Rated operating dist. (Sn) Sensitivity Temperature drift Hysteresis (H) (Differential travel) Rated operational volt. (UB) Ripple (Urpp) No-load supply current (Io) Min. operational current (Ie) OFF-state current (Ir) Output current Continuous (Ie) Short-time (I) Voltage drop (Ud) Protection Optical angle Ambient light Operating frequency (f) Response time OFF-ON (tON) ON-OFF (tOFF) Up to 10 m 270 single turn pot. meter 0.6%/C 3 to 20% 10 to 40 VDC (ripple included) Max. 10% Max. 12 mA (typ. 8 mA) 0.5 mA Max. 100 A (typ. 0) Max. 200 mA 200 mA Max. load capacity 100 nF Max. 2.5 VDC Reverse polarity, short-circuit, transients 2 Max. 5,000 lux Typ. 170 Hz Typ. 1.6 ms Typ. 4.2 ms
Specifications are subject to change without notice (14.03.2006)
1
ET 1820 DC
General Specifications
Power ON delay (tv) Indication Output ON Environment Overvoltage category Pollution degree Degree of protection Temperature Operating Storage Vibration Shock Dielectric voltage 70 ms Light and dark (Complementary switch) LED, yellow III (IEC 60664/664A; 60947-1) 3 (IEC 60664/664A; 60947-1) IP 67 (IEC 60529; 60947-1) -20 to +60C (-4 to +140F) -30 to +70C (-22 to +158F) 10 to 150 Hz, 0.5 mm/7.5 g (IEC 60068-2-6) 2 x 1 m & 100 x0.5 m (IEC 60068-2-32) 500 VAC (IEC 60364-4-41) Housing material Body Front Cable end Nuts Connection Cable Receiver Ermitter Plug Cables for plug (M1) Weight Cable version Plug version Approvals CE-marking Nickel plated brass PC, black Polyester, black Nickel plated brass Grey, 2 m oilproof, PVC, 4 x 0.34 mm2, o 5.2 mm 2 x 0.5 mm2, o 5.2 mm M12 x 1 CON.1A-..series 137 g 54 g UL, CSA Yes
Operation Diagram
Power supply Object present, light beam interrupted Output ON: Break switching (NC) Make switching (NO)
Tv Tv
Dimensions
Wiring Diagrams
1 BN
+
1 BN 4 BK
+
2 WH 4 BK 3 BU
2 WH
NPN
10 - 40 VDC
3 BU
-
PNP
+
BN
BU
Emitter
2
Specifications are subject to change without notice (14.03.2006)
ET 1820 DC
Detection Diagram
Emitter X Y Receiver
Delivery Contents
* Photoelectric switch: ET 1820 * 2 nuts * Packaging: Plastic bag
8
(feet) 6.6 13 20 26 33 39 46
20.0
10.0
4 (inch)
Accessories
* * * * MB18A Connector type CON.1A../CON.14NF.. series APA18-RAR APA18-AR
(cm)
0.0
0
-10.0
-4
For further information refer to "Accessories".
-20.0 0.0 2.0 4.0 6.0 8.0 Distance (m) 10.0 12.0 -8 14.0
Installation Hints
To avoid interference from inductive voltage/ current peaks, separate the prox. switch power cables from any other power cables, e.g. motor, contactor or solenoid cables Relief of cable strain Protection of the sensing face Switch mounted on mobile carrier
Incorrect
Correct The cable should not be pulled A proximity switch should not serve as mechanical stop Any repetitive flexing of the cable should be avoided
Specifications are subject to change without notice (14.03.2006)
3


▲Up To Search▲   

 
Price & Availability of ET1820PPAS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X