Part Number Hot Search : 
ICE2Q AT93C86A ADAU1701 90130 GBP2005 500BC ANALOG AT93C86A
Product Description
Full Text Search
 

To Download ESSMJ-2-10-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 2-Way 0 Power Divider 5 - 1000 MHz
Features
q q q
ESSMJ-2-10-75
V3.00
SM-44
2 Way 0 Surface Mount
Specifications @ 25C
Frequency Range Insertion Loss 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz Isolation 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz Amplitude Unbalance 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz Phase Unbalance 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz Return Loss I/P O/P Typical 0.2 dB 0.4 dB 0.7 dB Typical 26 dB 29 dB 22 dB 5 - 1000 MHz Maximum 0.5 dB 0.8 dB 1.3 dB Minimum 20 dB 22 dB 16 dB Maximum 0.1 dB 0.3 dB 0.7 dB Maximum 1 3 5 Minimum 12 dB 15 dB Dimensions in ( ) are in mm. Unless Otherwise Noted: .x = 0.04 (1.00) .xx = 0.02 (0.50) .xxx = 0.010 (0.250)
Operating Characteristics
Impedance 75 Ohms Nominal
Pin Configuration
Function Not Connected Pin No. 2,5 1 6 4 3
Ordering Information
Part No. ESSMJ-2-10-75 Packaging Tube
Ground Input Port 1 Port 2
Absolute Maximum Ratings
Parameter Maximum Power Rating Internal Load Dissipation Pin Temp (10 sec) Storage Temperature Operating Temperature Absolute Maximum 1 Watt 0.125 Watt 260C -55C to 100C 0C to 70C
S 0952 B Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of ESSMJ-2-10-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X