Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download ESJ-4-3-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 4 Way 0 Differential Power Divider -- 5 - 872 MHz
ESJ-4-3-75
ESJ-4-3-75
E-Series 4-Way 0 Differential Power Divider 5 - 872 MHz
Features
* * * * 4 Way, high and low attenuation O/P's 0 Degree Phase Split Surface Mount Package Available on Tape and Reel
SM-46 Package
Description
M/A-COM's ESJ-4-3-75 is a Low Cost, Broadband, high performance Differential Power Divider for use in high volume CATV applications. It provides two Low Attenuation and two High Attenuation outputs. ESJ-4-3-75 is available in an SM-46 surface mount package and reflows using standard soldering reflow profiles.
Electrical Specifications @ +25C
Parameter Frequency Range Insertion Loss Low Attenuation Insertion Loss High Attenuation Isolation Low Attenuation Isolation High Attenuation Non Adjacent Isolation Amplitude Unbalance Phase Unbalance 5 - 500 MHz 500 - 872 MHz Input Return Loss 5 - 500 MHz 500 - 872 MHz Output Return Loss Low Attenuation 5 - 500 MHz 500 - 872 MHz Output Return Loss High Attenuation 5 - 872 MHz dB 16 -- --
V2.00 S 1410 A
Units 5 - 872 5 - 800 MHz 800 - 872 MHz 5 - 800 MHz 800 - 872MHz 5 - 500 MHz 500 - 872 MHz 5 - 872 MHz 5 - 872 MHz MHz dB dB dB dB dB dB dB dB dB dB dB dB dB
Minimum -- 5.0 5.0 9.0 9.0 20 16 17 24 -- -- -- 11 10 20 15
Typical -- 6.0 6.0 9.7 9.7 -- -- -- -- -- -- -- -- -- -- --
Maximum -- 7.0 7.2 10.4 10.5 -- -- -- -- 0.6 2 4 -- -- -- --
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
E-Series 4 Way 0 Differential Power Divider -- 5 - 872 MHz
ESJ-4-3-75
Absolute Maximum Ratings
Parameter Maximum Power Rating Internal Load Dissipation Pin Temperature (10 Sec) Storage Temperature Operating Temperature Absolute Maximum 1 Watt 0.125 Watt 260C -55C to +100C -20C to +85C
Functional Configuration
Function Not Connected External 75 Ohms Ground Case Ground Input Port 1 Port 2 Port 3 Port 4 Pin No. -- -- 1,5,7 -- 3 2 4 6 8
Typical Performance @ +25C
Insertion Loss Low Attenuation
0.0 -1.0 -2.0 -3.0 -4.0 -5.0 -6.0 -7.0 -8.0 -10.0 -12.0 0.0 -2.0 -4.0
Insertion Loss High Attenuation
dB
dB
205 205.0 405 405.0 605 605.0 805 872 805.0
-6.0
5 5.0
5.0 5
205.0 205
405.0 405
605.0 605
805.0 872 805
Frequency (MHz)
Frequency (MHz)
Isolation Loss Low Attenuation
0.0 -5.0 -10.0 -15.0 -20.0
Isolation Loss High Attenuation
0.0 -5.0 -10.0
dB
-25.0 -30.0 -35.0 -40.0 -45.0 -50.0 5.0 5 205.0 205 405.0 405 605.0 605 805.0 872 805
dB
-15.0 -20.0 -25.0 -30.0 5.0 5 205.0 205 405.0 405 605.0 605 805.0 872 805
Frequency (MHz)
Frequency (MHz)
V2.00
S 1410 A
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
E-Series 4 Way 0 Differential Power Divider -- 5 - 872 MHz
ESJ-4-3-75
Typical Performance @ +25C
Isolation Loss Port 2 - Port 3
0.0 -5.0 -10.0 -15.0 -20.0 -10.0 -25.0 -30.0 -35.0 -12.0 -14.0 -16.0 0.0 -2.0 -4.0 -6.0
Input Return Loss
dB
dB
205 205.0 405 405.0 605 605.0 805 805.0 872
-8.0
5 5.0
5 5.0
205 205.0
405 405.0
605 605.0
805 805.0 872
Frequency (MHz)
Frequency (MHz)
Output Return Loss Low Attenuation
0.0 -10.0 -20.0
Output Return Loss High Attenuation
5.0 0.0 -5.0 -10.0
dB
-30.0 -40.0 -50.0 -60.0
dB
205 205.0 405 405.0 605 605.0 805 805.0 872
-15.0 -20.0 -25.0 -30.0 -35.0
5 5.0
5 5.0
205 205.0
405 405.0
605 605.0
805 805.0 872
Frequency (MHz)
Frequency (MHz)
Amplitude Unbalance
0.1 0.0 -0.2 -0.1 -0.3 -0.4 -0.5 -0.6 -0.7 -0.2 -0.8 -0.3 5.0 5 205.0 205 405.0 405 605.0 605 805.0 805 872 -0.9 0.0 -0.1
Phase Unbalance
-0.1 -0.2
Degrees
dB
5 5.0
205 205.0
405 405.0
605 605.0
805 805.0 872
Frequency (MHz)
Frequency (MHz)
V2.00
S 1410 A
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
E-Series 4 Way 0 Differential Power Divider -- 5 - 872 MHz
ESJ-4-3-75
V2.00
S 1410 A
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ESJ-4-3-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X