Part Number Hot Search : 
LU1S025 680MZ AT103 N800008 7SXXX SR5522 MC1488P UC3842AD
Product Description
Full Text Search
 

To Download ESJ-4-2-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 4 Way 0 Power Divider -- 5 - 1000 MHz
ESJ-4-2-75
ESJ-4-2-75
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
Features
* * * * 4 Way 0 Degree Surface Mount Package Available on Tape and Reel
SM-46 Package
Description
M/A-COM's ESJ-4-2-75 is a Low Cost, Broadband, high performance Power Divider for use in high volume CATV applications. ESJ-4-2-75 is available in an SM-46 surface mount package and reflows using standard soldering reflow profiles.
Electrical Specifications @ +25C
Parameter Frequency Range Insertion Loss 5 - 1000 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz 5 - 1000 MHz 5 - 50 MHz 50 - 500 MHz 500 - 1000 MHz 5 - 1000 MHz 5 - 1000 MHz Units MHz dB dB dB dB dB dB dB dB dB Minimum -- -- -- -- 20 20 20 -- -- -- -- 18 16 Typical -- 0.6 0.8 1.0 -- -- -- -- -- -- -- 21 19 Maximum -- 1.0 1.3 1.5 -- -- -- 0.5 1 3 6 -- --
Isolation
Amplitude Unbalance Phase Unbalance
Input Return Loss Output Return Loss
V2.00
S 1218 B
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
E-Series 4 Way 0 Power Divider -- 5 - 1000 MHz
ESJ-4-2-75
Absolute Maximum Ratings
Parameter Maximum Power Rating Internal Load Dissipation Pin Temperature (10 Sec) Storage Temperature Operating Temperature Absolute Maximum 1 Watt 0.125 Watt 260C -55C to +100C -20C to +85C
Functional Configuration
Function Not Connected External 75 Ohms Ground Case Ground Input Port 1 Port 2 Port 3 Port 4 Pin No. -- -- 1,5,7 -- 3 2 4 6 8
Typical Performance @ +25C
Insertion Loss
0.0 -0.2 -0.4 -0.6 -0.8 -25.0 -1.0 -1.2 -1.4 -30.0 -35.0 -40.0 0.0 -5.0 -10.0 -15.0
Isolation
dB
dB
200 205.0 400 405.0 600 605.0 800 805.0 1000
-20.0
5 5.0
5.0 5
205.0 200
405.0 400
605.0 600
805.0 800
1000
Frequency (MHz)
Frequency (MHz)
Amplitude Unbalance
0.00 1.0 -0.02 -0.04 0.5
Phase Unbalance
-0.06 -0.08
Degrees
dB
0.0
-0.5 -0.10 -0.12 5.0 5 205.0 200 405.0 400 605.0 600 805.0 800 -1.0
1000
5.0 5
205.0 200
405.0 400
605.0 600
805.0 800
1000
Frequency (MHz)
Frequency (MHz)
V2.00
S 1218 B
M/A-COM Division of AMP Incorporated Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ESJ-4-2-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X