|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.2mm SQUARE ISOLATOR MODEL ESI-3EAR 1.880 G 01 - T (1) (1) Series ESI-3EAR : 1.6mm Height (2) Center Frequency (3) G : GHz (4) Control No. (5) T : Taping Blank : Bulk (2) (3) (4) (5) Target Specification Frequency (GHz) Ins. Loss Max. (dB) Isolation Min. (dB) V.S.W.R. V.S.W.R. (IN) Max. (OUT) Max. Attenuation at 2f at 3f Min. Min. (dB) (dB) Handling Reflection Power Power Max. Max. (W) (W) 1.850-1.910 [0.50] 0.60 13 1.50 1.50 15 15 2.5 0.6 Operating Temperature(deg.C) ; -35 to +85 Impedance ; 50 ohms Typ. [ ]---Room temperature(deg.C) ; +20 to +30 Shape & Size 0 .3 2 1 3 .2 5 6 STEE L CASE Ag PLAT ING (3~5 um ) o n COPPER PLAT ING (1 um~ ) 0 .03 + / -0 .03 +0 .1 -0 .1 3 .4 COP LANAR ITY 0 . 1 m a x . GROUND 0 . 3 + / -0 .1 Ag PLAT ING (2~4 um ) o n COPPER PLAT ING (0 .5~2 um ) 1 2 3 4 5 6 GROUND OUT GROUND GROUND IN GROUND STR IP L INE Ag PLAT ING (2~4 um ) o n COPPER PLAT ING (0 .5~2 um ) 1 .77 1 .5 1 2 3 + / -0 .1 6 5 4 + / -0 .1 0 .3 + / -0 .1 0 . 3 + / -0 .1 1 .05 1 .05 3 4 3 .2 0 .4 0 .4 GROUND Ag PLAT ING (2~4 um ) o n COPPER PLAT ING (0 .5~2 um ) UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE IN mm TOLERANCES ARE +/-0.15mm TAE889-3 Hitachi Metals, Ltd. Tottori Works |
Price & Availability of ESI-3EAR1880G01-T |