Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download ESHSR-0100C0-002R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NESSCAP(R) Ultracapacitor Datasheet
NESSCAP 100F/2.7V
Features
Cylindrical cell Snap-in terminals
ESHSR-0100C0-002R7
45+2max.
61
PCB patterns : 2-O 20.1
O22+1max.
Safety vent
10 0.2
Sleeve
Dimensions in mm (not to scale)
Specifications
Rated Capacitance, C (DCC , 25 C) Capacitance Tolerance Rated Voltage, VR Surge Voltage o (2) Rated Current (25 C) o (3) Max. Current (25 C) Max. Stored Energy (at VR) Gravimetric Specific Energy Volumetric (4) Gravimetric Specific Power (at matched load) Volumetric AC (1kHz) Maximum Internal Resistance (ESR) DC (11A) Dimensions Volume Weight Operating temperature range(5) Storage temperature range Max. Leakage Current, LC( 12h, 25oC) Life Time at RT Cycle Life (25 C)
o (6) (1) o
100 Farads -10% / +20% 2.7 V 2.85 V 21.4 A > 58.7 A 364.5J (0.1013 Wh) 4.50 Wh/kg 5.92 Wh/l 6.23 kW/kg 8.20 kW/l 10 m 13 m 22 x l 45 mm 17.1 ml 22.5 g -40 ~ 60 C -40 ~ 70 C 1.7 mA 10 years 500,000 cycles
(1) Discharging with constant current
(2) 5 sec discharge rate to 1/2 VR (3) 1 sec discharge rate to 1/2 VR
(4) Power density at which one-half the energy of the discharge is in the form of electricity and one-half is in heat.
(5) C< 20% and ESR < 2 times of initially o measured value at 25 C, respectively
(6), (7)
(6) C< 30% and ESR < 2 times of initially measured value, respectively and LC < specified value (7) 1 cycle: charging to VR for 20s, constant voltage charging for 10s, discharging to 1/2VR for 20s, rest for 10s
(c) NESSCAP 2003. All Rights reserved. Design, Specifications are subject to change without notice.
NESSCAP Co., Ltd. 750-8 Gome-Ri, Kiheung-Eup, Yongin-City, Kyonggi-Do 449-901, Korea Tel: +82-31-289-0721 Fax: +82-31-286-6767 e-mail: marketing@nesscap.com www.nesscap.com


▲Up To Search▲   

 
Price & Availability of ESHSR-0100C0-002R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X