Part Number Hot Search : 
ITC1000 EC3SM AB805 EC3SM C59RM71 2812D 7687M00 LT3782
Product Description
Full Text Search
 

To Download ESDB103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
ESDB101 THRU ESDB103
1 Amp Single Phase Fast Recovery Bridge Rectifier 50 to 200 Volts
SDB-1
B
Features
* *
*
Surface Mount Package Glass Passivated Diode Construction Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 UL Recognized File # E165989
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number
ESDB101 ESDB102 ESDB103
+
D
C
Device Marking
Maximum Recurrent Peak Reverse Voltage
50V 100V 200V
Maximum RMS Voltage
35V 70V 140V
Maximum DC Blocking Voltage
50V 100V 200V
A
K
Notch in Case
ESDB101 ESDB102 ESDB103
G E
H
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Rating For Fusing Max. Reverse Recovery Time Per Diode IF(AV) IFSM VF IR CJ
2 It
Unless Otherwise Specified
1A 50A 1.05V 10 A 1mA 25pF 10A2s 50 ns TA = 40 8.3ms, half sine IFM= 1.0A; TA = 25 C TA= 25 TA= 125 Measured at 1.0MHz, VR=4.0V t<8.3ms IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
.060" DIM A B C D E G H K INCHES MIN .316 .245 .040 .360 .102 .003 .195 .038
DIMENSIONS MM MIN 8.05 6.20 1.02 9.40 2.60 .076 5.00 1.00
MAX .335 .255 .060 .410 .125 .013 .205 .042
MAX 8.51 6.50 1.52 10.4 3.2 .330 5.20 1.10
NOTE
Suggested Solder Pad Layout
.047"
Trr
.344"
.205"
www.mccsemi.com
Revision: 1
1 of 3
2006/11/03
ESDB101 thru ESDB103
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts 100 60 40
MCC
Figure 2 Typical Reverse Characteristics
TM
Micro Commercial Components
TA=25C
100
120
140
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 3 Forward Derating Curve 1.2 60 1.0 50 40 30 .6 Amps .4 Amps 20 10 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 4 Peak Forward Surge Current
.8
.2
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com
Revision: 1
2 of 3
2006/11/03
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 1
3 of 3
2006/11/03


▲Up To Search▲   

 
Price & Availability of ESDB103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X