Part Number Hot Search : 
SA30A 2SA1689 SF10A400 IN4045R 13130 2SA1689 NTE21 LT450BW
Product Description
Full Text Search
 

To Download ESA56-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.eLED.com
Package Dimensions & Internal Circuit Diagram
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
ESA56-11EWA
HIGH EFFICIENCY RED
Features
1.0.56 INCH DIGIT HEIGHT. 2.LOW CURRENT OPERATION. 3.EXCELLENT CHARACTER APPEARANCE. 4.UNIVERSAL 1.OVERFLOW AVAILABLE. 5.EASY MOUNTING ON P.C. BOARDS OR SOCKETS. 6.I.C. COMPATIBLE. 7.CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW AND GREEN CATEGORIZED FOR COLOR. 8.MECHANICALLY RUGGED. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 9.STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Selection Guide
P a r t No . Em i t t i n g Co l o r +M a t e r i a l
D ( n m )
L ens T y p e Min .
Iv ( u c d ) @ 10 m A Typ .
De sc r i p t i o n
ESA56-11EWA
GaAsP/GaP
625
WHI TE DI FFUSED
1900
6400
Common Anode, Rt. Hand Decimal
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
DATA NO :EA0358
REV NO :V1
DATE :OCT/13/2001
ESA56-11EWA-1/2
www.eLED.com
Electrical / Optical Characteristics at TA=25C
Sy mbo l pe a k D 1/2 C VF IR P arameter P e a k W a v e le n g th Do m i n a t e W a v e l e n g t h Spe ctra l L in e Ha l fwi d t h C a pa cita n ce F o r wa r d V o l t a g e R e v e r se C u r r e n t De v i c e Hi g h E ffi c i e n c y R e d Hi g h E ffi c i e n c y R e d Hi g h E ffi c i e n c y R e d Hi g h E ffi c i e n c y R e d Hi g h E ffi c i e n c y R e d Hi g h E ffi c i e n c y R e d Typ. 627 625 45 15 2 .0 2.5 Max . Un i t s nm nm nm pF V uA T e s t Co n d i t i o n s I F=20mA I F=20mA I F=20mA VF=0V;f=1MHz I F=20mA V R = 5V
Absolute Maximum Ratings at TA=25C
P a ra me te r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h Ef f i c i e n c y R e d 105 30 160 5 -40 C To +85C 260 C For 5 Seconds
Un i t s mW mA mA V
Highe Efficiency Red ESA56-11EWA
DATA NO :EA0358
REV NO :V1
DATE :OCT/13/2001
ESA56-11EWA-2/2


▲Up To Search▲   

 
Price & Availability of ESA56-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X