Part Number Hot Search : 
6300A KBPC351 C85FDAAB MMPQ3467 48LC3 MMBD1501 33102 2140B
Product Description
Full Text Search
 

To Download ERC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ERC12 (1.2A)
GENERAL USE RECTIFIER DIODE
(600V to 800V / 1.2A )
Outline drawings, mm
o3.0 o0.8
28 MIN.
5.0
28 MIN.
Features
High surge current Compact size, light weight High reliability
Marking
Color code : Green Abridged type name Voltage class Lot No.
C1208
Applications
General purpose rectifier applications
Cathode mark
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Average forward current Surge current Operating junction temperature Storage temperature Symbol VRRM IF(AV) IFSM Tj Tstg Resistive load Ta=60C Sine wave 10ms Conditions Rating -06 600 1.2 100 -40 to +140 -40 to +140 -08 800 Unit V A A C C
Electrical characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Symbol VFM IRRM Conditions Tj=25C IFM=4.0A Tj=25C VR=VRRM Max. 1.0 10 Unit V A


▲Up To Search▲   

 
Price & Availability of ERC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X