Part Number Hot Search : 
B2403 HFA16 40N03 SFT501 PJSD24W 25DF041A 468A103 FH104
Product Description
Full Text Search
 

To Download ER1006F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
ER1000F - ER1006F
Pb
10A GLASS PASSIVATED SUPERFAST RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Super-Fast Switching Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
ITO-220A Dim Min Max 14.60 15.40 A 9.70 10.30 B 2.55 2.85 C 3.56 4.16 D 13.00 13.80 E 0.30 0.90 F 3.00 O 3.50 O G 6.30 6.90 H 4.20 4.80 I 2.50 2.90 J 0.36 0.80 K 2.90 3.30 L 4.83 5.33 P All Dimensions in mm
A
PIN1 3
Mechanical Data
! ! ! ! ! ! ! Case: ITO-220A, Full Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 +
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. ER 1000F 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 105C
Symbol VRRM VRWM VR VR(RMS) IO
ER ER ER 1001F 1001AF 1002F 100 70 150 105 200 140 10
ER 1003F 300 210
ER 1004F 400 280
ER 1006F 600 420
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 10A @TA = 25C @TA = 125C
IFSM VFM IRM trr Cj Tj, TSTG 35 80 0.95
150 1.3 10 500 50 50 -65 to +150 1.7
A V A nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ER1000F - ER1006F
1 of 4
(c) 2006 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 I(AV), AVERAGE FORWARD CURRENT (A)
100
1000F - 1002F
1003F - 1004F
10
6
4
1006F
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
180 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
150
1000F - 1002F
120
Cj, CAPACITANCE (pF)
100
90
60
1003F - 1006F
30
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
ER1000F - ER1006F
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE ER100xF
WTE ER100xF x Polarity
= Manufacturer's Logo = Device Number = 0, 1, 1A, 2, 3, 4 or 6 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
The full molded plastic package affords a major reduction of hardware as compared to a standard TO-220 package. However, precautions should be made in mounting procedure. A conical washer should be used to apply proper force to the device. Screw should not be tightened with any type of air-forced torque or equipment that may cause crack on device package. A layer of thermal grease or thermal pad in the interface will be considerably helpful for heat dissipation.
6-32 HEX Head Screw Plain Washer Rectifier Heatsink Conical Washer 6-32 HEX Nut
ER1000F - ER1006F
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
ER1000F ER1001F ER1001AF ER1002F ER1003F ER1004F ER1006F
1. 2.
Package Type
ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, ER1000F-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
ER1000F - ER1006F
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of ER1006F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X