Part Number Hot Search : 
IMP803SX 02800 SPED53F 3CMQ0 C100EP GSD1616A DG442AK 3000L
Product Description
Full Text Search
 

To Download EPA030C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
DATA SHEET
* * * * * * +23.0dBm TYPICAL OUTPUT POWER 11.0dB TYPICAL POWER GAIN AT 18GHz 0.3 X 300 MICRON RECESSED "MUSHROOM" GATE Si3N4 PASSIVATION ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY, AND HIGH RELIABILITY Idss SORTED IN 10mA PER BIN RANGE
330 50 D
EPA030C
High Efficiency Heterojunction Power FET
48
320 S S 100
40
G
95
45
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS P1dB G1dB PAE Idss Gm Vp BVgd BVgs Rth PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f=12GHz Vds=8V, Ids=50% Idss f=18GHz Gain at 1dB Compression f=12GHz Vds=8V, Ids=50% Idss f=18GHz Power Added Efficiency at 1dB Compression Vds=8V, Ids=50% Idss f=12GHz Saturated Drain Current Transconductance Pinch-off Voltage Vds=3V, Vgs=0V Vds=3V, Vgs=0V Vds=3V, Ids=1.0mA
Chip Thickness: 75 13 microns All Dimensions In Microns
MIN 21.0 12.0
TYP 23.0 23.0 13.5 11.0 45
MAX
UNIT dBm dB %
50 60
90 95 -1.0
130
mA mS
-2.5
V V V
o
Drain Breakdown Voltage Igd=1.0mA Source Breakdown Voltage Igs=1.0mA Thermal Resistance (Au-Sn Eutectic Attach)
-11 -7
-15 -14 125
C/W
MAXIMUM RATINGS AT 25OC SYMBOLS PARAMETERS ABSOLUTE1 CONTINUOUS2
Vds Drain-Source Voltage 12V 8V Vgs Gate-Source Voltage -8V -3V Ids Drain Current Idss 110mA Igsf Forward Gate Current 15mA 2.5mA Pin Input Power 21dBm @3dB Compression o Tch Channel Temperature 175 C 150oC Tstg Storage Temperature -65/175oC -65/150oC Pt Total Power Dissipation 1.1W 900mW Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054 Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
EPA030C
DATA SHEET
High Efficiency Heterojunction Power FET
S-PARAMETERS 8V, 1/2 Idss
FREQ --- S11 ----- S21 ----- S12 ----- S22 --ANG -9.3 -18.3 -25.5 -32.0 -37.1 -41.6 -45.8 -49.6 -53.4 -57.1 -61.3 -65.6 -70.4 -75.2 -80.5 -86.1 -92.3 -98.4 FREQ --- S11 ----- S21 ----- S12 ----- S22 --(GHz) MAG 1.0 0.975 2.0 0.951 3.0 0.911 4.0 0.883 ANG MAG ANG MAG ANG MAG -23.9 7.888 162.4 0.017 76.0 0.750 -46.7 7.419 147.5 0.032 63.5 0.726 -67.1 6.800 133.6 0.044 53.5 0.682 -85.5 6.169 121.3 0.053 44.0 0.643 (GHz) MAG ANG MAG 21.0 0.850 130.8 1.761 22.0 0.854 128.3 1.647 23.0 0.856 125.8 1.554 24.0 0.858 123.8 1.466 25.0 0.861 121.9 1.400 26.0 0.857 120.7 1.336 27.0 0.859 118.5 1.283 28.0 0.860 116.0 1.241 29.0 0.863 112.5 1.204 30.0 0.861 108.2 1.160 31.0 0.869 103.9 1.120 32.0 0.871 33.0 0.876 34.0 0.895 35.0 0.926 36.0 0.952 37.0 0.984 38.0 1.015 39.0 1.032 40.0 1.002 98.2 1.071 93.5 1.013 88.7 0.959 84.1 0.910 81.3 0.858 77.8 0.815 74.8 0.765 71.4 0.702 ANG MAG -0.7 0.069 -5.9 0.068 -11.0 0.067 -16.0 0.067 -21.0 0.067 -25.3 0.067 -30.2 0.068 -34.9 0.070 -40.3 0.072 -45.6 0.073 -51.1 0.072 -56.8 0.072 -62.5 0.070 -68.0 0.068 -73.5 0.069 -79.0 0.072 -84.5 0.075 -91.0 0.073 -97.1 0.074 ANG MAG ANG -18.3 0.404 -121.6 -18.6 0.416 -129.4 -19.4 0.435 -136.1 -19.4 0.449 -142.5 -19.1 0.474 -148.3 -16.9 0.489 -153.1 -17.1 0.504 -158.7 -17.2 0.515 -162.6 -17.4 0.523 -167.9 -19.5 0.533 -173.0 -21.1 0.540 -178.8 -23.7 0.552 175.1 -26.9 0.563 168.2 -28.5 0.579 161.5 -31.3 0.610 153.7 -36.4 0.642 146.1 -43.8 0.677 137.7 -51.4 0.702 130.2 -65.3 0.712 123.9 -70.2 0.725 119.1
5.0 0.859 -101.4 5.542 110.4 0.059 36.3 0.605 6.0 0.840 -114.7 4.993 100.9 0.063 30.0 0.577 7.0 0.825 -126.5 4.526 8.0 0.814 -136.9 4.125 9.0 0.808 -146.1 3.780 10.0 0.801 -154.1 3.495 11.0 0.799 -162.0 3.255 12.0 0.797 -169.5 3.041 13.0 0.794 -176.9 2.862 14.0 0.791 175.9 2.700 15.0 0.799 168.2 2.566 16.0 0.800 160.9 2.425 17.0 0.807 153.3 2.282 18.0 0.816 146.4 2.155 19.0 0.824 139.8 2.039 20.0 0.832 133.9 1.913 Note: 92.2 0.065 25.0 0.554 84.2 0.067 19.6 0.535 76.9 0.067 15.1 0.517 70.1 0.068 11.2 0.504 63.3 0.067 56.7 0.067 50.2 0.068 43.7 0.068 37.0 0.069 30.4 0.069 7.9 0.491 4.5 0.479 1.6 0.466 -1.9 0.453 -4.3 0.442 -7.5 0.434
23.6 0.070 -10.9 0.421 17.0 0.070 -12.1 0.411
10.5 0.071 -15.2 0.402 -105.0 4.3 0.071 -17.8 0.400 -111.3
70.1 0.650 -103.1 0.072
The data included 0.7 mils diameter Au bonding wires: 1 gate wires, 15 mils each; 1 drain wires, 20 mils each; 4 source wires, 7 mils each.


▲Up To Search▲   

 
Price & Availability of EPA030C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X