Part Number Hot Search : 
40004 MUAA2K80 N060PCAC Y6225 GJ9T18 34063A MX150 TDA1220
Product Description
Full Text Search
 

To Download ENH050Q1-650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ENH050Q1-650
ENH050Q1-650 Color TFT-LCD Module Features
PERFORMANCE FEATURES
n 13cm [5"] Display Size n Wide Temperature Range n Built-in CCFT B/L n Index Matching Film (IM)
Topr: -30C to +85C, TSTG: -30C to +85C
n Reflective Polarizer (RP) + BEF (x) n Compact Structure Utilizing ACF-COG Technology n Wide Viewing Angle
Horizontal: 130 Vertical: 105
n High Brightness (650 cd/m)
Unit cm["] pixel dot mm mm Parameter Backlight Type Brightness Power Consumption Outline Dimensions Weight Operating Temperature Storage Temperature Unit cd/m W mm g C C
SPECIFICATIONS
Parameter Display Size No. of Pixels Dot Format (H x V) Dot Pitch (H x V) Active Area (H x V) Input Signal System Input Video Signal Viewing Direction 13 [5] 74,880 320 x RGB x 234 0.1065 x 0.3195 102.2 x 74.8 NTSC/PAL Standard Analog RGB Wide Viewing Angle 1 CCFT 650 5.4 126.8 (W) x 89.6 (H) x 13.0 (D) 185 -30 to +85 -30 to +85
OUTLINE DIMENSIONS
126.6 13 107.4 (Bezel open area) 13
Active area center
99.6
42.4
RG BRG
960H x 234V dots
0.2 9.5 datum line
5
79.8 (Bezel open area)
Direction of best viewing angle (6 o'clock)
Active area (102.24 x 74.763)
13 16. datum line
3
5
3
October 2002 Rev. 1 ENH050Q1-650
2.2
31.2
1
2.2
Panelview (503) 690-2460 www.panelview.com Panelview is a subsidiary of White Electronic Designs Corporation


▲Up To Search▲   

 
Price & Availability of ENH050Q1-650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X