Part Number Hot Search : 
2SK996 BF800 AT54C TP200 20030 BF800 20030 K2520
Product Description
Full Text Search
 

To Download EMIFVV-XXXZZCY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMIF08-VID01C2
8 line low capacitance EMI filter and ESD protection
Main product characteristics
Where EMI filtering in ESD sensitive equipment is required :

LCD & camera for mobile phones Computers and printers Communication systems MCU Boards
Description
The EMIF08-VID01C2 is an 8 line highly integrated device designed to suppress EMI/RFI noise in all systems subjected to electromagnetic interference. The flip chip packaging means the package size is equal to the die size. This filter includes ESD protection circuitry, which prevents damage to the application when it is subjected to ESD surges up to 15kV.
Coated flip chip package
Pin configuration (Bumps side)
Benefits

12 11 10 I8
GND G ND
987 I6
GND G ND
654 I4
GND G ND
321 I2
GND G ND
High efficiency EMI filter (-33 dB @ 900 Mhz) Low line capacitance suitable for high speed data bus Low serial resistance for camera impedance adaptation Optimized PCB space consuming: 1.29 mm x 3.92 mm Very thin package: 0.695 mm Coating resin on back side and lead free package High efficiency in ESD suppression on inputs pins (IEC61000-4-2 level 4). High reliability offered by monolithic integration High reducing of parasitic elements through integration & wafer level packaging.
I7
I5
I3
I1
A B C
O8
O7
O6
O5
O4
O3
O2
O1
Complies with following standards:
IEC61000-4-2 level 4 input pins level 1 output pins 15 kV 8 kV 2 kV 2 kV (air discharge) (contact discharge (air discharge) (contact discharge
MIL STD 883E - Method 3015-6 Class 3
August 2005
Rev 2 1/6
www.st.com 6
1 Electrical characteristics (Tamb = 25C)
EMIF08-VID01C2
Figure 1.
Basic cell configuration
Input R Output
R = 100 Cline = 16 pF typ. @ 3 V
Table 1.
Symbol Vpp Tj Top Tstg
Absolute ratings (limiting values)
Parameter ESD discharge IEC61000-4-2 air discharge ESD discharge IEC61000-4-2 contact discharge Maximum junction temperature Operating temperature range Storage temperature range Value 15 8 125 -40 to +85 -55 to +150 Unit kV KV C C C
1
Electrical characteristics (Tamb = 25C)
Symbol VBR IRM VRM R Cline Parameters Breakdown voltage Leakage current @ VRM Stand-off voltage Series resistance between Input & Output Input capacitance per line
IM R VRM VBR V I
Symbol VBR IRM RI/O Cline IR = 1mA
Test conditions
Min 6
Typ 8
Max 10 500
Unit V nA pF
VRM = 3V per line I=10mA VR = 3V DC, 1 MHz 80 100 16
120 19
2/6
EMIF08-VID01C2
Figure 2.
dB
0 -5 -10 -15
1 Electrical characteristics (Tamb = 25C)
S21 (dB) attenuation measurement
Figure 3.
dB
0 -10 -20 -30 -40
Analog crosstalk measurement
-20
-50
-25 -30 -35 -40
-60 -70 -80 -90
f (Hz)
-45 100k 1M 10M 100M 1G
f (Hz)
100k 1M 10M 100M 1G
-100
Figure 4.
ESD response to IEC61000-4-2 (+15 kV air discharge) on one input Vin and one output Vout
Figure 5.
ESD response to IEC61000-4-2 (- 15 kV air discharge) on one input Vin and one output Vout
Input 10V/d
Input 10V/d
Output 10V/d
Output 10V/d
200ns/d
200ns/d
Figure 6.
Line capacitance versus applied voltage
CLINE (pF)
28 26 24 22 20 18 16 14 12 10 0 1 2
VLINE (V)
3 4 5
3/6
2 Ordering information scheme
EMIF08-VID01C2
2
Ordering information scheme
EMIF
EMI Filter Number of lines X: resistance (Ohms) Z: capacitance value / 10 pF or Application (3 letters) and Version (2 digits) C: Coated flip chip 1: Pitch = 500 m, Bump = 315 m 2: Lead free Pitch = 500 m, Bump = 315 m
vv
-
xxx zz
C
y
3
Package mechanical data flip chip
500m +/-50 250m +/-50 315 m +/- 50
435 m +/-50
695m +/- 70
50 1 m
3.92 mm +/-50m
Figure 7.
Marking
365 240
Figure 8.
Foot print receommendation
Dot, ST Logo xx = marking z = packaging location yww = date code Dimensions in
Copper pad Diameter : 250m recommended , 300m max
(R)
E
Solder stencil opening : 330m
xxz yww ww
Solder mask opening recommendation : 340m min for 300m copper pad diameter
4/6
1.29 mm +/-50m
+/ 50
365 40 220
EMIF08-VID01C2
Figure 9. Flip chip tape and reel specification
Dot identifying Pin A1 location 4 +/- 0.1
4 Ordering information
f 1.5 +/- 0.1
1.75 +/- 0.1 5.5 +/- 0.5
0.73 +/- 0.05
12 +/- 0.3 12 +/- 0.3
ST E
ST ST ST E
ST E
yww
yww yww yww
yww
xxz
User direction of unreeling
xxz xxz xxz
xxz
4 +/- 0.1
4
Ordering information
Ordering code EMIF08-VID01C2 Marking GS Package Flip Chip Weight 7.4mg Base qty 5000 Delivery mode 7" Tape and reel
5
Revision history
Date 13-Jul-2005 11-Aug-2005 Revision 1 2 Initial release. Fonts changed in Figures 7, 8, and 9. Changes
5/6
5 Revision history
EMIF08-VID01C2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of EMIFVV-XXXZZCY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X