Part Number Hot Search : 
FR105 LC821 2SA1980U MAX3232E AAT3194 2SA1980U D120D MM1662H
Product Description
Full Text Search
 

To Download EMIF6-100FC07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05190
EMIF6-100FC
EMI FILTER/TVS ARRAY
APPLICATIONS
Cellular Phones Notebooks Personal Digital Assistant (PDA) Ground Positioning System (GPS) SMART Card
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 15 BUMP FLIP CHIP
FEATURES
ESD Protection > 25 kilovolts Bidirectional EMI Filtering/TVS Low Pass Filters Low Insertion Loss: -3db Roll-Off @ 60MHz Protects Up to Six(6) Data Lines RoHS Compliant
MECHANICAL CHARACTERISTICS
15 Bump Flip Chip Package Weight 0.73 milligrams (Approximate) Available in Lead-Free Plating Solder Reflow Temperature: Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481
PIN CONFIGURATION
For Each Line
O1 O2 O3 O4 O5 O6
I/On
G1 G2 G3
100 Ohm I/On
27pF GND
27pF
I1
I2
I3
I4
I5
I6
05190.R8 2/07
1
www.protekdevices.com
EMIF6-100FC
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Operating Temperature Storage Temperature DC Power Per Resistor Typical Resistance @ 20%
SYMBOL
TA TSTG P R
VALUE
-40 to 85 -55 to 150 100 100
UNITS
C C mW OHMS
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM REVERSE LEAKAGE CURRENT @3.3V ID A 0.5
@ 25C Unless Otherwise Specified MINIMUM ATTENUATION CUT-OFF FREQUENCY (50 OHMS I/O) ZERO BIAS TYPICAL CAPACITANCE PER LINE (See Note 1) @2.5V, 1MHz CLINE pF 54
TYPICAL FORWARD VOLTAGE
V WM VOLTS EMIF6-100FC Note 1: 20% tolerance. 5.0
@ 1mA V(BR) VOLTS 6.0
@10mA VF VOLTS 0.8
@ 800-3000 MHz dB 30
fC MHz 60
1.100
FIGURE 1 RESISTANCE VS TEMPERATURE (Normalized to Resistance at 25C)
Normalized Resistance
1.060
1.020
0.980
0.940
0.900 -40 -20 0 20 40 Temperature C 60 80 100
05190.R8 2/07
2
www.protekdevices.com
EMIF6-100FC
GRAPHS
0 -5 -10 -15
Gain (dB)
FIGURE 2 INSERTION LOSS
-20 -25 -30 -35 -40 -45 -50 0.1 1 10 100
0 Volts
2.5 Volts
1000
10000
Frequency (MHz)
FIGURE 3 OVERSHOOT & CLAMPING VOLTAGE
35
5 Volts per Division
25
15
5
-5 ESD Test Pulse: +15 kilovolt, 1/30ns (waveform)
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE
4
1 Volts per Division
2
0
-2
-4 ESD Test Pulse: -15 kilovolt, 1/30ns (waveform)
05190.R8 2/07
3
www.protekdevices.com
EMIF6-100FC
SOLDER RECOMMENDATIONS
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Paste Type Pad Protective Finish Tolerance - Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous (183C) Soldering Maximum Temperature
VALUE
0.275mm Round Non-Solder Mask Defined Pads 0.325mm Round 0.150mm 0.330mm Round No Clean OSP(Entek Cu Plus 106A) 50m 20m 60 Seconds 270C
REQUIREMENTS
Temperature: TP for Lead-Free (SnAgCu): 260-270C TP for Tin-Lead: 240-245C Preheat time and temperature depends on solder paste and flux activation temperature, component size, weight, surface area & plating.
RECOMMENDED NON-SOLDER MASK DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad 0.275mm DIA.
Solder Mask Opening 0.325mm DIA.
Solder Stencil Opening 0.330mm DIA.
TP Ramp-up
Temperature - C
Ramp-down TL TSMAX 155 TSMIN 140 TS - Preheat
t 25C to Peak 30-60 seconds
Ramp-up 15 seconds
Solder Time 15-20 seconds
Ramp-down
05190.R8 2/07
4
www.protekdevices.com
EMIF6-100FC
15 BUMP FLIP CHIP PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
BOTTOM VIEW
PACKAGE DIMENSIONS MILLIMETERS INCHES MIN
0.1148 0.0506 0.0195 0.0096 0.0169 0.0169 0.0071 0.0071 0.0170 0.0130
A G O G I 1
0.30 DIA. 63/67 Sn/Pb Solder Bumps
C
D E F H
DIM
SIDE VIEW
MIN
2.915 1.285 0.495 0.245 0.430 0.430 0.180 0.180 0.432 0.330
MAX
3.005 1.375 0.505 0.255 0.440 0.440 0.280 0.280 0.559 0.457
MAX
0.1183 0.0541 0.0199 0.0100 0.0173 0.0173 0.0110 0.0110 0.0220 0.0180
B
A B C D E F G H I J
2
3
4
5
6
I J
NOTE: 1. Controlling dimensions in millimeters.
SOLDER PAD LAYOUT
TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Plastic 8mm Tape: Suffix-T73-1 = 7 Inch Reel - 3,000 pieces per reel, i.e., EMIF6-100FC-T73-1. 3. Suffix - LF = Lead-Free, i.e., EMIF6-100FC-LF-T73-1. 4. Suffix - C = Coated Version, i.e., EMIF6-100FC-T73C-1.
0.86
Non solder mask defined pad 0.275mm Solder mask opening 0.325mm
Solder stencil opening 0.330mm 0.50 0.25
Outline & Dimensions: Rev 2 - 8/06, 06042
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P t
1.78 0.05 3.35 0.05 0.76 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.200.025
P0 t D P2
10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 F W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05190.R8 2/07
5
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of EMIF6-100FC07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X