Part Number Hot Search : 
CXK77 0WXXX 00800 M62714ML XXXXXXX6 O55CC S5T5855A 2N1651
Product Description
Full Text Search
 

To Download EMDC-20-2-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED
E-Series 75 Ohm Coupler 40 - 1000 MHz
Features
* Typical Coupling -20 dB * Surface Mount
EMDC-20-2-75
SM-55
Description
M/A-COM's EMDC-20-2-75 is a 75 Ohm Non Directional Coupler, in a Low Cost, Surface Mount Package. Ideally used with a 75 Ohm resistor in series with the Coupled Port.
Specifications @ 25C
Frequency Range Mainline Loss 40 - 1000 MHz Coupling 40 - 500 MHz 500 - 870 MHz 870 - 1000 MHz Typical 0.4 dB Nominal 20 +/-1 20 +/-3 20 +/-4 40 - 1000 MHz Maximum 0.7 dB Flatness 1.0 dB 2.0 dB 3.0 dB Function Input Output Coupled Ground Case Ground Not Connected External 75 Ohms Pin No. 6 1 4 5 2, 3 -
Operating Characteristics
Impedance 75 Ohms Nominal
Absolute Maximum Ratings
Parameter RF Power DC Current Operating/Storage Temp. Absolute Maximum 250 mWatt 30 mA -20C to +85C
Specifications Subject to Change Without Notice
S 1368 A
AMP M/A-COM Eurotec * Loughmahon Technology Park * Blackrock * Cork * Ireland * Tel: 353-21-808300 * Fax: 353-21-359935


▲Up To Search▲   

 
Price & Availability of EMDC-20-2-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X