Part Number Hot Search : 
MA5883 W25X80 TYN625 2SD208 5C300DC P89LP AAT31 30191
Product Description
Full Text Search
 

To Download EL9214IREZ-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL9211, EL9212, EL9214
Data Sheet December 22, 2004 FN7007.0
100MHz 100mA VCOM Amplifiers
The EL9211, EL9212, and EL9214 feature 1, 2, and 4 channel high power output amplifiers. They are designed primarily for generation of VCOM voltages in TFT-LCD applications. Each amplifier features a -3dB bandwidth of 130MHz with slew rates of 115V/s. Each device comes in a thermal package and can drive 300mA peak per output. All units are available in Pb-free packaging only and are specified for operation over the -40C to +85C temperature range.
Features
* 1, 2, and 4 channel versions * 130MHz -3dB bandwidth * 115V/s slew rate * 300mA peak output current * Supply voltage from 5V to 13.5V * Low supply current - <2.4mA per channel * Pb-free available (RoHS compliant)
Ordering Information
PART NUMBER (See Note) EL9211IWZ-T7 EL9211IWZ-T7A EL9211IYEZ EL9211IYEZ-T7 EL9211IYEZ-T13 EL9212IYEZ EL9212IYEZ-T7 EL9212IYEZ-T13 EL9214IREZ EL9214IREZ-T7 EL9214IREZ-T13 PACKAGE (Pb-Free) 5-Pin SOT-23 5-Pin SOT-23 8-Pin HMSOP 8-Pin HMSOP 8-Pin HMSOP 8-Pin HMSOP 8-Pin HMSOP 8-Pin HMSOP 14-Pin HTSSOP 14-Pin HTSSOP 14-Pin HTSSOP TAPE & REEL 7" (3K pcs) 7" (250 pcs) 7" 13" 7" 13" 7" 13" PKG. DWG. # MDP0038 MDP0038 MDP0050 MDP0050 MDP0050 MDP0050 MDP0050 MDP0050 MDP0048 MDP0048 MDP0048
Applications
* TFT-LCD VCOM supply * Electronics notebooks * Computer monitors * Electronics games * Touch-screen displays * Portable instrumentation
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL9211, EL9212, EL9214 Pinouts
EL9211 (5-PIN SOT-23) TOP VIEW
OUT 1 VS- 2 IN+ 3 +4 IN5 VS+ NC 1 IN- 2 IN+ 3 VS- 4 +
EL9211 (8-PIN HMSOP) TOP VIEW
8 NC 7 VS+ 6 OUT 5 NC
EL9212 (8-PIN HMSOP) TOP VIEW
VOUTA 1 VINA- 2 VINA+ 3 VS- 4 + + 8 VS+ 7 VOUTB 6 VINB5 VINB+
EL9214 (14-PIN HTSSOP) TOP VIEW
VOUTA 1 VINA- 2 VINA+ 3 VS+ 4 VINB+ 5 VINB- 6 VOUTB 7 -+ +-+ +14 VOUTD 13 VIND12 VIND+ 11 VS10 VINC+ 9 VINC8 VOUTC
2
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214
Absolute Maximum Ratings (TA = 25C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . .+15V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V, VS +0.5V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . 100mA Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER INPUT CHARACTERISTICS VOS TCVOS IB RIN CIN VREG CMIR CMRR AVOL
VS+ = +6V, VS- = -6V, RL = 10k, RF = 0, CL = 10pF to 0V, Gain = -1, TA = 25C, unless otherwise specified. CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
Input Offset Voltage Average Offset Voltage Drift Input Bias Current Input Impedance Input Capacitance Load Regulation Common Mode Input Range Common Mode Rejection Ratio Open Loop Gain
VCM = 6V (Note) VCM = 6V
-6
-1 10
+2
mV V/C
-1.4 1 1.35
-0.4
A G pF
VCOM = 6V, -100mA < IL < 100mA
-20 -0.5
+20 +12.5 100 70
mV V dB dB
For VIN from -0.5 to +12.5V
75 55
OUTPUT CHARACTERISTICS VOL VOH ISC Output Swing Low Output Swing High Short Circuit Current IL = -5mA IL = +5mA 10.7 0.9 10.94 300 1.1 V V mA
POWER SUPPLY PERFORMANCE PSRR IS Power Supply Rejection Ratio Total Supply Current VS from 4.5V to 10.5V EL9211 (no load) EL9212 (no load) EL9214 (no load) DYNAMIC PERFORMANCE SR tS BW Slew Rate (Note) Settling to +0.1% (AV = -1) -3dB Bandwidth 2V step, 20% to 80% (AV = -1), VO = 2V step RL = 10k, CL = 10pF, AV = +1 RL = 10k, CL = 10pF, AV = -1 GBWP PM Gain-Bandwidth Product Phase Margin RL = 10k, CL = 10pF RL = 10k, CL = 10pF 90 115 30 130 52 63 43 V/s ns MHz MHz MHz 50 75 2.3 4.5 8.8 2.9 5 9.6 dB mA mA mA
NOTE: Slew rate is measured on rising and falling edges.
3
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Typical Performance Curves
8 RL=1k GAIN (dB) 6 4 2 0 -2 -4 -6 -8 -10 1M 10M FREQUENCY (Hz) 100M 500M -12 100K 1M 10M FREQUENCY (Hz) 100M 500M VS=6V AV=+1 RF=0 RL=10k CL=18pF
8 VS=6V 6 AV=+1 4 CL=10pF GAIN (dB) 2 0 -2 -4 -6 -8 -10 -12 100K RL=10k RL=100
CL=10pF CL=0pF
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS CL
80 70 60 50 GAIN (dB) 40 30 20 10 0 -10 -20 1K VS=6V RL=10k CL=10pF 10K 100K 1M 10M GAIN PHASE
250 150 100 50 0 -50 PHASE () OUTPUT IMPEDANCE () 200
80 70 60 50 40 30 20 10 0 -10
VS=6V AV=+1
-100 -150 -200 -250 100M
-20 100K
1M
10M
100M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 3. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 4. CLOSED LOOP OUTPUT IMPEDANCE vs FREQUENCY
10 0 -10
PSRR (dB)
VS=6V PSRRCMRR (dB)
-10 -20 -30 -40 -50 -60 -70 -80 -90
VS=6V
-20 -30 -40 -50 -60 -70 -80 -90 1K
10K 100K
PSRR+
1M
10M
100M 500M
-100 1K
10K
100K
1M
10M
100M 500M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 5. PSRR
FIGURE 6. CMRR
4
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Typical Performance Curves
(Continued)
-20 -30 CHANNEL SEPARATION -40 -50 -60 -70 -80 -90 -100 -110
VOLTAGE NOISE (nV/Hz)
VS=6V AV=+1 RL=10k
1000
100
10
1 1M 10M 100M 100 1K 10K 100K 1M 10M 100M 500M
-120 100K
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 7. CHANNEL SEPARATION FOR EL9212/EL9214
FIGURE 8. VOLTAGE NOISE vs FREQUENCY
0.026 0.0255 0.025 THD+N (%) 0.0245 0.024 0.0235 0.023 0.0225 0.022 1K
12 MAX OUTPUT SWING (VOP-P) VS=6V AV=+1 RF=0 VOPP=1V RL=50 10 8 6 4 2 0 10K VS=6V AV=+1 RL=10k 100K 1M FREQUENCY (Hz) 10M 100M
10K FREQUENCY (Hz)
100K
FIGURE 9. THD + NOISE vs FREQUENCY
FIGURE 10. MAXIMUM OUTPUT SWING vs FREQUENCY
80 70 OVERSHOOT (%) 60 50 40 30 20
4.5 VS=6V AV=+1 RL=10k VIN=50mV VOUT - VS- (V) 4 3.5 3 2.5 2 1.5 1 0.5 0 20 40 60 80 100 120 140 0 0 0.05 0.1 ISINK (A) 0.15 0.2 VS=6V RF=6k VIN+=6V
LOAD CAPACITANCE (pF)
FIGURE 11. SMALL SIGNAL OVERSHOOT vs LOAD CAPACITANCE
FIGURE 12. VOUT - VS- vs ISINK
5
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Typical Performance Curves
4.5 4 3.5 VS+ - VOUT (V) 3 2.5 2 1.5 1 0.5 0 0 0.05 0.1 ISOURCE (A) 0.15 0.2 CH 1
VOUT
(Continued)
VS=6V RF=6k VIN+=6V CH 2
VS=6V AV=+1 RL=10k
VIN
FIGURE 13. VS+ - VOUT vs ISOURCE
FIGURE 14. LARGE SIGNAL TRANSIENT RESPONSE
CH 2
VS=6V AV=+1 RL=10k VIN
CH 2
VOUT
CH 1
FIGURE 15. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 16. GOING INTO SATURATION POSITIVE EDGE
CH 2
FIGURE 17. GOING INTO SATURATION NEGATIVE EDGE
FIGURE 18. DELAY TIME
6
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Typical Performance Curves
(Continued)
3 0.5 POWER DISSIPATION (W) 2.5 2 IS (mA) 1.5 1 0.5 0 IS 0.45
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
0.4 435mW 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 0 25 50 75 85 100 125 150 SOT23-5/6 JA=230C/W
2
2.5
3
3.5
4 VS (V)
4.5
5
5.5
6
AMBIENT TEMPERATURE (C)
FIGURE 19. SUPPLY CURRENT(PER AMPLIFIER) vs SUPPLY
VOLTAGE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD HTSSOP EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5
0.45 POWER DISSIPATION (W) 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD POWER DISSIPATION (W) 391mW
3.5
3 2.632W 2.5 2 1.5 1 0.5 0 0 25 50 75 85 100 125 150 HTSSOP14 JA=38C/W
SOT23-5/6 JA=256C/W
0
25
50
75 85 100
125
150
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
1 POWER DISSIPATION (W) 0.9
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
0.8 694mW 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50
HTSSOP14 JA=144C/W
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 23. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
7
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Pin Descriptions
EL9211 (5-PIN SOT-23) 1 EL9211 (8-PIN HMSOP) 6 EL9212 (8-PIN HMSOP) 1 EL9214 (14-PIN HTSSOP) 1 PIN NAME VOUTA FUNCTION Amplifier A output EQUIVALENT CIRCUIT
VS+
GND
VS-
CIRCUIT 1 4 2 2 2 VINAAmplifier A inverting input
VS+
VS-
CIRCUIT 2 3 5 3 7 3 8 5 6 7 3 4 5 6 7 8 9 10 2 4 4 11 12 13 14 1, 5, 8 VINA+ VS+ VINB+ VINBVOUTB VOUTC VINCVINC+ VSVIND+ VINDVOUTD NC Amplifier A non-inverting input Positive power supply Amplifier B non-inverting input Amplifier B inverting input Amplifier B output Amplifier C output Amplifier C inverting input Amplifier C non-inverting input Negative power supply Amplifier D non-inverting input Amplifier D inverting input Amplifier D output Not connected (Reference Circuit 2) (Reference Circuit 2) (Reference Circuit 1) (Reference Circuit 2) (Reference Circuit 2) (Reference Circuit 1) (Reference Circuit 1) (Reference Circuit 2) (Reference Circuit 2) (Reference Circuit 2)
8
FN7007.0 December 22, 2004
EL9211, EL9212, EL9214 Application Information
Product Description
The EL9211, EL9212, and EL9214 voltage feedback amplifiers are fabricated using a high voltage CMOS process. They exhibit rail-to-rail input and output capability, are unity gain stable and have low power consumption (2.4mA per amplifier). These features make the EL9211, EL9212, and EL9214 ideal for a wide range of generalpurpose applications. Connected in voltage follower mode and driving a load of 10K, the EL9211, EL9212, and EL9214 have a -3dB bandwidth of 130MHz while maintaining a 115V/s slew rate. The EL9211 is a single amplifier, EL9212 is a dual amplifier, and EL9214 is a quad amplifier.
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and quad package be configured as a unity gain follower. The inverting input should be directly connected to the output and the non-inverting input tied to the ground plane.
Power Supply Bypassing and Printed Circuit Board Layout
The EL9211, EL9212, and EL9214 can provide gain at high frequency. As with any high-frequency device, good printed circuit board layout is necessary for optimum performance. Ground plane construction is highly recommended, lead lengths should be as short as possible and the power supply pins must be well bypassed to reduce the risk of oscillation. For normal single supply operation, where the -VS pin is connected to ground, a 0.1F ceramic capacitor should be placed from +VS to pin and -VS to pin. A 4.7F tantalum capacitor should then be connected in parallel, placed in the region of the amplifier. One 4.7F capacitor may be used for multiple devices. This same capacitor combination should be placed at each supply pin to ground if split supplies are to be used.
Operating Voltage, Input, and Output
The EL9211, EL9212, and EL9214 are specified with a single nominal supply voltage from 5V to 13.5V or a split supply with its total range from 5V to 13.5V. Most EL9211, EL9212, and EL9214 specifications are stable over both the full supply range and operating temperatures of -40C to +85C. Parameter variations with operating voltage and/or temperature are shown in the typical performance curves.
Short Circuit Current Limit
The EL9211, EL9212, and EL9214 will limit the short circuit current to 300mA if the output is directly shorted to the positive or negative supply. If an output is shorted indefinitely, the power dissipation could easily increase such that the device may be damaged. Maximum reliability is maintained if the output continuous current never exceeds 65mA. This limit is set by the design of the internal metal interconnects.
Output Phase Reversal
The EL9211, EL9212, and EL9214 are immune to phase reversal as long as the input voltage is limited from -VS -0.5V to +VS +0.5V. Although the device's output will not change phase, the input's over-voltage should be avoided. If an input voltage exceeds supply voltage by more than 0.6V, electrostatic protection diodes placed in the input stage of the device begin to conduct and over-voltage damage could occur.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9
FN7007.0 December 22, 2004


▲Up To Search▲   

 
Price & Availability of EL9214IREZ-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X