Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
 

To Download EL6293CLZT13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL6293
Data Sheet July 15, 2004 FN7271
Laser Diode Driver with Waveform Generator
The EL6293 is a highly integrated laser diode driver designed to support multi-standard writable optical drives. It accomplishes this by incorporating a waveform generator wherein the diode currents and timing details can be programmed before operation. The data input circuitry inspects the NRZ serial data waveform and generates programmed waveforms in recognition of 3, 4, 5, or 6 or more clock periods of space changing to 3, 4, 5, or 6 or more clock periods of mark, and vice versa. This programmable architecture allows reprogramming of the timers to support different media, DVD or CD standards, and different speeds. The programming is accomplished through a serial interface port. Two outputs are provided to support dual-laser multi-standard optical heads. The EL6293 also contains a fast I/V amplifier with programmable sampler that allows the user to sample any level of the output waveform by using an external photodiode. The EL6293 requires 3.3V and 5V supplies, with all the logical interface operating on the 3.3V supply.
Features
* Complete programmable laser diode driver * 350mA maximum total output * 8-bit x 8-bit multiplying DAC output provides 8-bit full scale adjustment and 8-bit resolution at any full scale output * 0.17ns timer resolution * Two laser outputs allows read/write DVD and CD combinations * Programmable waveform values support 2.6GB DVDRAM, 4.7GB DVD-RAM, DVD-R, DVD+RW, DVD-RW, CD-RW, and CD-R * Analog input supports APC * HFM oscillator programmable to 100mAP-P from 100MHz to 500MHz * PLL allows reduced-frequency clock on flex cable * Separate serial input works up to 25Mb/sec * Fast I/V amplifier with sampler * Pb-free Available as an Option
Applications
* Combination DVD writable and CD writable drives * DVD camcorders * DVD video recorders
Ordering Information
PART NUMBER EL6293CL PACKAGE 32-Pin QFN 32-Pin QFN 32-Pin QFN 32-Pin QFN (Pb-free) 32-Pin QFN (Pb-free) 32-Pin QFN (Pb-free) TAPE & REEL 7" 13" 7" 13" PKG. DWG. # MDP0046 MDP0046 MDP0046 MDP0046 MDP0046 MDP0046
Get FULL DATASHEET
EL6293CL-T7 EL6293CL-T13 EL6293CLZ (See Note) EL6293CLZ-T7 (See Note) EL6293CLZT13 (See Note)
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL6293
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2


▲Up To Search▲   

 
Price & Availability of EL6293CLZT13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X