|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E-Series 2 I/Q Modulator -- 215 - 225 MHz EKIN2-220 EKIN2-220 E-Series I/Q Modulator 215 - 225 MHz Features * * High Carrier Suppression High 3I and 5I Suppression SM-7-1 Package Description M/A-COM's EKIN2-220 is a passive, high performance surface mount Modulator. It is ideally suited for IF Modulation in Cellular Base Stations. Typical system applications include GSM, DCS1800, W-CDMA and PCS. Electrical Specifications @25C Parameter Frequency Range (LO) Carrier I/Q 215 - 225 DC - 5 Units MHz MHz dBc dBc dBc dBc dB dBm -- dB Typical -- -- 40.0 38.0 48.0 65.0 6.0 +10.0 1.0 -10.0 60.0 Minimum -- -- 30.0 30.0 40.0 60.0 -- -- -- 50.0 Maximum -- -- -- -- -- -- 7.0 (LO) Carrier Suppression * SSB Rejection * Harmonic Suppression * 3 x I/Q 5 x I/Q Conversion Loss (LO) Carrier Power I/Q Drive Level LO - RF Isolation 1.0 -- -- * Note: When Q = +90 degrees relative to I; Lower sideband is suppressed. Related to wanted sideband power. Please note that the photograph above indicates package only, not actual unit. V2.00 S 0698 E M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 www.macom.com AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice. E-Series 2 I/Q Modulator -- 215 - 225 MHz EKIN2-220 Absolute Maximum Ratings Parameter Operating Temperature Storage Temperature Pin Temperature (10 Sec) Absolute Maximum -10C to +70C -55C to +100C 260C Functional Configuration Function LO RF I Q External 50 Ohms Case Ground Not Connected Pin No. 1 8 5 6 -- 2,3,4,7 -- Typical Performance @ +25C Harmonic Suppression 0.0 -10.0 -20.0 -30.0 -40.0 dB -50.0 -60.0 -70.0 -80.0 -90.0 -100.0 219.5 219.7 219.9 220.1 220.3 220.5 Frequency (MHz) V2.00 S 0698 E M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 www.macom.com AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice. |
Price & Availability of EKIN2-220 |