Part Number Hot Search : 
TMV1412 F6052K3 XAMTP 21012 K20J60 AD1147 001118 SR5902
Product Description
Full Text Search
 

To Download EK62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EK62
MICROTECHNOLOGY
INTRODUCTION
The EK62 evaluation kit is designed to provide a convenient way to breadboard design ideas for the SA305EX three O BLDC motor driver IC. The PB119 evaluation board is pre-wired for all required and recommended external components including the ones for power supply bypassing and current sensing. The PB119 also includes a breadboard area for constructing your application circuit.
ASSEMBLY
1. Solder surface mount ceramic capacitors C1 and C4 on the component side of the board. 2. Solder the SIP socket into the board. Insert the IC fully into the socket, noting the pin 1 location on the IC and the circuit board. 3. Add 3 resistors for current sense. Refer to SA305U datasheet for acceptable values and power dissipation ratings of current sense resistors. 4. Install the banana jacks for signals and power. Please note that the banana jacks need to be installed on both sides of the board as shown in figure (only for low voltage signals and Vdd on the bottom end of the board). 5. Mount the electrolytic capacitors C2 and C5 in the specified location in the board. 6. Solder the diodes D1-D6 provided with the kit for high current applications. 7. Mount the standoffs in the four holes provided in the board. 8. If a heat sink is used, position the thermal washer behind the package tab of the IC in such a way that the hole on the washer coincides with the hole on the tab and the heat sink. Attach the IC to the heat sink in such a way that the pins hang out of the heat sink. In the PC board remove the two standoffs on the top of the board. Carefully insert the part with the heat sink into the socket.
PARTS LIST
ApexP/N Description/Vendor Qty HS14 Heat Sink 1 029372326215 SIP Socket 1 Loranger N/A PB119 PC board 1 Many 571-0100 Banana Jack 22 Deltron C1, C4 OX7R105KWN 1 F cap 2 Novacap 1825B105K201N C2, C5 140-ESRL100V100 100F cap, 2 Xicon N/A TW12 Thermal Washer, Apex 1 Box N/A 91920A865 Standoffs 4 McMaster-Carr RecommendedComponents(includedinEKkit) D1-D6 SB5100-T Diode, 100V, 5A 6 Ref N/A
SCHEMATIC
P
E R
IM L
I
A N
Y R
APEX MICROTECHNOLOGY CORPORATION * TELEPHONE (520) 690-8600 * FAX (520) 888-3329 * ORDERS (520) 690-8601 * EMAIL prodlit@apexmicrotech.com
1
EK62
PCB LAYOUT
PCB LAYOUT
APEX MICROTECHNOLOGY CORPORATION * 5980 NORTH however, no responsibility TUCSON, for possible inaccuracies*orUSA * APPLICATIONS HOTLINE:to change without notice. This data sheet has been carefully checked and is believed to be reliable, SHANNON ROAD * is assumed ARIZONA 85741 omissions. All specifications are subject 1 (800) 546-2739
2
EK62U REV 1 FEBRUARY 2006 (c) 2006 Apex Microtechnology Corp.
PRELIMINARY


▲Up To Search▲   

 
Price & Availability of EK62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X