Part Number Hot Search : 
SRA22 BU2527A CM1666 BZX84C51 MN4078B 051ESA TP10AS SMAJ40
Product Description
Full Text Search
 

To Download EGPZ15M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet 1.5 Amp Glass Passivated
EGPZ15A . . . 15M Series
Description
Sintered Fast Efficient Rectifiers
JEDEC D0-41
.080 .107 .205 .160
Mechanical Dimensions
1.00 Min.
.031 typ.
Features
n LOWEST COST FOR GLASS SINTERED FAST EFFICIENT CONSTRUCTION n LOWEST VF FOR GLASS SINTERED FAST EFFICIENT CONSTRUCTION n TYPICAL IR < 100 nAmps EGPZ15A . . . 15M Series 15A 50 35 50 15B 100 70 100 15D 200 140 200 15G 400 280 400 15J 600 420 600 15K 800 560 800 15M 1000 700 1000 Volts Volts Volts Amps Amps Volts Amps Amps pF C / W nS C Units n 1.5 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n SINTERED GLASS CAVITY-FREE JUNCTION
Electrical Characteristics @ 25 o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Current 3/8" Lead Length @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM 8.3mS, 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ Rated Forward Current and 25C...VF DC Reverse Current...IR(max) @ Rated DC Blocking Voltage TA = 25C TA = 125C
............................................. 1.5 ............................................... ............................................. 5 0 ............................................... < ............. 1.0 ........... > 1.3 < .............. 1.7 ............ >
............................................. 5.0 ............................................... ............................................. 1 0 0 ............................................... ............................................. 2 5 ............................................... ............................................. 3 0 ............................................... < ...................... 5 0 ................... > < ............. 7 5 ........... > ......................................... -65 to 150 ..........................................
Typical Junction Capacitance...CJ (Note 1) Maximum Thermal Resistance...RJA (Note 2) Maximum Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
Preliminary Data Sheet 1.5 Amp Glass Passivated
Sintered Fast Efficient Rectifiers
Die Dimension (mils)
A T
Avg. Forward Rectified Current (A)
Forward Current Derating Curve
D
Glass
d
G
Ambient Temperature (C) Non-Repetitive Peak Forward Surge Current Number of Cycles @ 60 HZ
D 84
d G 56 2+0.5
T 11
A 15+1
Typical Junction Capacitance
Peak Forward Surge Current (A) Typical Instantaneous Forward Characteristics Reverse Leakage Current (A)
Reverse Voltage (V)
Junction Capacitance (pF) Typical Reverse Characteristics
Forward Current (A)
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Forward Voltage (V)
Percent of Rated Peak Voltage (%)
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
For Capacitive Load, Derate Current by 20%.
EGPZ15A . . . 15M Series


▲Up To Search▲   

 
Price & Availability of EGPZ15M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X