Part Number Hot Search : 
1206L020 9729K 6050G X1240 NTE15 EA61FC4 SG220 0R12K
Product Description
Full Text Search
 

To Download EFM-2100TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series Surface Mount Mixer 2110 - 2170 MHz
Features
* * * * * * LO Power +13 dBm +22dB Compression Point Surface Mount +32dBm IIP3 Up and Down Converting Tape and reel packaging available
EFM-2100 V2
SM - 106 - Non Hermetic Package
0.800 (20.32)
2 4 6 8 10 12 14
0.400 (10.16)
0.220 MAX (5.50)
Description
M/A Com's EFM-2100 uses a novel, patent pending design to achieve very high linearity at low LO drive levels. Typically IP3 performance is +32dBm with an LO drive level of just +13dBm. The mixer combines PHEMT devices and carefully matched transformers in a surface mount package which can be used for both up and down converting. It is ideally suited for wireless applications where high linearity is required. Parts are packaged in tape & reel.
1
3
5
7
9
11
13
0.083 (2.10)
0.100 (2.54)
ORIENTATION DOT 0.679 (17.24)
0.070 (1.80)
0.440 (11.16)
0.100 (2.54)
0.100 (2.54)
0.078 (2.00)
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter
RF Frequency LO Frequency IF Frequency Conversion Loss Isolation Isolation Isolation VSWR VSWR
Test Conditions
DC bias 3V 0.3V DC bias 3V 0.3V DC bias 3V 0.3V -- LO to RF LO to IF RF to IF LO RF
Frequency
2110 -2170 1650 - 2070 100 - 500 2110 - 2170 1650 - 2070 1650 - 2070 2110 - 2170 1650 - 2070 2110 - 2170
Units
MHz MHz MHz dB dB dB dB -- --
Min
-- -- -- 10.0 20.0 25 -- --
Typ
-- -- -- 8.5 16.0 25.0 35 2.5 2.8
Max
-- -- -- 10.0 -- -- -- -- --
Ordering Information
Part Number
EFM-2100TR
Package
Tape and Reel (300 piece Reel)
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 2110 - 2170 MHz
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter
IF VSWR Input IP3 Input IP3 Input 1dB Compression
EFM-2100 V2
Test Conditions
-- Up Converting Down Converting --
Frequency
100 - 500 -- -- 1850 - 1980
Units
-- dBm dBm dBm
Min
-- 30.0 30.0 --
Typ
1.8 34.0 34.0 22.0
Max
-- -- -- --
Pin Configuration
Pin No.
1 2 3 4 5 6 7
Schematic
Function
Ground RF Ground Ground Ground Ground Ground 8 9 10 11 12 13 14 Ground LO Ground Ground Ground Bias IF
Absolute Maximum Ratings 1
Parameter
Max RF Power Peak IF Current Operating Temperature Storage Temperature ESD Rating
Absolute Maximum
200 mW 40 mA -40C to +85C -55C to +125C Zero
1. Operation of this device above any one of these parameters may cause permanent damage.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 2110 - 2170 MHz
Typical Performance Curves
Conversion Loss LO - RF Isolation
EFM-2100 V2
-5 -6
-10 -14
dB
dB
2010 2042 2074 2106 2138 2170
-7 -8 -9
-18 -22 -26 1510 1622 1734 1846 1958 2070
Freq(MHz)
LO--IF Isolation IIP3
Freq (MHz)
-25 -30 -35
35 33 31
dB
-40 -45 -50 1510
28.0 26.0 24.0 22.0 20.0 1510 1622 1734 1846 1958 2070
dB
1622 1734 1846 1958 2070
29 27 25 2010 2042 2074 2106 2138 2170
Freq (MHz)
1 dB Compression Point
Freq(MHz)
dB
Freq (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 2110 - 2170 MHz
Spurious Table: 2100MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 1 RF (n) 2 3 4 X 35 77 77 77 0 9 0 77 77 77 1 17 37 56 77 77 2 LO (m) RF = 2110 MHz, 0dBm LO = 2010 MHz, +13dBm IF = 100 MHz RF = 2100 MHz, 0dBm LO = 1610 MHz, +13dBm IF = 500 MHz 22 57 77 70 77 3 30 45 77 77 77 4 RF (n) 0 1 2 3 4 X 25 77 77 77 0 8 0 77 77 77 1
EFM-2100 V2
Spurious Table: 2100MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 12 28 62 77 77 2 LO (m) 10 59 52 77 77 3 23 61 77 70 77 4
Spurious Table: 2170MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 1 RF (n) 2 3 4 X 33 70 71 77 0 10 0 77 77 77 1 13 45 48 77 77 2 LO (m) RF = 2170 MHz, 0dBm LO = 2070 MHz, +13dBm IF = 100 MHz 22 59 74 66 77 3 32 47 69 77 77 4
Spurious Table: 2170MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 1 RF (n) 2 3 4 X 34 73 77 77 0 RF = 2170 MHz, 0dBm LO = 1670 MHz, +13dBm IF = 500 MHz 10 0 77 77 77 1 12 39 65 77 77 2 LO (m) 16 54 60 77 77 3 17 65 77 77 77 4
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of EFM-2100TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X