Part Number Hot Search : 
AT89C5 LD6805K SC314 21000 GRM155 160F3 M54515P BF721T1
Product Description
Full Text Search
 

To Download EFM-19001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series Surface Mount Mixer 1850 - 1980 MHz
Features
* * * * * * LO Power +13 dBm +22dB Compression Point Surface Mount +32dBm IIP3 Up and Down converting Tape and reel packaging available
EFM-1900 V2
SM - 106 - Non Hermetic Package
0.800 (20.32)
2 4 6 8 10 12 14
0.400 (10.16)
0.220 MAX (5.50)
Description
M/A Com's EFM-1900 uses a novel, patent pending design to achieve very high linearity at low LO drive levels. Typically IP3 performance is +32dBm with an LO drive level of just +13dBm. The mixer combines PHEMT devices and carefully matched transformers in a surface mount package which can be used for both up and down converting. It is ideally suited for wireless applications where high linearity is required. Parts are packaged in tape & reel.
1
3
5
7
9
11
13
0.083 (2.10)
0.100 (2.54)
ORIENTATION DOT 0.679 (17.24)
0.070 (1.80)
0.440 (11.16)
0.100 (2.54)
0.100 (2.54)
0.078 (2.00)
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter
RF Frequency LO Frequency IF Frequency Conversion Loss Isolation Isolation Isolation VSWR VSWR
Test Conditions
DC bias 3V 0.3V DC bias 3V 0.3V DC bias 3V 0.3V -- LO to RF LO to IF RF to IF LO RF
Frequency
1850 - 1980 1350 - 1880 100 - 500 1850 - 1980 1350 - 1880 1350 - 1880 1350 - 1880 1350 - 1880 1850 - 1980
Units
MHz MHz MHz dB dB dB dB -- --
Min
-- -- -- 15.0 22.0 25.0 -- --
Typ
-- -- -- 7.5 19.0 28.0 35.0 3.8 3.5
Max
-- -- -- 9.5 -- -- -- -- --
Ordering Information
Part Number
EFM-1900TR
Package
Tape and Reel (300 piece Reel)
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 1850 - 1980 MHz
Electrical Specifications: TA = 25C, Z0 = 50 1
Parameter
IF VSWR Input IP3 Input 1dB Compression
EFM-1900 V2
Test Conditions
-- -- --
Frequency
100 - 500 -- 1850 - 1980
Units
-- dBm dBm
Min
-- 28.0 --
Typ
1.8 32.0 22.0
Max
-- -- --
Pin Configuration
Pin No.
1 2 3 4 5 6 7
Schematic
Function
Ground RF Ground Ground Ground Ground Ground 8 9 10 11 12 13 14 Ground LO Ground Ground Ground Bias IF
Absolute Maximum Ratings 1
Parameter
Max RF Power Peak IF Current Operating Temperature Storage Temperature ESD Rating
Absolute Maximum
200 mW 40 mA -40C to +85C -55C to +125C Zero
1. Operation of this device above any one of these parameters may cause permanent damage.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 1850 - 1980 MHz
Typical Performance Curves
Conversion Loss LO - RF Isolation
EFM-1900 V2
-3
-15 -18 -20
-5
dB
-7
dB
-23 -25 1350 1456 1562 1668 1774 1880
1850 1876
-9 1902 1928 1954 1980
Freq (MHz)
LO--IF Isolation IIP3
Freq (MHz)
-30 -34
37 34
dB
dB
-38 -42 -46 1350
28 26
31 28 25 1850
Freq (MHz)
1980
1 dB Compression Point
1456
Freq (MHz)
1562
1668
1774
1880
dB
24 22 1350
1476
1602
1728
1854
1980
Freq (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
E-Series Surface Mount Mixer 1850 - 1980 MHz
Spurious Table: 1850MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 1 RF (n) 2 3 4 X 26 67 77 77 0 16 0 77 77 77 1 8 42 55 77 77 2 LO (m) RF = 1850 MHz, 0dBm LO = 1750 MHz, +13dBm IF = 100 MHz RF = 1850 MHz, 0dBm LO = 1350 MHz, +13dBm IF = 500 MHz 16 47 77 77 77 3 16 58 77 77 77 4 RF (n) 0 1 2 3 4 X 27 58 77 77 0 13 0 77 77 77 1
EFM-1900 V2
Spurious Table: 1850MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 29 17 53 77 77 2 LO (m) 27 58 49 77 77 3 25 45 74 70 77 4
Spurious Table: 1980MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 1 RF (n) 2 3 4 X 30 77 77 77 0 9 0 69 77 77 1 25 55 66 77 77 2 LO (m) RF = 1980 MHz, 0dBm LO = 1880 MHz, +13dBm IF = 100 MHz 34 62 74 77 77 3 17 60 77 77 77 4
Spurious Table: 1980MHz
(In dBc below IF, assuming down conversion) nfLO - mfRF 0 RF (n) 1 2 3 4 X 30 70 77 77 0 RF = 1980 MHz, 0dBm LO = 1480 MHz, +13dBm IF = 500 MHz 12 0 77 77 77 1 18 21 66 77 77 2 LO (m) 14 59 60 77 77 3 25 58 75 77 77 4
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of EFM-19001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X