Part Number Hot Search : 
SVD8N60F SRP5001S CS8430 MF646 BA221 1008CR18 300A1 1N2815
Product Description
Full Text Search
 

To Download EDZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EDZ Series
Diodes
Zener diode
EDZ Series
!Applications Constant voltage control !External dimensions (Units : mm)
CATHODE MARK
!Features 1) Extremely compact, 2-pin mini-mold type for highdensity mounting (EMD2). 2) Can be mounted automatically,using chip mounter. 3) High reliability.
1.20.05
1.60.1
0.30.05 0.80.05
0.120.05
0.60.1
Type No. and date of manufacture stamped on body in digital marking.
!Construction Silicon epitaxial planar
ROHM : EMD2 EIAJ : SC-79 JEDEC : SOD-523
!Absolute maximum ratings (Ta = 25C)
Parameter Power dissipation Junction temperature Storage temperature Operating temperature Symbol P Tj Tstg Topr Limits 100 125 -55 ~ +125 -55 ~ +125 Unit mW C C C
!Markings (Type No.)
Product name EDZ4.7B EDZ5.1B EDZ5.6B EDZ6.2B EDZ6.8B
(Ex.) EDZ4.7B 9 2
Type No. 9 A C E F 2 2 2 2 2
EDZ Series
Diodes
!Electrical characteristics (Ta = 25C)
Zener voltage Type Min. EDZ4.7B EDZ5.1B EDZ5.6B EDZ6.2B EDZ6.8B 4.550 4.980 5.490 6.060 6.650 VZ (V) Max. 4.750 5.200 5.730 6.330 6.930 IZ (mA) 5 5 5 5 5 Operating resistance Rising operating resistance ZZ () Max. 100 80 60 60 40 IZ (mA) 5 5 5 5 5 ZZk () Max. 800 500 200 100 60 IZ (mA) 0.5 0.5 0.5 0.5 0.5 Reverse current IR (A) Max. 2 2 1 1.0 0.5 VR (V) 1.0 1.5 2.5 3.0 3.5
Notes) 1. The Zener voltage (Vz) is measured 40ms after power is supplied. 2. The operating resistances (Zz, Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
!Electrical characteristic curves (Ta = 25C)
100m
4.7B 5.1B 5.6B 6.2B 6.8B
200
POWER DISSIPATION : Pd (mW)
ZENER CURRENT : Iz (A)
10m 1m
100
CAPACITANCE BETWEEN TERMINALS : CT (PF)
100
4.7B
100 10 1 100n 1 2 3 4 5 6 7
50
10
5.1B 5.6B 6.2B 6.8B
0 0
25
50
100
150
0
1
10
ZENER VOLTAGE : Vz (V)
AMBIENT TEMPERATURE : Ta (C)
REVERSE VOLTAGE : VR (V)
Fig. 1 Zener characteristics
Fig. 2 Derating curve
Fig. 3 Capacitance between terminal characteristics
TEMP. COEFFICIENT CHARACTERISTICS (% / C)
0.12 0.10 0.08 0.06 0.04 0.02 0.00 -0.02 -0.04 -0.06 -0.08 ZENER VOLTAGE : Vz (V) 4 8 12 16 20 24 28 32
Iz=5mA Iz=500A
Fig. 4 Zener voltage-temp. coefficient chracteristics
EDZ series : Vz=4.7V6.8V


▲Up To Search▲   

 
Price & Availability of EDZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X