![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
White Electronic Designs FEATURES EDI8F321024C 1024Kx32 Static RAM CMOS, High Speed Module 1024Kx32 bit CMOS Static RAM Access Times: 15, 20, and 25ns Individual Byte Selects Fully Static, No Clocks TTL Compatible I/O The EDI8F321024C is a high speed 32 megabit Static RAM module organized as 1024K words by 32 bits. This module is constructed from eight 1024Kx4 Static RAMs in SOJ packages on an epoxy laminate (FR4) board. Four chip enables (EO#-E3#) are used to independently enable the four bytes. Reading or writing can be executed on individual bytes or any combination of multiple bytes through proper use of selects. The EDI8F321024C is offered in 72 pin ZIP and 72 lead SIMM packages, which enable 32 megabits of memory to be placed in less than 1.3 square inches of board space. All inputs and outputs are TTL compatible and operate from a single 5V supply. Fully asynchronous circuitry requires no clocks or refreshing for operation and provides equal access and cycle times for ease of use. Pins PD1- PD4, are used to identify module memory density in applications where alternate modules can be interchanged. DESCRIPTION High Density Package 72 Pin ZIP, No. 175 72 lead SIMM, No. 176 (Angle) 72 lead SIMM, No. 356 (Straight) Common Data Inputs and Outputs Single +5V (10%) Supply Operation *This product is subject to change without notice. FIG. 1 PIN CONFIGURATIONS AND BLOCK DIAGRAM A0-A19 E0#-E3# W# G# DQ0-DQ31 VCC VSS NC PIN NAMES Address Inputs Chip Enables Write Enable Output Enable Common Data Input/Output Power (+5V10%) Ground No Connection 9 9 9 9 # # # # A0-A19 W# G# 9 # # 1 Meg X4 E0# DQ0-DQ3 1 Meg X4 DQ4-DQ7 9 9 1 Meg X4 E1# DQ8-DQ11 1 Meg X4 DQ12-DQ15 9 9 9 9 1 Meg X4 E2# DQ16-DQ19 1 Meg X4 DQ20-DQ23 1 Meg X4 E3# DQ24-DQ27 1 Meg X4 DQ28-DQ31 PD0 AND PD2 = GROUND PD1 AND PD3 = OPEN 8F321024C Pin Config. 8F321024C Blk Dia. White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs ABSOLUTE MAXIMUM RATINGS* Voltage on any pin relative to VSS Operating Temperature TA (Ambient) Commercial Industrial Storage Temperature, Plastic Power Dissipation Output Current -0.5V to 7.0V 0C to +70C -40C to +85C -55C to +125C 7.0 Watts 20 mA EDI8F321024C RECOMMENDED DC OPERATING CONDITIONS Parameter Supply Voltage Supply Voltage Input High Voltage Input Low Voltage Sym VCC VSS VIH VIL Min 4.5 0 2.2 -0.3 Typ 5.0 0 - - Max 5.5 0 6.0 0.8 Units V V V V AC TEST CONDITIONS Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels Output Load (Note: For tEHQZ,tGHQZ and tWLQZ, CL = 5pF) *Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. VSS to 3.0V 5ns 1.5V 1TTL, CL = 30pF DC ELECTRICAL CHARACTERISTICS Parameter Operating Power Supply Current Standby (TTL) Power Supply Current Full Standby Power Supply Current CMOS Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage *Typical: TA = 25C, VCC = 5.0V Sym ICC1 ICC2 ICC3 ILI ILO VOH VOL Conditions W#, E# = VIL, II/O = 0mA, Min Cycle E# VIH, VIN VIL or VIN VIH E# VCC-0.2V VIN VCC-0.2V or VIN 0.2V VIN = 0V to VCC V I/O = 0V to VCC IOH = -4.0mA IOL = 8.0mA Min Typ Max 1280 480 80 Units mA mA mA A A V V - - 2.4 - - - - - 80 20 - 0.4 TRUTH TABLE E# H L L L W# X H L H G# X L X H Mode Standby Read Write Output Deselect Output HIGH Z DOUt DIN HIGH Z Power ICC2/ICC3 ICC1 ICC1 ICC1 Parameter Address Lines Data Lines Chip Enable Line Write Line (f=1.0MHz, VIN=VCC or VSS) Sym CI CD/Q CC CN Max 60 20 20 60 Unit pF pF pF pF CAPACITANCE These parameters are sampled, not 100% tested. White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs AC CHARACTERISTICS READ CYCLE Parameter Read Cycle Time Address Access Time Chip Enable Access Chip Enable to Output in Low Z (1) Chip Disable to Output in High Z (1) Output Hold from Address Change Output Enable to Output Valid Output Enable to Output in Low Z (1) Output Disable to Output in High Z(1) Note 1: Parameter guaranteed, but not tested. EDI8F321024C Symbol JEDEC tAVAV tAVQV tELQV tELQX tEHQZ tAVQX tGLQV tGLQX tGHQZ Alt. tRC tAA tACS tCLZ tCHZ tOH tOE tOLZ tOHZ 0 3 3 Min 15 15ns Max 15 15 3 7 3 7 0 7 Min 20 20ns Max 20 20 3 10 3 8 0 8 Min 25 25ns Max 25 25 12 10 10 Units ns ns ns ns ns ns ns ns ns FIG. READ CYCLE 1 - W# HIGH, G#, E# LOW tAVAV A ADDRESS 1 tAVQV ADDRESS 2 tAVQX Q DATA 1 DATA 2 FIG. 3 READ CYCLE 2 - W# HIGH tAVAV A tAVQV E# tELQV tELQX G# tGLQV tGLQX tEHQZ tGHQZ Q 8F8512C Rd Cyc2 White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs AC CHARACTERISTICS WRITE CYCLE Symbol Parameter Write Cycle Time Chip Enable to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write Recovery Time Data Hold Time Write to Output in High Z (1) Data to Write Time Output Active from End of Write (1) Note 1: Parameter guaranteed, but not tested. EDI8F321024C 15ns Min 15 10 10 0 0 10 10 12 12 0 0 3 3 0 7 7 3 7 Max Min 20 15 15 0 0 15 15 15 15 0 0 3 3 0 12 12 3 tWC tCW tCW tAS tAS tAW tAW tWP tWP tWR tWR tDH tDH 20ns Max Min 25 20 20 0 0 20 20 20 20 0 0 0 0 8 0 15 15 3 25ns Max Units ns ns ns ns ns ns ns ns ns ns ns ns ns 12 ns ns ns ns JEDEC tAVAV tELWH tWLEH tAVWL tAVEL tAVWH tAVEH tWLWH tELEH tWHAX tEHAX tWHDX tEHDX tWLQZ tDVWH tDVEH tWHQX Alt. tWHZ tDW tDW tWLZ FIG. 4 WRITE CYCLE 1 - W# CONTROLLED tAVAV A E# tELWH tAVWH tWHAX tWLWH W# tAVWL tDVWH tWHDX tWHQX D tWLQZ DATA VALID Q 8F8512C Write Cyc1 HIGH Z White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 4 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs FIG. 5 WRITE CYCLE 2 - E# CONTROLLED tAVAV A EDI8F321024C tAVEL tELEH E# tAVEH tEHAX tWLEH W# tDVEH tEHDX D Q 8F8512C Write Cyc2 DATA VALID HIGH Z White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 5 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs ORDERING INFORMATION Part Number EDI8F321024C15MNC EDI8F321024C20MNC EDI8F321024C25MNC Speed (ns) 15 20 25 Package No. 176 176 176 Part Number EDI8F321024C15MZC EDI8F321024C20MZC EDI8F321024C25MZC EDI8F321024C15MMC EDI8F321024C20MMC EDI8F321024C25MMC EDI8F321024C Note: To order gold SIMM option, change "EDIF" to "EDIG". Speed (ns) 15 20 25 15 20 25 Package No. 175 175 175 356 356 356 PACKAGE DESCRIPTIONS PACKAGE NO.175: 72 PIN ZIP 3.865 MAX. .050 .050 R NOT P1 M COM E .020 E DF NDE O W R NE .100 TYP. 175-8F321024C Pkg. N ESIG D .175 .125 S .360 MAX. .590 MAX. .250 TYP. .052 TYP. .100 TYP. PACKAGE NO. 176: 72 LEAD ANGLED SIMM 4.255 MAX. 3.984 1.992 .680 MAX. .225 MIN. .400 .250 .250 TYP. 2.045 3.750 .062 R. .062 R. .050 TYP. 176-8F321024C Pkg. .125 MIN. .360 MAX. PACKAGE NO. 356: 72 PIN SIMM .125 DIA (2x) J4 4.255 MAX. 3.984 R.# .360 MAX. .600 MAX. .400 .250 J2 J1 164 P1 .050 TYP. 2.045 .250 TYP. 1.992 3.750 .062 R. (2x) 356-8F321024C Pkg. .125 MIN. ALL DIMENSIONS ARE IN INCHES White Electronic Designs Corp. reserves the right to change products or specifications without notice. Aug. 2002 Rev. 8A 6 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com |
Price & Availability of EDI8F321024C25MZC
![]() |