|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E-Series Diplexer 5-1000 MHz SM-85 Package 1.20 (30.0) 15 14 13 12 11 16 17 1.20 18 (30.0) 19 20 EC 10 9 8 6 1 0.202 16X (5.13) 23 4 5 20X ORIENTATION DOT 20 19 18 0.35 MAX (9.0) 0.03 (0.8) 17 16 15 14 13 12 11 BOTTOM VIEW 1 2 3 4 5 6 7 8 9 10 1.980 (4.00) 1.215 7 (30.86) 1.215 (30.86) 0.204 4X (5.19) 0.202 16X (5.13) 0.078 20X (2.00) Features * * Surface Mount Impedance 75 Ohms Nominal Description M/A-COM's EDF-2E is a Low Cost, Non Hermetically Sealed Diplex Filter unit designed for CATV applications. Electrical Specifications @ 25C Parameter Test Conditions Units Min. Typ. Max. Frequency Range Low Pass Cutoff Loss Pass Reject High Pass Cutoff High Pass Reject Insertion Loss Low Pass (PassBand) Low Pass (StopBand) Low Pass (StopBand) High Pass (StopBand) High Pass (PassBand) Insertion Loss Flatness Crossover Band Isolation Return Loss Input Port Return Loss Low Pass Port Return Loss High Pass Port 5-1000 MHz 65 MHz 88 MHz 88 MHz 65 MHz 5-65 MHz 88-870 MHz 870-1000 MHz 5-65 MHz 88-1000 MHz 5-65 MHz 88-870 MHz 65-88 MHz 5-66 MHz 88-870 MHz 5-65 MHz 88-870 MHz 870-1000 MHz dB dB dB dB dB dB dB dB dB dB dB dB dB 45 42 48 30.0 17.0 17.0 17.0 17.0 15.0 0.5 48 45 50 0.5 35.0 19.0 19.0 19.0 19.0 16.0 1.0 1.2 0.5 0.5 1 Rev D Note: Specifications subject to change without notice. Note *: Flatness is defined as any response change within a 10 MHz frequency span therefore the flatness spec is intended to mean that no change of 0.5dB, within a 10 MHz frequency span anywhere in the pass band of a diplex filter will be permitted. EDF-2E Typical Performance @ +25 C Input Return Loss Isolation 5.00 0.00 -5.00 -10.00 -15.00 10.00 0.00 -10.00 -20.00 -30.00 dB dB 10.00 100.00 1000.00 -20.00 -25.00 -40.00 -50.00 -30.00 -60.00 -35.00 -70.00 -40.00 -80.00 -45.00 1.00 Frequency (MHz) -90.00 1.00 10.00 100.00 1000.00 Frequency (MHz) Low Pass Filter Insertion Loss High Pass Filter Insertion Loss 0.00 10.00 0.00 -10.00 -10.00 -20.00 -20.00 -30.00 -30.00 dB dB 10.00 100.00 1000.00 -40.00 -40.00 -50.00 -60.00 -50.00 -60.00 -70.00 -70.00 -80.00 -90.00 1.00 -80.00 1.00 10.00 100.00 1000.00 Frequency (MHz) Frequency (MHz) Low Pass Filter Output Return Loss High Pass Filter Output Return Loss 0.00 5.00 -5.00 0.00 -10.00 -5.00 -15.00 -10.00 -20.00 dB dB -25.00 -30.00 -35.00 -40.00 -45.00 1.00 10.00 100.00 1000.00 -15.00 -20.00 -25.00 -30.00 -35.00 1.00 10.00 100.00 1000.00 Frequency (MHz) Frequency (MHz) Rev D Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Absolute Maximum 020 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 Ratings Visit www.macom.com for additional data sheets and product information. 2 EDF-2E Absolute Maximum Ratings Parameter RF Power DC Current Operating/Storage Temperature Absolute Maximum 250 mW 30 mA -20 C to +85 C Functional Configuration Pin No. Function Input Low Pass High Pass Ground Not Connected 18 9 7 1-6,8,10-17,19,20 - Rev D Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information. 3 |
Price & Availability of EDF-2E |